Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T491A106010A Datasheet(PDF) 5 Page - Kemet Corporation

Part # T491A106010A
Description  SOLID TANTALUM CHIP CAPACITORS T491 SERIES - Precision Molded Chip
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T491A106010A Datasheet(HTML) 5 Page - Kemet Corporation

  T491A106010A Datasheet HTML 1Page - Kemet Corporation T491A106010A Datasheet HTML 2Page - Kemet Corporation T491A106010A Datasheet HTML 3Page - Kemet Corporation T491A106010A Datasheet HTML 4Page - Kemet Corporation T491A106010A Datasheet HTML 5Page - Kemet Corporation T491A106010A Datasheet HTML 6Page - Kemet Corporation T491A106010A Datasheet HTML 7Page - Kemet Corporation T491A106010A Datasheet HTML 8Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
19
CONSTRUCTION
CAPACITOR MARKINGS
T491 Series — All Case Sizes
Print Week Code:
1st Digit = Year
2nd & 3rd Digits = Week
"542" = The 42nd week of 2005
Polarity
Indicator (+)
Picofarad
Code
KEMET
I. D. Symbol
Rated
Voltage
226
20 K
542
Negative
Termination*
Mn02 Coat
(First Layer)
Silver Paint
(Third Layer)
Tantalum
Wire
Carbon
(Second Layer)
Tantalum
(Ta2O5)
Molded
Case
Silver Adhesive
Washer
Positive
Termination*
Weld
Polarity
Stripe (+)
Polarity
Bevel (+)
*100% tin
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
T491 RATINGS & PART NUMBER REFERENCE
SOLID TANTALUM CHIP CAPACITORS
T491 SERIES—Precision Molded Chip
(1)
To complete KEMET Part Number, insert M for ±20% tolerance or K for ±10% tolerance.
(2)
To complete KEMET Part Number, insert T, H, G, or S lead material designation as shown on page 15.
*Extended Values
**6 Volt product equivalent to 6.3 volt product.
#Maximum Capacitance Change @ 125ºC=+15%.
†Maximum Capacitance Change @ 125ºC=+20%.
Higher voltage ratings and tighter tolerance product may be substituted within the same size at KEMET’s option.
Voltage substitutions will be marked with the higher voltage rating.
Capaci-
tance
µF
Case
Size
KEMET
Part Number
DC
Leakage
μA @ 25ºC
Max
DF %
@ +25ºC
120 Hz
Max
ESR
Ω
@ +25°C
100 kHz
Max
0.10
A
T491A104(1)035A(2)
0.5
4.0
20.0
0.15
A
T491A154(1)035A(2)
0.5
4.0
19.0
0.22
A
T491A224(1)035A(2)
0.5
4.0
18.0
0.33
A
T491A334(1)035A(2)
0.5
4.0
15.0
0.47
B
T491B474(1)035A(2)
0.5
4.0
8.0
0.47
A
T491A474(1)035A(2)
0.5
4.0
12.0
0.68
B
T491B684(1)035A(2)
0.5
4.0
6.5
0.68
*A
T491A684(1)035A(2)
0.5
4.0
8.0
1.0
B
T491B105(1)035A(2)
0.5
4.0
5.0
1.0
*A
T491A105(1)035A(2)
0.5
4.0
7.5
1.5
C
T491C155(1)035A(2)
0.5
6.0
4.5
1.5
B
T491B155(1)035A(2)
0.5
6.0
5.0
2.2
C
T491C225(1)035A(2)
0.8
6.0
3.5
2.2
*B
T491B225(1)035A(2)
0.8
6.0
4.0
3.3
C
T491C335(1)035A(2)
1.2
6.0
2.5
#3.3
*B
T491B335(1)035A(2)
1.2
6.0
3.5
4.7
D
T491D475(1)035A(2)
1.7
6.0
1.5
4.7
C
T491C475(1)035A(2)
1.7
6.0
2.2
6.8
D
T491D685(1)035A(2)
2.4
6.0
1.3
6.8
*C
T491C685(1)035A(2)
2.4
6.0
1.8
10.0
D
T491D106(1)035A(2)
3.5
6.0
1.0
#10.0
*C
T491C106M035A(2)
3.5
6.0
1.6
#10.0
*V
T491V106(1)035A(2)
3.5
6.0
2.0
15.0
X
T491X156(1)035A(2)
5.3
6.0
0.9
15.0
D
T491D156(1)035A(2)
5.3
6.0
0.8
22.0
X
T491X226(1)035A(2)
7.7
6.0
0.7
#22.0
*D
T491D226(1)035A(2)
7.7
6.0
0.7
#33.0
*X
T491X336(1)035A(2)
11.6
6.0
0.6
†47.0
*X
T491X476(1)035A(2)
16.5
8.0
0.6
#47.0
*E
T491E476(1)035A(2)
16.5
10.0
0.5
0.10
A
T491A104(1)050A(2)
0.5
4.0
20.0
0.15
B
T491B154(1)050A(2)
0.5
4.0
16.0
0.15
*A
T491A154(1)050A(2)
0.5
4.0
15.0
0.22
B
T491B224(1)050A(2)
0.5
4.0
14.0
0.33
B
T491B334(1)050A(2)
0.5
4.0
10.0
0.47
C
T491C474(1)050A(2)
0.5
4.0
8.0
0.47
*B
T491B474(1)050A(2)
0.5
4.0
9.0
0.68
C
T491C684(1)050A(2)
0.5
4.0
7.0
0.68
*B
T491B684(1)050A(2)
0.5
4.0
8.0
1.0
C
T491C105(1)050A(2)
0.5
4.0
5.5
1.0
*V
T491V105(1)050A(2)
0.5
4.0
6.0
1.5
D
T491D155(1)050A(2)
0.8
6.0
3.5
1.5
*C
T491C155(1)050A(2)
0.8
6.0
4.5
2.2
D
T491D225(1)050A(2)
1.1
6.0
2.5
2.2
*C
T491C225(1)050A(2)
1.1
6.0
3.0
3.3
D
T491D335(1)050A(2)
1.7
6.0
2.0
4.7
D
T491D475(1)050A(2)
2.4
6.0
1.4
6.8
X
T491X685(1)050A(2)
3.5
6.0
1.0
#6.8
*D
T491D685(1)050A(2)
3.4
6.0
1.0
#10.0
*X
T491X106M050A(2)
5.0
6.0
0.7
#10.0
*D
T491D106(1)050A(2)
5.0
6.0
0.8
†15.0
*X
T491X156(1)050A(2)
7.5
8.0
0.7
35 Volt Rating at +85ºC (23 Volt Rating at +125ºC)
50 Volt Rating at +85ºC (33 Volt Rating at + 125ºC)


Similar Part No. - T491A106010A

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491A106004A KEMET-T491A106004A Datasheet
1Mb / 24P
   T491 Industrial Grade MnO2 Series
T491A106020A KEMET-T491A106020A Datasheet
1Mb / 24P
   T491 Industrial Grade MnO2 Series
More results

Similar Description - T491A106010A

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491X107K016AS KEMET-T491X107K016AS Datasheet
725Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS T491 SERIES - Precision Molded Chip
T491B226K006AS KEMET-T491B226K006AS Datasheet
725Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS T491 SERIES - Precision Molded Chip
T491A475K016AS KEMET-T491A475K016AS Datasheet
725Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS T491 SERIES - Precision Molded Chip
logo
Vishay Siliconix
292D336X06R3P2T VISHAY-292D336X06R3P2T Datasheet
129Kb / 8P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Leadframeless Molded
Revision: 16-Sep-09
298D VISHAY-298D_08 Datasheet
213Kb / 11P
   Solid Tantalum Chip Capacitors MICROTAN™ Leadframeless Molded
Revision: 01-Sep-08
594D VISHAY-594D_17 Datasheet
313Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 21-Jun-17
logo
Cornell Dubilier Electr...
T491T156K004AS CDE-T491T156K004AS Datasheet
277Kb / 4P
   Solid Tantalum Chip Capacitors
logo
Vishay Siliconix
TM8 VISHAY-TM8_17 Datasheet
423Kb / 18P
   Solid Tantalum Chip Capacitors
Revision: 09-Mar-17
logo
Kemet Corporation
CWR11DB105MBA KEMET-CWR11DB105MBA Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T495 KEMET-T495 Datasheet
726Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com