Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G6SU-2G-Y24VDC Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # G6SU-2G-Y24VDC
Description  SURFACE-MOUNTING SIGNAL RELAY - G6S
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

G6SU-2G-Y24VDC Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

  G6SU-2G-Y24VDC Datasheet HTML 1Page - List of Unclassifed Manufacturers G6SU-2G-Y24VDC Datasheet HTML 2Page - List of Unclassifed Manufacturers G6SU-2G-Y24VDC Datasheet HTML 3Page - List of Unclassifed Manufacturers G6SU-2G-Y24VDC Datasheet HTML 4Page - List of Unclassifed Manufacturers G6SU-2G-Y24VDC Datasheet HTML 5Page - List of Unclassifed Manufacturers G6SU-2G-Y24VDC Datasheet HTML 6Page - List of Unclassifed Manufacturers G6SU-2G-Y24VDC Datasheet HTML 7Page - List of Unclassifed Manufacturers G6SU-2G-Y24VDC Datasheet HTML 8Page - List of Unclassifed Manufacturers G6SU-2G-Y24VDC Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
239
Text
238
Text
Surface-Mounting Signal Relay – G6S
G6S-2F, G6SU-2F, G6SK-2F, G6S-2F-Y
G6S-2G, G6SU-2G, G6SK-2G, G6S-2G-Y
Cover tape
Emboss tape
Carrier tape
13
±0.2
2
±10.5
2
±0.3
29.5
±1.0
25.5
±0.5
R1.0
330
80
Feed direction
Orientation mark
Tape Packing
When ordering, add “-TR” before the rated coil voltage for tape packing.
Tape type: TE2416R (Refer to EIAJ)
Reel type: R24E (Refer to EIAJ)
Relays per reel: 400
Precautions
Use a DC power supply with 5% or less ripple factor to operate
the coil.
Do not use the G6S where subject to strong external magnetic
fields.
Do not use the G6S where subject to magnetic particles or
excessive amounts of dust.
Do not reverse the polarity of the coil (+, -).
Latching types are delivered in the reset position. We recommend
that a reset voltage be applied in advance to start operation.
Do not drop the G6S or otherwise subject it to excessive shock.
Remove the relay from the packing immediately prior to usage.
Precautions
Long-term Continuously ON Contacts
Using the Relay in a circuit where the Relay will be ON
continuously for long periods (without switching) can lead to
unstable contacts because the heat generated by the coil itself
will affect the insulation, causing a film to develop on the contact
surfaces. We recommend using a latching relay (magnetic-holding
relay) in this kind of circuit. If a single-side stable model must be
used in this kind of circuit, we recommend using a fail-safe circuit
design that provides protection against contact failure or coil
burnout.
Relay Handling
Use the Relay as soon as possible after opening the moisture-
proof package. If the Relay is left for a long time after opening the
moisture-proof package, the appearance may suffer and seal
failure may occur after the solder mounting process. To store the
Relay after opening the moisture-proof package, place it into the
original package and sealed the package with adhesive tape.
When washing the product after soldering the Relay to a PCB, use
a water-based solvent or alcohol-based solvent, and keep the
solvent temperature to less than 40∞C. Do not put the Relay in a
cold cleaning bath immediately after soldering.
G6S (K) (-U) -2 Soldering
Soldering temperature: Approx. 250˚C (At 260˚C if the DWS
method is used.)
Soldering time: Approx. 5 s max. (Approx. 2 s for the first time and
approx. 3 s for the second time if the DWS method is used.)
Be sure to adjust the level of the molten solder so that the solder
will not overflow onto the PCB.
Claw Securing Force During Automatic Mounting
During automatic insertion of Relays, be sure to set the securing
force of each claw to the following so that the Relay’s
characteristics will be maintained.
A
C
B
Dimension A: 1.96 N max.
Dimension B: 4.90 N max.
Dimension C: 1.96 N max.
CAT. No. K093-E2-04A-X
Surface-Mounting Signal Relay – G6S
Double-winding Latching
G6SK-2
Tolerance:
±0.3
Footprint
(Bottom View)
Tolerance:
±0.1
Terminal Arrangement/
Internal Connections
(Bottom View)
G6SK-2G
Tolerance:
±0.3
Footprint
(Top View)
Tolerance:
±0.1
Terminal Arrangement/
Internal Connections
(Top View)
Orientation mark
Orientation mark
7.3+0.2
G6SK-2F
Tolerance:
±0.3
Footprint
(Top View)
Tolerance:
±0.1
Terminal Arrangement/
Internal Connections
(Top View)
Ten, 1-dia. holes
Orientation mark
Omron 08 Cat 1-302
5/10/07
15:39
Page 238


Similar Part No. - G6SU-2G-Y24VDC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G6SU-2G-Y24VDC ETC2-G6SU-2G-Y24VDC Datasheet
1Mb / 9P
   SURFACE-MOUNTING SIGNAL RELAY-G6S
More results

Similar Description - G6SU-2G-Y24VDC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G6SU212DC ETC2-G6SU212DC Datasheet
1Mb / 9P
   SURFACE-MOUNTING SIGNAL RELAY-G6S
logo
Omron Electronics LLC
G6J2FSYTRDC45 OMRON-G6J2FSYTRDC45 Datasheet
346Kb / 12P
   Surface-mounting Relay
G6J-Y OMRON-G6J-Y Datasheet
400Kb / 12P
   Surface-mounting Relay
G6J-2FS-Y-TRDC45 OMRON-G6J-2FS-Y-TRDC45 Datasheet
346Kb / 12P
   Surface-mounting Relay
G6J2PYDC12 OMRON-G6J2PYDC12 Datasheet
346Kb / 12P
   Surface-mounting Relay G6J-Y
logo
Picker Components
PC302S PICKER-PC302S_14 Datasheet
246Kb / 2P
   Microminiature Surface Mount Signal Relay
PC303S PICKER-PC303S Datasheet
145Kb / 2P
   Microminiature Surface Mount Signal Relay
PC302S PICKER-PC302S Datasheet
173Kb / 2P
   Microminiature Surface Mount Signal Relay
PC304S PICKER-PC304S Datasheet
127Kb / 2P
   Microminiature Surface Mount Signal Relay
logo
Omron Electronics LLC
G6KU-2G-Y-TR-DC3 OMRON-G6KU-2G-Y-TR-DC3 Datasheet
1Mb / 9P
   Surface Mounting Relay with the World?셲 Smallest Mounting Area
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com