Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP4253CZ12-6-TTL Datasheet(PDF) 9 Page - NXP Semiconductors

Part # IP4253CZ12-6-TTL
Description  Integrated 4-, 6- and 8-channel passive filter network with ESD protection
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

IP4253CZ12-6-TTL Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button IP4253CZ12-6-TTL Datasheet HTML 5Page - NXP Semiconductors IP4253CZ12-6-TTL Datasheet HTML 6Page - NXP Semiconductors IP4253CZ12-6-TTL Datasheet HTML 7Page - NXP Semiconductors IP4253CZ12-6-TTL Datasheet HTML 8Page - NXP Semiconductors IP4253CZ12-6-TTL Datasheet HTML 9Page - NXP Semiconductors IP4253CZ12-6-TTL Datasheet HTML 10Page - NXP Semiconductors IP4253CZ12-6-TTL Datasheet HTML 11Page - NXP Semiconductors IP4253CZ12-6-TTL Datasheet HTML 12Page - NXP Semiconductors IP4253CZ12-6-TTL Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
IP4251_52_53_54-TTL
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 5 May 2011
9 of 18
NXP Semiconductors
IP4251/52/53/54-TTL
Integrated 4-, 6- and 8-channel passive filter network
6.2 Selection
The selection of one of the filter devices has to be performed depending on the maximum
clock frequency, driver strength, capacitive load of the sink, and also the maximum
applicable rise and fall times.
6.2.1 SDHC and MMC memory interface
The Secure Digital High Capacity (SDHC) memory card interface standard specification
and the Multi Media Card (MMC) (JESD 84A43) standard specification recommend a rise
and fall time of 25 % to 62.5 % (62.5 % to 25 % respectively) of 3 ns or less for the input
signal of the receiving interface side.
Assuming a typical capacitance of about 20 pF for the SDHC memory card itself, and
approximately 4 pF to 7 pF for the Printed-Circuit Board (PCB) and the card holder,
IP4252CZ12-6-TTL (6 channels, Rs(ch) =40 Ω, Cch =12pF at Vbias(DC) =2.5 V) is a
matching selection to filter and protect all relevant interface pins such as CLK, CMD, and
DAT0 to DAT3/CD. Please refer to Figure 7 for a general example of the implementation
of the device in an SDHC card interface.
In case additional channels such as write-protect or a mechanical card-detection switch
are used, the IP4252CZ16-8-TTL (8 channels, Rs(ch) =40 Ω, Cch =12pF at
Vbias(DC) = 2.5 V) offers two additional channels.


Similar Part No. - IP4253CZ12-6-TTL

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
IP4253CZ12-6-TTL NEXPERIA-IP4253CZ12-6-TTL Datasheet
907Kb / 18P
   Integrated 4-, 6- and 8-channel passive filter network with ESD protection
More results

Similar Description - IP4253CZ12-6-TTL

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
IP4251-TTL NEXPERIA-IP4251-TTL Datasheet
907Kb / 18P
   Integrated 4-, 6- and 8-channel passive filter network with ESD protection
PEMIXCSP NEXPERIA-PEMIXCSP Datasheet
250Kb / 17P
   Integrated 4-, 6- and 8-channel passive filter network with ESD protection
PEMIXQFN NEXPERIA-PEMIXQFN Datasheet
1Mb / 30P
   Integrated 1-, 2-, 4-, 6- and 8-channel passive filter network with ESD protection
logo
NXP Semiconductors
IP3253CZ16-8-TTL NXP-IP3253CZ16-8-TTL Datasheet
362Kb / 13P
   Integrated 4-, 6- and 8-channel passive EMI-filter network with high-level ESD protection
Rev. 1-5 May 2011
logo
Nexperia B.V. All right...
IP4047CX6 NEXPERIA-IP4047CX6 Datasheet
329Kb / 12P
   Dual channel integrated passive filter network with ESD protection
logo
NXP Semiconductors
IP4253CZ8 NXP-IP4253CZ8 Datasheet
59Kb / 10P
   Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4
Rev. 02-8 November 2007
IP4251 NXP-IP4251 Datasheet
100Kb / 16P
   Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4
Rev. 03-6 May 2009
IP3088CX5 NXP-IP3088CX5 Datasheet
292Kb / 15P
   Integrated 2, 4, 6 and 8-channel passive LC-filter network with ESD protection to IEC 61000-4-2 level 4
Rev. 01-12 February 2010
logo
Nexperia B.V. All right...
IP4256CZ3-M NEXPERIA-IP4256CZ3-M Datasheet
862Kb / 13P
   Single and dual-channel passive filter network with ESD protection
Rev. 1 - 23 July 2010
logo
NXP Semiconductors
IP4256CZ3-M NXP-IP4256CZ3-M_13 Datasheet
265Kb / 13P
   Single and dual-channel passive filter network with ESD protection
Rev. 1-23 July 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com