Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G8P-1A4TP Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # G8P-1A4TP
Description  Up to 30 A switching capacity in compact package.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G8P-1A4TP Datasheet(HTML) 4 Page - Omron Electronics LLC

  G8P-1A4TP Datasheet HTML 1Page - Omron Electronics LLC G8P-1A4TP Datasheet HTML 2Page - Omron Electronics LLC G8P-1A4TP Datasheet HTML 3Page - Omron Electronics LLC G8P-1A4TP Datasheet HTML 4Page - Omron Electronics LLC G8P-1A4TP Datasheet HTML 5Page - Omron Electronics LLC G8P-1A4TP Datasheet HTML 6Page - Omron Electronics LLC G8P-1A4TP Datasheet HTML 7Page - Omron Electronics LLC G8P-1A4TP Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
250
Power PCB Relay
G8PT
Unit: mm (inch)
Sealed/Ventable, PCB terminals
Terminal arrangement/
Internal connections
(Bottom view)
Mounting holes
(Bottom view)
Note: Terminal #4 is omitted
on G8P-1A4P/1A2P.
Pin Dimensions
large = 1.6 x 1.2; 1.2 x 0.8 x 3.3L
small = 0.6 x 0.5 x 3.3L
G8P-1C4P / 1A4P / 1C2P / 1A2P
Open frame, PCB with
Quick Connect terminals
Note: Terminal #4 is omitted
on G8P-1ATP.
Terminal arrangement/
Internal connections
(Bottom view)
Mounting holes
(Bottom view)
Pin Dimensions
large = 1.6 x 1.2; 1.2 x 0.8 x 3.3L
small = 0.6 x 0.5 x 3.3L
G8P-1CTP / 1ATP


Similar Part No. - G8P-1A4TP

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G8P-1A4TP OMRON-G8P-1A4TP Datasheet
2Mb / 8P
   Power PCB Relay
G8P-1A4TP OMRON-G8P-1A4TP Datasheet
933Kb / 6P
   Compact, Low-cost 30-A Power Relay for PC Board or Panel-mounted Applications
G8P-1A4TP OMRON-G8P-1A4TP Datasheet
933Kb / 6P
   PCB Relay
More results

Similar Description - G8P-1A4TP

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ9891 AZETTLER-AZ9891 Datasheet
135Kb / 2P
   Up to 30 Amp switching capability in a very compact size
logo
Panasonic Semiconductor
AQZ264 PANASONIC-AQZ264 Datasheet
648Kb / 3P
   High capacity up to 6A in a slim SIL package
logo
Shanghai Leiditech Elec...
L8550HQLT1G LEIDITECH-L8550HQLT1G Datasheet
469Kb / 3P
   High current capacity in compact package.
S8550 LEIDITECH-S8550 Datasheet
469Kb / 3P
   High current capacity in compact package
SS8550T1 LEIDITECH-SS8550T1 Datasheet
469Kb / 3P
   High current capacity in compact package
logo
American Zettler, Inc.
AZ9841 AZETTLER-AZ9841 Datasheet
147Kb / 2P
   Up to 40 Amp switching in a compact size
logo
CIT Relay & Switch
WJ152 CIT-WJ152 Datasheet
236Kb / 3P
   Switching capacity up to 10A
logo
DB Lectro Inc
NSAM DBLECTRO-NSAM Datasheet
225Kb / 2P
   Switching capacity up to 20A
NVFM DBLECTRO-NVFM Datasheet
181Kb / 2P
   Switching capacity up to 25A
NVF DBLECTRO-NVF Datasheet
180Kb / 2P
   Switching capacity up to 20A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com