Electronic Components Datasheet Search |
|
C0603C0G1E100D Datasheet(PDF) 4 Page - TDK Electronics |
|
C0603C0G1E100D Datasheet(HTML) 4 Page - TDK Electronics |
4 / 31 page (3/30) 006-03 / 20100409 / e412_c.fm • All specifications are subject to change without notice. Please read the precautions before using this catalog. CAPACITANCE RANGES: CLASS 1 (TEMPERATURE COMPENSATION) TEMPERATURE CHARACTERISTICS: CH(0±60ppm/°C), C0G(0±30ppm/°C) RATED VOLTAGE Edc: 25V CAPACITANCE RANGES: CLASS 2 TEMPERATURE CHARACTERISTICS: JB(±10%), X5R/X7R(±15%) RATED VOLTAGE Edc: 25V RATED VOLTAGE Edc: 16V TEMPERATURE CHARACTERISTICS: JB(±10%), X5R(±15%) RATED VOLTAGE Edc: 10V Capacitance (pF) Tolerance Thickness T (mm) Part No. Temperature characteristics: CH Temperature characteristics: C0G 0.5 ±0.25pF 0.30±0.03 C0603CH1E0R5C C0603C0G1E0R5C 0.75 ±0.25pF 0.30±0.03 C0603CH1ER75C C0603C0G1ER75C 1 ±0.25pF 0.30±0.03 C0603CH1E010C C0603C0G1E010C 1.5 ±0.25pF 0.30±0.03 C0603CH1E1R5C C0603C0G1E1R5C 2 ±0.25pF 0.30±0.03 C0603CH1E020C C0603C0G1E020C 3 ±0.25pF 0.30±0.03 C0603CH1E030C C0603C0G1E030C 4 ±0.25pF 0.30±0.03 C0603CH1E040C C0603C0G1E040C 5 ±0.25pF 0.30±0.03 C0603CH1E050C C0603C0G1E050C 6 ±0.5pF 0.30±0.03 C0603CH1E060D C0603C0G1E060D 7 ±0.5pF 0.30±0.03 C0603CH1E070D C0603C0G1E070D 8 ±0.5pF 0.30±0.03 C0603CH1E080D C0603C0G1E080D 9 ±0.5pF 0.30±0.03 C0603CH1E090D C0603C0G1E090D 10 ±0.5pF 0.30±0.03 C0603CH1E100D C0603C0G1E100D 12 ±5% 0.30±0.03 C0603CH1E120J C0603C0G1E120J 15 ±5% 0.30±0.03 C0603CH1E150J C0603C0G1E150J 18 ±5% 0.30±0.03 C0603CH1E180J C0603C0G1E180J 22 ±5% 0.30±0.03 C0603CH1E220J C0603C0G1E220J 27 ±5% 0.30±0.03 C0603CH1E270J C0603C0G1E270J 33 ±5% 0.30±0.03 C0603CH1E330J C0603C0G1E330J 39 ±5% 0.30±0.03 C0603CH1E390J C0603C0G1E390J 47 ±5% 0.30±0.03 C0603CH1E470J C0603C0G1E470J 56 ±5% 0.30±0.03 C0603CH1E560J C0603C0G1E560J 68 ±5% 0.30±0.03 C0603CH1E680J C0603C0G1E680J 82 ±5% 0.30±0.03 C0603CH1E820J C0603C0G1E820J 100 ±5% 0.30±0.03 C0603CH1E101J C0603C0G1E101J Capacitance (pF) Tolerance Thickness T (mm) Part No. Temperature characteristics: JB Temperature characteristics: X5R Temperature characteristics: X7R 100 ±10% 0.30±0.03 C0603JB1E101K C0603X5R1E101K C0603X7R1E101K 150 ±10% 0.30±0.03 C0603JB1E151K C0603X5R1E151K C0603X7R1E151K 220 ±10% 0.30±0.03 C0603JB1E221K C0603X5R1E221K C0603X7R1E221K 330 ±10% 0.30±0.03 C0603JB1E331K C0603X5R1E331K C0603X7R1E331K 470 ±10% 0.30±0.03 C0603JB1E471K C0603X5R1E471K C0603X7R1E471K 680 ±10% 0.30±0.03 C0603JB1E681K C0603X5R1E681K C0603X7R1E681K 1,000 ±10% 0.30±0.03 C0603JB1E102K C0603X5R1E102K C0603X7R1E102K 1,500 ±10% 0.30±0.03 C0603JB1E152K C0603X5R1E152K C0603X7R1E152K 2,200 ±10% 0.30±0.03 C0603JB1E222K C0603X5R1E222K C0603X7R1E222K 3,300 ±10% 0.30±0.03 C0603JB1E332K C0603X5R1E332K C0603X7R1E332K Capacitance (pF) Tolerance Thickness T (mm) Part No. Temperature characteristics: JB Temperature characteristics: X5R Temperature characteristics: X7R 4,700 ±10% 0.30±0.03 C0603JB1C472K C0603X5R1C472K C0603X7R1C472K Capacitance (pF) Tolerance Thickness T (mm) Part No. Temperature characteristics: JB Temperature characteristics: X5R 6,800 ±10% 0.30±0.03 C0603JB1A682K C0603X5R1A682K 10,000 ±10% 0.30±0.03 C0603JB1A103K C0603X5R1A103K |
Similar Part No. - C0603C0G1E100D |
|
Similar Description - C0603C0G1E100D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |