Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F4585 Datasheet(PDF) 1 Page - Microchip Technology

Part # PIC18F4585
Description  PIC18F2585/2680/4585/4680 Rev. A1 Silicon Errata
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4585 Datasheet(HTML) 1 Page - Microchip Technology

  PIC18F4585 Datasheet HTML 1Page - Microchip Technology PIC18F4585 Datasheet HTML 2Page - Microchip Technology PIC18F4585 Datasheet HTML 3Page - Microchip Technology PIC18F4585 Datasheet HTML 4Page - Microchip Technology PIC18F4585 Datasheet HTML 5Page - Microchip Technology PIC18F4585 Datasheet HTML 6Page - Microchip Technology PIC18F4585 Datasheet HTML 7Page - Microchip Technology PIC18F4585 Datasheet HTML 8Page - Microchip Technology PIC18F4585 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© 2007 Microchip Technology Inc.
DS80202G-page 1
PIC18F2585/2680/4585/4680
The PIC18F2585/2680/4585/4680 Rev. A1 parts you
have received conform functionally to the Device Data
Sheet (DS39625C), except for the anomalies
described below. Any Data Sheet Clarification issues
related to the PIC18F2585/2680/4585/4680 will be
reported in a separate Data Sheet errata. Please check
the Microchip web site for any existing issues.
All of the issues listed here will be addressed in future
revisions of the PIC18F2585/2680/4585/4680 silicon.
The following silicon errata apply only to
PIC18F2585/2680/4585/4680 devices with these
Device/Revision IDs:
1. Module: ECCP
When monitoring a shutdown condition using a bit
test on the ECCPASE bit (ECCP1AS<7>) or
performing a bit operation on the ECCPASE bit,
the device may produce unexpected results.
Work around
Before performing a bit test or bit operation on the
ECCPASE bit, copy the ECCP1AS register to the
working register and perform the test or operation
there.
By avoiding these operations on the ECCPASE bit
in the ECCP1AS register, the module will operate
normally.
In Example 1, ECCPASE bit operations are
performed on the W register.
EXAMPLE 1:
Date Codes that pertain to this issue:
All engineering and production devices.
2. Module: ECCP
When a shutdown condition occurs, the output port
is made inactive for the duration of the event. After
the event that caused the shutdown ends, the
ECCP module immediately enables the PWM out-
put and does not wait until the beginning of the
next PWM cycle.
Work around
Disable the auto-restart feature in software, poll
the Timer2 Interrupt Flag (TMR2IF) and do not
clear the ECCPASE bit until TMR2IF is set.
Date Codes that pertain to this issue:
All engineering and production devices.
3. Module: ECCP
ECCP1, configured for auto-shutdown with
Comparator 1, corrupts the PWM duty cycle pulse.
In addition, it does not consistently synchronize
the pulse to the beginning of the period, and the
end of the pulse can occur at any time within the
period.
Work around
None.
Date Codes that pertain to this issue:
All engineering and production devices.
4. Module: ECCP
The auto-shutdown event will cause the ECCP
pins (P1A, P1B, P1C, P1D) to draw higher current
than expected. This occurs when the ECCPAS1 or
ECCPAS0 bits are set and an auto-shutdown
event occurs.
Work around
None.
Date Codes that pertain to this issue:
All engineering and production devices.
Part Number
Device ID
Revision ID
PIC18F2585
0001 1010 100
0 0010
PIC18F2680
0001 1010 110
0 0010
PIC18F4585
0001 1010 101
0 0010
PIC18F4680
0001 1010 111
0 0010
The Device IDs (DEVID1 and DEVID2) are located at
addresses 3FFFFEh:3FFFFFh in the device’s
configuration space. They are shown in binary in the
format “DEVID2 DEVID1”.
MOVF
ECCP1AS, W
BTFSC
WREG, ECCPASE
BRA
SHUTDOWN_ROUTINE
PIC18F2585/2680/4585/4680 Rev. A1 Silicon Errata


Similar Part No. - PIC18F4585

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F4585 MICROCHIP-PIC18F4585 Datasheet
9Mb / 484P
   Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
2004
PIC18F4585 MICROCHIP-PIC18F4585 Datasheet
8Mb / 482P
   Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
2007
PIC18F4585 MICROCHIP-PIC18F4585 Datasheet
5Mb / 482P
   28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
12/08/06
PIC18F4585 MICROCHIP-PIC18F4585 Datasheet
5Mb / 482P
   28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
12/08/06
PIC18F4585-I MICROCHIP-PIC18F4585-I Datasheet
9Mb / 484P
   Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
2004
More results

Similar Description - PIC18F4585

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F4680-I MICROCHIP-PIC18F4680-I Datasheet
8Mb / 482P
   PIC18F2585/2680/4585/4680 Data Sheet
12/08/06
PIC16C74A-JW MICROCHIP-PIC16C74A-JW Datasheet
94Kb / 8P
   PIC16C74A Rev. A Silicon Errata Sheet
01/30/01
PIC10F222-IP MICROCHIP-PIC10F222-IP Datasheet
179Kb / 6P
   PIC10F220/222 Rev. A Silicon Errata
02/16/06
PIC24FJ128GA010 MICROCHIP-PIC24FJ128GA010 Datasheet
357Kb / 10P
   PIC24FJ128GA010 Family Rev. A4 Silicon Errata
2007
PIC16CR83 MICROCHIP-PIC16CR83 Datasheet
64Kb / 4P
   PIC16CR83 Rev. A Silicon Errata Sheet
11/15/99
PIC16C662 MICROCHIP-PIC16C662 Datasheet
65Kb / 4P
   PIC16C662 Rev. A Silicon Errata Sheet
1998 - 1999
PIC18F8720 MICROCHIP-PIC18F8720 Datasheet
289Kb / 12P
   Rev. A4 Silicon/Data Sheet Errata
2005
PIC16C642 MICROCHIP-PIC16C642 Datasheet
63Kb / 5P
   PIC16C642 Rev. A Silicon Errata Sheet
1998 - 2002
logo
Silicon Laboratories
SI4320-J1-FTR SILABS-SI4320-J1-FTR Datasheet
368Kb / 15P
   Si4x3x Errata (rev. B)
logo
Microchip Technology
PIC16C73A MICROCHIP-PIC16C73A Datasheet
68Kb / 4P
   Errata Sheet for Rev. B PIC16C73A Silicon
1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com