Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JAH0212S12 Datasheet(PDF) 2 Page - XP Power Limited

Part # JAH0212S12
Description  2 Watts JAH Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JAH0212S12 Datasheet(HTML) 2 Page - XP Power Limited

  JAH0212S12 Datasheet HTML 1Page - XP Power Limited JAH0212S12 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
15-Sept-11
JAH02
Mechanical Details
Application Notes
Models and Ratings
Notes
Notes
Input Filter
1. All dimensions are in inches (mm)
2. Weight: Plastic Case: 0.028 lbs (12.5 g),
Metal Case: 0.033 lbs (15.0 g)
3. Pin diameter: 0.02±0.002 (0.5±0.05)
4. Pin pitch tolerance: ±0.014 (±0.35)
5. Case tolerance: ±0.02 (±0.5)
N.P : No Pin
N.C : No Connection
Bottom View
0.90
(22.86)
0.60
(15.24)
0.20
(5.08)
0.01
(0.25)
0.02
(0.50)
3
1
22
15
13
24
2
10
12
11
23
14
Input
Voltage
Output
Voltage
Output
Current
Input Current(2)
Maximum
Capacitive Load
Efficiency
Model Number(1,3)
No Load
Full Load
5 V
3.3 V
500 mA
75 mA
622 mA
330 µF
53%
JAH0205S3V3
5.0 V
400 mA
75 mA
615 mA
330 µF
65%
JAH0205S05
9.0 V
222 mA
75 mA
597 mA
330 µF
67%
JAH0205S09
12.0 V
166 mA
75 mA
571 mA
330 µF
70%
JAH0205S12
15.0 V
133 mA
75 mA
588 mA
330 µF
68%
JAH0205S15
24.0 V
83 mA
75 mA
615 mA
330 µF
65%
JAH0205S24
±3.3 V
±300 mA
30 mA
638 mA
±1000 µF
62%
JAH0205D03
±5.0 V
±200 mA
30 mA
588 mA
±1000 µF
68%
JAH0205D05
±9.0 V
±111 mA
40 mA
571 mA
±470 µF
70%
JAH0205D09
±12.0 V
±83 mA
40 mA
571 mA
±470 µF
70%
JAH0205D12
±15.0 V
±67 mA
40 mA
571 mA
±470 µF
70%
JAH0205D15
±24.0 V
±42 mA
50 mA
579 mA
±220 µF
69%
JAH0205D24
12 V
3.3 V
500 mA
70 mA
245 mA
330 µF
56%
JAH0212S3V3
5.0 V
400 mA
70 mA
260 mA
330 µF
64%
JAH0212S05
9.0 V
222 mA
70 mA
245 mA
330 µF
68%
JAH0212S09
12.0 V
166 mA
70 mA
238 mA
330 µF
70%
JAH0212S12
15.0 V
133 mA
70 mA
252 mA
330 µF
66%
JAH0212S15
24.0 V
83 mA
70 mA
256 mA
330 µF
65%
JAH0212S24
±3.3 V
±300 mA
20 mA
250 mA
±1000 µF
66%
JAH0212D03
±5.0 V
±200 mA
20 mA
228 mA
±1000 µF
73%
JAH0212D05
±9.0 V
±111 mA
20 mA
222 mA
±470 µF
75%
JAH0212D09
±12.0 V
±83 mA
20 mA
213 mA
±470 µF
78%
JAH0212D12
±15.0 V
±67 mA
35 mA
216 mA
±470 µF
77%
JAH0212D15
±24.0 V
±42 mA
35 mA
219 mA
±220 µF
76%
JAH0212D24
24 V
3.3 V
500 mA
25 mA
120 mA
330 µF
57%
JAH0224S3V3
5.0 V
400 mA
25 mA
132 mA
330 µF
63%
JAH0224S05
9.0 V
222 mA
25 mA
132 mA
330 µF
63%
JAH0224S09
12.0 V
166 mA
25 mA
122 mA
330 µF
68%
JAH0224S12
15.0 V
133 mA
25 mA
122 mA
330 µF
68%
JAH0224S15
24.0 V
83 mA
25 mA
122 mA
330 µF
68%
JAH0224S24
±3.3 V
±300 mA
15 mA
121 mA
±1000 µF
68%
JAH0224D03
±5.0 V
±200 mA
15 mA
114 mA
±1000 µF
73%
JAH0224D05
±9.0 V
±111 mA
15 mA
111 mA
±470 µF
75%
JAH0224D09
±12.0 V
±83 mA
15 mA
104 mA
±470 µF
80%
JAH0224D12
±15.0 V
±67 mA
20 mA
108 mA
±470 µF
77%
JAH0224D15
±24.0 V
±42 mA
20 mA
111 mA
±220 µF
75%
JAH0224D24
1. For optional 3000 VDC isolation add suffix ‘-H’ to model number.
For optional 4000 VDC isolation add suffix ‘-H4’ to model number.
For optional 5000 VDC isolation add suffix ‘-H5’ to model number.
For optional 6000 VDC isolation add suffix ‘-H6’ to model number.
2. Input current measured at nominal input voltage.
3. For optional metal case add suffix ‘-M’. Metal case is only an option up
to 3000 VDC isolation versions eg. JAH0212S15-HM.
4. Cross regulation is ±5% when one output is at 100% and the other is varied
between 25% and 100%.
5. A 220 µF/250 V capacitor across the input is required in order to meet
EN61000-4-4 and EN61000-4-5.
6. Dual output regulation is specified with a balanced load.
0.40
(10.16)
0.12 (3.05) Min.
1.25 (31.75)
0.80
(20.32)
PIN CONNECTIONS
Pin
Single
Dual
Single -H
Dual -H
1
+Vin
+Vin
+Vin
+Vin
2
N.C.
-Vout
+Vin
+Vin
3
N.C.
Common
N.P
N.P
10
-Vout
Common
N.P
Common
11
+Vout
+Vout
N.P
Common
12
-Vin
-Vin
-Vout
N.P
13
-Vin
-Vin
+Vout
-Vout
14
+Vout
+Vout
N.P
N.P
15
-Vout
Common
N.P
+Vout
22
N.C.
Common
N.P
N.P
23
N.C.
-Vout
-Vin
-Vin
24
+Vin
+Vin
-Vin
-Vin
Single Output Models
Dual Output Models
C1
L1
C1
L1
220 µF/100 V
12 µH
220 µF/100 V
22 µH
+Vout
+Vin
-Vin
Load
-Vout
C1
L1
+
-
DC/DC
Converter


Similar Part No. - JAH0212S12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JAH100-39-150 ETC-JAH100-39-150 Datasheet
1Mb / 17P
   Floating Joint
JAH100-42-300 ETC-JAH100-42-300 Datasheet
1Mb / 17P
   Floating Joint
JAH100-48-150 ETC-JAH100-48-150 Datasheet
1Mb / 17P
   Floating Joint
JAH40-16-150 ETC-JAH40-16-150 Datasheet
1Mb / 17P
   Floating Joint
JAH50-20-150 ETC-JAH50-20-150 Datasheet
1Mb / 17P
   Floating Joint
More results

Similar Description - JAH0212S12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IH0503S ETC2-IH0503S Datasheet
117Kb / 1P
   2 Watts IH Series
logo
Artesyn Technologies
DCH2-050EU-0001 ARTESYN-DCH2-050EU-0001 Datasheet
715Kb / 3P
   DCH2 Series 2 Watts
logo
XP Power Limited
IM2403SA XPPOWER-IM2403SA Datasheet
116Kb / 1P
   2 Watts IM Series
JCA02 XPPOWER-JCA02 Datasheet
386Kb / 2P
   2/3 Watts JCA Series
logo
Astec America, Inc
AA01D ASTEC-AA01D Datasheet
445Kb / 2P
   1-2 Watts
logo
SL Power Electronics
D41_DD SLPOWER-D41_DD Datasheet
20Kb / 1P
   D41 Euro Wall Mount 2-6 Watts Series
F41_DD SLPOWER-F41_DD Datasheet
20Kb / 2P
   F41 UK Wall Mount 2-7 Watts Series
logo
List of Unclassifed Man...
PDL02-05S05 ETC-PDL02-05S05 Datasheet
101Kb / 2P
   2 WATTS DC -DC CONVERTER
logo
Wall Industries,Inc.
LANEUW2H WALL-LANEUW2H Datasheet
208Kb / 4P
   2 Watts Maximum Output Power
logo
Power Mate Technology C...
PDL02-05S33 P-DUKE-PDL02-05S33 Datasheet
309Kb / 3P
   2 WATTS MAXIMUM OUTPUT POWER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com