Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK2048D Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AK2048D
Description  2M CMI Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK2048D Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AK2048D Datasheet HTML 2Page - Asahi Kasei Microsystems AK2048D Datasheet HTML 3Page - Asahi Kasei Microsystems AK2048D Datasheet HTML 4Page - Asahi Kasei Microsystems AK2048D Datasheet HTML 5Page - Asahi Kasei Microsystems AK2048D Datasheet HTML 6Page - Asahi Kasei Microsystems AK2048D Datasheet HTML 7Page - Asahi Kasei Microsystems AK2048D Datasheet HTML 8Page - Asahi Kasei Microsystems AK2048D Datasheet HTML 9Page - Asahi Kasei Microsystems AK2048D Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ASAHI KASEI
[AK2048]
MS0073-E-00
2001/01
6
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Min
Typ
Max
Units
Conditions
DC Supply
DVDD
TVDD
-0.3
6.0
V
Input Voltage
VIN
RVSS-0.3
RVDD+0.3 V
Input Current 1
I IN1
10
mA
*1)
Input Current 2
(TXA, TXB, RXA, RXB)
I IN2
200
mA
Storage Temperature
Tstg
-65
150
°C
*1) Except for TXA, TXB, RXA, RXB
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
min
typ
max
Unit
Conditions
DC Supply
RVDD
TVDD
4.75
5.0
5.25
V
TVDD
<RVDD+0.3V
Ambient Operating
Temperature
Ta
0
25
+80
°C
PD1(RVDD)
150
300
mW
Power Consumption
PD2(TVDD)
250
300
mW
110
Ω LOAD
ELECTRICAL CHARACTERISTICS
DC CHARACTERISTICS
Condition: VDD=5.0V
±5%, VSS=0V,Ta=0~80°C
Parameter
Symbol
min
typ
max
Unit
Conditions
Digital High-level input voltage
VIH
2.4
V
Digital Low-level input voltage
VIL
0.8
V
Digital High-Level output voltage
VOH
2.4
V
IOUT=-40
µA *1)
Digital Low-level output voltage
VOL
0.5
V
IOUT=1.6mA *1)
Input leak current 1
10
µA
Without RST, TEST1
Input leak current 2
100
µA
RST, TEST1
*1) When CMOS load is connected, output CMOS logic level.


Similar Part No. - AK2048D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AK20 ETC2-AK20 Datasheet
190Kb / 1P
   Additional Support and Holders
logo
Shanghai Leiditech Elec...
AK20-066C LEIDITECH-AK20-066C Datasheet
950Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSION DIODES
AK20-66C LEIDITECH-AK20-66C Datasheet
950Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSION DIODES
AK20-66C-12 LEIDITECH-AK20-66C-12 Datasheet
950Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSION DIODES
logo
LEM
AK200B10 LEM-AK200B10 Datasheet
202Kb / 2P
   AC Current transducer
More results

Similar Description - AK2048D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100SX1230 ONSEMI-MC100SX1230 Datasheet
124Kb / 8P
   CMI CODER/DECODER
1994 REV 0
logo
Pulse A Technitrol Comp...
TX8111NL PULSE-TX8111NL Datasheet
271Kb / 3P
   CMI 2x51 uH - SHASTA
T8112NL PULSE-T8112NL Datasheet
317Kb / 3P
   CMI 2x1 MH - SHASTA
T8113NL PULSE-T8113NL Datasheet
330Kb / 3P
   CMI 2 X 2.2 MH - SHASTA
T8116NL PULSE-T8116NL Datasheet
274Kb / 3P
   CMI 2 x 0.470 mH - SHASTA
T8114ANL PULSE-T8114ANL Datasheet
319Kb / 3P
   CMI 2X4.7 mH - SHASTA,NL
logo
Teridian Semiconductor ...
78P2351R TERIDIAN-78P2351R Datasheet
578Kb / 31P
   Serial 155M NRZ to CMI Converter
logo
Altech corporation
AIS08F1.5AP024-2M ALTECH-AIS08F1.5AP024-2M Datasheet
115Kb / 2P
   AIS08F1.5AP024-2M
logo
List of Unclassifed Man...
RYC8220-2M ETC-RYC8220-2M Datasheet
155Kb / 2P
   RYC8220-2M
logo
Carling Technologies
2M1-SP1-T1-B1-M2QE CARLINGTECH-2M1-SP1-T1-B1-M2QE Datasheet
4Mb / 14P
   2M-Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com