Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQH5BPN1R0NT0K Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # LQH5BPN1R0NT0K
Description  Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQH5BPN1R0NT0K Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  LQH5BPN1R0NT0K Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQH5BPN1R0NT0K Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Data Sheet
!Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our
products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
http://www.murata.com/
1
Inductors (Coils) > Chip Inductor (Chip Coil) > Power Inductor (Wire Wound Type)
2011.11.2
oThis data sheet is applied for CHIP INDUCTORS (CHIP COILS) used for General Electronics equipment for your design.
Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH5BP_T0 Series (2020 Size)
c Dimensions
5.0±0.2
5.0±0.2
1.5±0.2
1.5±0.2
(in mm)
c Packaging
Code
Packaging
Minimum Quantity
L
180mm Embossed Tape
500
K
330mm Embossed Tape
3000
c Rated Value (p: packaging code)
Part Number
Inductance
Rated Current
(Based on Inductance Change)
Rated Current
(Based on Temperature Rise)
DC Resistance
Self Resonance
Frequency (min.)
LQH5BPNR47NT0
p
0.47µH ±30%
7.7A
4.0A
0.012ohm ±20%
220MHz
LQH5BPN1R0NT0
p
1.0µH ±30%
5.8A
3.1A
0.019ohm ±20%
90MHz
LQH5BPN1R2NT0
p
1.2µH ±30%
5.4A
3.1A
0.019ohm ±20%
90MHz
LQH5BPN1R5NT0
p
1.5µH ±30%
5.0A
3.0A
0.024ohm ±20%
70MHz
LQH5BPN2R2NT0
p
2.2µH ±30%
4.0A
2.6A
0.030ohm ±20%
55MHz
LQH5BPN2R7NT0
p
2.7µH ±30%
3.8A
2.5A
0.035ohm ±20%
50MHz
LQH5BPN3R3NT0
p
3.3µH ±30%
3.5A
2.3A
0.044ohm ±20%
40MHz
LQH5BPN4R7NT0
p
4.7µH ±30%
3.0A
2.0A
0.058ohm ±20%
40MHz
LQH5BPN6R8NT0
p
6.8µH ±30%
2.5A
1.65A
0.083ohm ±20%
30MHz
LQH5BPN100MT0
p
10µH ±20%
2.0A
1.60A
0.106ohm ±20%
25MHz
LQH5BPN150MT0
p
15µH ±20%
1.6A
1.20A
0.187ohm ±20%
18MHz
LQH5BPN220MT0
p
22µH ±20%
1.4A
1.05A
0.259ohm ±20%
15MHz
Test Frequency: 100kHz
Class of Magnetic Shield: Magnetic shield of magnetic powder in resin
Operating Temperature Range (Self-temperature rise is included): -40 to +125°C
Operating Temperature Range (Self-temperature rise is not included): -40 to +85°C
Only for reflow soldering.
c Notice (Rated Current)
When Rated Current is applied to the Products,
Inductance will be within ±30% of nominal
Inductance value.
When Rated Current is applied to the Products,
self-generation of heat will rise to 40°C or less.
Continued on the following page.


Similar Part No. - LQH5BPN1R0NT0K

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH5BPN1R0NT0K MURATA-LQH5BPN1R0NT0K Datasheet
85Kb / 2P
   Inductance
More results

Similar Description - LQH5BPN1R0NT0K

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH32PN100MN0L MURATA-LQH32PN100MN0L Datasheet
91Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH3NPN4R7MM0L MURATA-LQH3NPN4R7MM0L Datasheet
79Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
logo
Murata Power Solutions ...
LQH5BPNR47NT0X MURATA-PS-LQH5BPNR47NT0X Datasheet
67Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
logo
Murata Manufacturing Co...
LQH88P MURATA-LQH88P Datasheet
76Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH3NP MURATA-LQH3NP Datasheet
94Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH32PNR47NN0L MURATA-LQH32PNR47NN0L Datasheet
85Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH43PN1R0N26 MURATA-LQH43PN1R0N26 Datasheet
82Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH6PP MURATA-LQH6PP Datasheet
75Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH6PPN3R3N43L MURATA-LQH6PPN3R3N43L Datasheet
75Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH44PN100MP0L MURATA-LQH44PN100MP0L Datasheet
83Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com