Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

250R18Y105MV4T Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 250R18Y105MV4T
Description  TANCERAM짰 CHIP CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

250R18Y105MV4T Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  250R18Y105MV4T Datasheet HTML 1Page - List of Unclassifed Manufacturers 250R18Y105MV4T Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
15
www.johanson dielectrics.com
X7R
X5R
Y5V
Temperature Coefficient:
±15% (-55 to +125°C)
±15% (-55 to +85°C)
+22%, -82% (-30 to +85°C)
Dissipation Factor:
For ≥ 50 VDC: 5% max.
For ≤ 25 VDC: 10% max.
For ≥ 50 VDC: 5% max.
For ≤ 25 VDC: 10% max.
For ≥ 10 VDC: 16% max.
For 6.3 VDC: 20% max.
Insulation Resistance
(Min. @ 25°C, WVDC)
100 ΩF or 10 GΩ, whichever is less
Dielectric Strength:
2.5 X WVDC, 25°C, 50mA max.
Test Conditions:
Capacitance values ≤ 22 µF: 1.0kHz±50Hz @ 1.0±0.2 Vrms
Capacitance values > 22 µF: 120Hz±10Hz @ 0.5V±0.1 Vrms
Other:
See page 18 for additional dielectric specifications.
TANCERAM® CHIP CAPACITORS
CAPACITANCE SELECTION
CASE SIZE
VDC
1.0 µF
2.2 µF
4.7 µF
10 µF
22 µF
47 µF
100 µF
10
*
6.3
*
25
*
16
*
* ***
10
••
6.3
25
••
16
••
•• *
10
*
••
6.3
••
25
•• *
16
••
10
••
6.3
50
••
25
**
* •
16
•• •
10
*
6.3
••
100
50
16
6.3
DIELECTRIC CODE
WX
Y
W
X
Y
WX
Y
W
X
Y
WX
Y
W
X
Y
WX
Y
* = NEW PART
= HIGH VOLUME
Inches
(mm)
.040 ±.004
(1.02 ±.10)
.020 ±.004
(0.51 ±.10)
.025 Max.
(0.64)
.008 ±.004
(0.20±.10)
L
W
T
E/B
Inches
(mm)
.080 ±.010
(2.03 ±.25)
.050 ±.010
(1.27 ±.25)
.060 Max.
(1.52)
.020±.010
(0.51±.25 )
L
W
T
E/B
Inches
(mm)
.063 ±.008
(1.60 ±.20)
.032 ±.008
(0.81 ±.20)
.035 Max.
(0.89)
.010±.005
(.25±.13)
L
W
T
E/B
Inches
(mm)
.125 ±.010
(3.17 ±.25)
.062 ±.010
(1.57 ±.25)
.070 Max.
(1.78)
.020 +.015-0.01 (0.51+.38-.25)
L
W
T
E/B
Inches
(mm)
.125 ±.010
(3.18 ±.25)
.095 ±.010
(2.41 ±.25)
.110 Max.
(2.8)
.020 +.015-.010 (0.51+.38-.25)
L
W
T
E/B
0805
R15
0603
R14
0402
R07
1206
R18
1210
S41
ELECTRICAL
CHARACTERISTICS
L
W
T
E/B
DIELECTRIC
W (X7R)
X (X5R)
Y (Y5V)
Inches
(mm)
.175 ±.010
(4.45 ±.25)
.125 ±.010
(3.17 ±.25)
.140 Max.
(3.55)
.035 ±.020
(0.89 ±0.51)
L
W
T
E/B
1812
S43


Similar Part No. - 250R18Y105MV4T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
250R18Y105MV4T ETC2-250R18Y105MV4T Datasheet
89Kb / 2P
   Tanceram짰 Chip Capacitors
More results

Similar Description - 250R18Y105MV4T

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
100R15X106MV4E JOHANSON-100R15X106MV4E Datasheet
129Kb / 2P
   Tanceram짰 Chip Capacitors
250S41X106KV4E JOHANSON-250S41X106KV4E Datasheet
129Kb / 2P
   Tanceram짰 Chip Capacitors
logo
List of Unclassifed Man...
250R18Y105ZV4E ETC2-250R18Y105ZV4E Datasheet
89Kb / 2P
   Tanceram짰 Chip Capacitors
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
B45294R9227M409 EPCOS-B45294R9227M409 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
Kemet Corporation
C0201C103B1GA KEMET-C0201C103B1GA Datasheet
1Mb / 8P
   CERAMIC CHIP CAPACITORS
logo
EPCOS
B45194 EPCOS-B45194 Datasheet
114Kb / 8P
   Tantalum Chip Capacitors
B45196E EPCOS-B45196E Datasheet
113Kb / 9P
   Tantalum Chip Capacitors
logo
Rohm
TCO ROHM-TCO Datasheet
106Kb / 10P
   Chip tantalum capacitors
logo
Kemet Corporation
C0805C103K5RAC KEMET-C0805C103K5RAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com