Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3362P-1-201TRLF Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 3362P-1-201TRLF
Description  3362 - 1/4 Square Trimpot Trimming Potentiometer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3362P-1-201TRLF Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  3362P-1-201TRLF Datasheet HTML 1Page - Bourns Electronic Solutions 3362P-1-201TRLF Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
13
9.93
(.391)
14.63
(.576)
6.71
(.264)
0.46 ± 0.25
(.018 ± .010)
DIA. 3 PLCS.
3.53
(.139)
0.25
(.010)
2.54
(.100)
5.00
(.197)
DIA.
7.04
(.277)
3.84
(.151)
5.46
(.215)
2.54
(.100)
2.54
(.100)
4.7
(.185)
ADJ. SLOT
LONG
X WIDE
X DEEP
4.0
(.157)
0.6
(.024)
1.0
(.039)
3
1
2
TOLERANCES: ±
0.25
EXCEPT WHERE NOTED
(.010)
DIMENSIONS:
MM
(INCHES)
“Trimpot” is a registered trademark of Bourns, Inc.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
3362 - 1/4 ” Square Trimpot® Trimming Potentiometer
How To Order
3362 P - 1 - 502 T __ LF
Model
Style
Standard or Modified
Product Indicator
-1 = Standard Product
Resistance Code
Optional Suffix Letter
T = Knob*
Packaging Designator
Blank = Tube (Standard)
R = Tape and Reel
(M, U and P Pin Styles Only)
A = Ammo Pack
(M, U and P Pin Styles Only)
Terminations
LF = 100 % Tin-plated (RoHS compliant)
Blank = 90 % Tin / 10 % Lead-plated
(Standard)
*Knob option is available only in standard Tube
packaging for terminal styles F, H, P, R and U.
Consult factory for other available options.
Standard Resistance Table
Resistance
Resistance
(Ohms)
Code
20
200
50
500
100
101
200
201
500
501
1,000
102
2,000
202
5,000
502
10,000
103
20,000
203
25,000
253
50,000
503
100,000
104
200,000
204
250,000
254
500,000
504
1,000,000
105
2,000,000
205
Popular distribution resistance values listed in
boldface. Special resistances available.
Product Dimensions
Top adjust models 3362F, H, P, R and U are
available with a knob for finger adjustment.
Add suffix letter “T” to order code.
(“P” Style
shown)
Packaging Specifications
SIDE ADJUST
3362M-1
3
2
1
TOP ADJUST
3362U-1, 3362P-1
SIDE VIEW
3362U-1
SIDE VIEW
3362P-1
REF.
DIA.
3
2
1
ALL PINS IN-LINE ON
CENTER
DIMENSIONS:
1000/REEL/BOX
2.54
(.100)
MM
(INCHES)
ALL PINS IN-LINE ON
CENTER
DIMENSIONS:
750/REEL
1000/BOX
2.54
(.100)
MM
(INCHES)
12.70
(.500)
7.0
(.275)
22.7 ± .76
(.893 ± .029)
18 ± .76
(.708 ± .029)
4.0 ± 0.3
(.157 ± .011)
3.56 ± .38
(.140 ± .014)
18 + .76/ -.5
(.708 + .029 -.019)
12.70 + 0.3/ - 0.25
(.500 + .011 -.009)
4.7
(.185)
7.0
(.275)
25.02 ± .76
(0.985 ± .030)
12.70
(.500)
REF.
18 + 1.0/ - 0.5
(.709 + .039 -.019)
12.7 + 0.3/ -0.25
(.500 + .012/ -.009)
DIA.
4.0 ± 0.3
(.157 ± .011)
18 ± .76
(.708 ± .029)
2.3 ± .38
(.090 ± .014)
4.7
(.185)
Meets EIA Specification 468.
REV. 09/13


Similar Part No. - 3362P-1-201TRLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3362P-1-201TRLF BOURNS-3362P-1-201TRLF Datasheet
356Kb / 2P
   3362 - 1/4 Square Trimpot Trimming Potentiometer
More results

Similar Description - 3362P-1-201TRLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3362S-1-204 BOURNS-3362S-1-204 Datasheet
283Kb / 2P
   3362 - 1/4 Square Trimpot Trimming Potentiometer
3362W-1-203LF BOURNS-3362W-1-203LF Datasheet
356Kb / 2P
   3362 - 1/4 Square Trimpot Trimming Potentiometer
3362X-1-201LF BOURNS-3362X-1-201LF Datasheet
298Kb / 2P
   3362 - 1/4 Square Trimpot Trimming Potentiometer
3362S-1-103 BOURNS-3362S-1-103 Datasheet
298Kb / 2P
   3362 - 1/4 Square Trimpot Trimming Potentiometer
3362W-1-204LF BOURNS-3362W-1-204LF Datasheet
164Kb / 2P
   3362 - 1/4 ??Square Trimming Potentiometer
3362P-1-502T-LF BOURNS-3362P-1-502T-LF Datasheet
164Kb / 2P
   3362 1/4 Square Trimming Potentiometer
3362P-1-504 BOURNS-3362P-1-504 Datasheet
283Kb / 2P
   3362 - 1/4 ??Square Trimpot짰 Trimming Potentiometer
3362P-1-203 BOURNS-3362P-1-203 Datasheet
283Kb / 2P
   3362 - 1/4 ??Square Trimpot짰 Trimming Potentiometer
3260 BOURNS-3260 Datasheet
108Kb / 1P
   1/4 ??Square Trimpot Trimming Potentiometer
3362P-1-201LF BOURNS-3362P-1-201LF Datasheet
356Kb / 2P
   3362 - 1/4 ??Square Trimpot짰 Trimming Potentiometer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com