Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G6BU-2174CUSP6B6VDC Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G6BU-2174CUSP6B6VDC
Description  PCB Relay
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6BU-2174CUSP6B6VDC Datasheet(HTML) 2 Page - Omron Electronics LLC

  G6BU-2174CUSP6B6VDC Datasheet HTML 1Page - Omron Electronics LLC G6BU-2174CUSP6B6VDC Datasheet HTML 2Page - Omron Electronics LLC G6BU-2174CUSP6B6VDC Datasheet HTML 3Page - Omron Electronics LLC G6BU-2174CUSP6B6VDC Datasheet HTML 4Page - Omron Electronics LLC G6BU-2174CUSP6B6VDC Datasheet HTML 5Page - Omron Electronics LLC G6BU-2174CUSP6B6VDC Datasheet HTML 6Page - Omron Electronics LLC G6BU-2174CUSP6B6VDC Datasheet HTML 7Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
174
G6B
G6B
Accessories (Order Separately)
Back Connecting Sockets
Note:
1. Not applicable to the self-clinching type.
2. Use the G6B-
@@@@P-US P6B to mount to a P6B Socket.
Specifications
Coil Ratings
Single-side Stable Type
Single-winding Latching Type
Double-winding Latching Type
Note:
1. The rated current and coil resistance are measured at a coil temperature of 23°C with a tolerance of ±10%.
2. Operating characteristics are measured at a coil temperature of 23°C.
Applicable Relay
Back Connecting Socket (See note 1.)
G6B(U)-1114P-US-P6B
P6B-04P
G6BK-1114P-US-P6B
P6B-06P
G6B-2
@@4P-US-P6B
P6B-26P
G6B-1174P-US-P6B
P6B-04P
Removal Tool
P6B-Y1
Hold-down Clips
P6B-C2
Item
SPST-NO
SPST-NO + SPST-NC, DPST-NO, DPST-NC
Rated voltage (VDC)
5612
24
5612
24
Rated current (mA)
40
33.3
16.7
8.3
60
50
25
12.5
Coil resistance (
Ω)
125
180
720
2,880
83.3
120
480
1,920
Coil inductance
(H) (ref. value)
Armature OFF
0.28
0.31
1.2
4.9
---
---
---
---
Armature ON
0.26
0.28
1.1
4.1
---
---
---
---
Must operate voltage
70% max. of rated voltage
80% max. of rated voltage
Must release voltage
10% min. of rated voltage
Max. voltage
160% of rated voltage (at 23
°C)
140% of rated voltage (at 23
°C)
Power consumption
Approx. 200 mW
Approx. 300 mW
Rated voltage
5 VDC
6 VDC
12 VDC
24 VDC
Rated current
40 mA
33.3 mA
16.7 mA
8.3 mA
Coil resistance
125
180
720
2,880
Coil inductance
(H) (ref. value)
Armature OFF
0.28
0.31
1.2
4.9
Armature ON
0.26
0.28
1.1
4.1
Must operate voltage
70% max. of rated voltage
Must release voltage
70% min. of rated voltage
Max. voltage
160% of rated voltage (at 23
°C)
Power consumption
Approx. 200 mW
Rated voltage
5 VDC
6 VDC
12 VDC
24 VDC
Set coil
Rated current
56 mA
46.8 mA
23.3 mA
11.7 mA
Coil resistance
89.2
128.5
515
2,060
Coil inductance
(H) (ref. value)
Armature OFF
0.15
0.18
0.52
1.2
Armature ON
0.15
0.18
0.52
1.2
Reset coil Rated current
56 mA
46.8 mA
23.3 mA
11.7 mA
Coil resistance
89.2
128.5
515
2,060
Coil inductance
(H) (ref. value)
Armature OFF
0.15
0.18
0.52
1.2
Armature ON
0.15
0.18
0.52
1.2
Must set voltage
70% max. of rated voltage
Must reset voltage
70% min. of rated voltage
Max. voltage
130% of rated voltage (at 23
°C)
Power consumption
Set coil: Approx. 280 mW
Reset coil: Approx. 280 mW


Similar Part No. - G6BU-2174CUSP6B6VDC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G6BU-2174CUS12VDC ETC1-G6BU-2174CUS12VDC Datasheet
423Kb / 7P
   Sub-miniature Relay that Switches up to 5 A
G6BU-2174CUS24VDC ETC1-G6BU-2174CUS24VDC Datasheet
423Kb / 7P
   Sub-miniature Relay that Switches up to 5 A
G6BU-2174CUS5VDC ETC1-G6BU-2174CUS5VDC Datasheet
423Kb / 7P
   Sub-miniature Relay that Switches up to 5 A
G6BU-2174CUS6VDC ETC1-G6BU-2174CUS6VDC Datasheet
423Kb / 7P
   Sub-miniature Relay that Switches up to 5 A
More results

Similar Description - G6BU-2174CUSP6B6VDC

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5G OMRON-G5G Datasheet
848Kb / 3P
   PCB Relay
G5LE OMRON-G5LE Datasheet
828Kb / 8P
   PCB Relay
G5T OMRON-G5T Datasheet
199Kb / 6P
   PCB Relay
G6RL OMRON-G6RL Datasheet
445Kb / 8P
   PCB Relay
P6B-26P OMRON-P6B-26P Datasheet
287Kb / 7P
   PCB Relay
G2RL-1A4-EDC12 OMRON-G2RL-1A4-EDC12 Datasheet
513Kb / 6P
   PCB Relay
G8P-1C4PDC6 OMRON-G8P-1C4PDC6 Datasheet
933Kb / 6P
   PCB Relay
G2RL OMRON-G2RL Datasheet
946Kb / 8P
   PCB Relay
G5CA OMRON-G5CA Datasheet
361Kb / 8P
   PCB Relay
G5SB OMRON-G5SB Datasheet
270Kb / 6P
   PCB Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com