Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1723-52CET Datasheet(PDF) 2 Page - Analog Intergrations Corporation

Part # AIC1723-52CET
Description  500mA Low Dropout Linear Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1723-52CET Datasheet(HTML) 2 Page - Analog Intergrations Corporation

  AIC1723-52CET Datasheet HTML 1Page - Analog Intergrations Corporation AIC1723-52CET Datasheet HTML 2Page - Analog Intergrations Corporation AIC1723-52CET Datasheet HTML 3Page - Analog Intergrations Corporation AIC1723-52CET Datasheet HTML 4Page - Analog Intergrations Corporation AIC1723-52CET Datasheet HTML 5Page - Analog Intergrations Corporation AIC1723-52CET Datasheet HTML 6Page - Analog Intergrations Corporation AIC1723-52CET Datasheet HTML 7Page - Analog Intergrations Corporation AIC1723-52CET Datasheet HTML 8Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AIC1723
2
ORDERING INFORMATION
ORDER NUMBER
AIC1723-33CE
AIC1723-35CE
AIC1723-37CE
AIC1723-38CE
AIC1723-50CE
AIC1723-52CE
(TO-252)
PIN CONFIGURATION
PACKAGING TYPE
E: TO-252
F: TO-251
Y: SOT-223
ET: TO-252
TEMPERATURE RANGE
C: 0
°C~+70°C
OUTPUT VOLTAGE
33: 3.3V
35: 3.5V
37: 3.7V
38: 3.8V
50: 5.0V
AIC1723-XXXX
FRONT VIEW
1: VOUT
2: GND
3: VIN
23
1
23
1
23
1
AIC1723-33CF
AIC1723-35CF
AIC1723-37CF
AIC1723-38CF
AIC1723-50CF
AIC1723-52CF
(TO-251)
AIC1723-33CY
AIC1723-35CY
AIC1723-37CY
AIC1723-38CY
AIC1723-50CY
AIC1723-52CY
(SOT-223)
FRONT VIEW
1: VOUT
2: GND
3: VIN
FRONT VIEW
1: VOUT
2: GND
3: VIN
AIC1723-33CET
AIC1723-35CET
AIC1723-37CET
AIC1723-38CET
AIC1723-50CET
AIC1723-52CET
(TO-252)
FRONT VIEW
1: VIN
2: GND
3: VOUT
23
1
ABSOLUTE MAXIMUM RATINGS
Input Supply Voltage ...................................………….................................... -0.3~12V
Operating Junction Temperature Range .......……….............................. -40
°C~ 125°C
Storage Temperature Range
.........................…………..........................
-65
°C~150°C
Power Dissipation....…………………………………..……………..……............... 0.85W
Thermal Resistance
θJC
TO-251, TO-252 Package....…….…….......... 12.5
°C/W
SOT-223 Package ....…………..……….............15
°C/W
TEST CIRCUIT
Refer to the TYPICAL APPLICATION CIRCUIT


Similar Part No. - AIC1723-52CET

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
AIC1723A-18CETB AIC-AIC1723A-18CETB Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
AIC1723A-18CETR AIC-AIC1723A-18CETR Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
AIC1723A-18CUTB AIC-AIC1723A-18CUTB Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
AIC1723A-18CUTR AIC-AIC1723A-18CUTR Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
More results

Similar Description - AIC1723-52CET

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
   500mA Low Dropout Linear Regulator
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6735G SSC-SS6735G Datasheet
703Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088 Datasheet
86Kb / 10P
   500mA Low Dropout Linear Regulator
logo
Power IC Ltd.
PL0501 PICSEMI-PL0501 Datasheet
267Kb / 10P
   500mA Low-Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735 Datasheet
107Kb / 7P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088_04 Datasheet
93Kb / 11P
   500mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9184 GMT-G9184 Datasheet
87Kb / 1P
   500mA Low Dropout Linear Regulator
logo
IK Semicon Co., Ltd
IL233-XX IKSEMICON-IL233-XX Datasheet
355Kb / 6P
   500mA Low Dropout Linear Voltage Regulator
logo
ams AG
AS1363 AMSCO-AS1363 Datasheet
570Kb / 14P
   500mA, Low-Dropout Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com