Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G6BK-1174CUSP6B6VDC Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # G6BK-1174CUSP6B6VDC
Description  PCB Relay
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6BK-1174CUSP6B6VDC Datasheet(HTML) 7 Page - Omron Electronics LLC

  G6BK-1174CUSP6B6VDC Datasheet HTML 1Page - Omron Electronics LLC G6BK-1174CUSP6B6VDC Datasheet HTML 2Page - Omron Electronics LLC G6BK-1174CUSP6B6VDC Datasheet HTML 3Page - Omron Electronics LLC G6BK-1174CUSP6B6VDC Datasheet HTML 4Page - Omron Electronics LLC G6BK-1174CUSP6B6VDC Datasheet HTML 5Page - Omron Electronics LLC G6BK-1174CUSP6B6VDC Datasheet HTML 6Page - Omron Electronics LLC G6BK-1174CUSP6B6VDC Datasheet HTML 7Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
179
G6B
G6B
Mounting Height of Relay
with Connecting Socket
P6B-06P
23.2 max.
3
10 max.
(9.9)*
10.1 max.
(10)*
7
3.5
7.62
7.62
0.8
2.54
7.62
0.4
7 mm max.
17 mm max.
7.62
7.62
7.62
(2.71)
2.54
Six, 1.1-dia. holes
Removal Tool
P6B-Y1
Hold-down Clips
P6B-C2
(23)*
*Average value
Mounting Holes (Bottom View)
P6B-26P
Mounting Holes (Bottom View)
Note: Height of G6B-1174P-US
is 19.5 mm max.
Note: P6B-C2 Hold-down Clips
cannot be used for
G6B-1174P-US.
Six, 1.1-dia. holes
11 max.
(10.8)*
23.2 max.
(23)*
10.1 max.
(10)*
*Average value
7.62
(2.61)
10.16
7.62
Note: Rated current of
socket is 5 A max.
ALL DIMENSIONS SHOWN ARE IN MILLIMETERS.
To convert millimeters into inches, multiply by 0.03937. To convert grams into ounces, multiply by 0.03527.
Cat. No. K021-E1-07


Similar Part No. - G6BK-1174CUSP6B6VDC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G6BK-1174CUS12VDC ETC1-G6BK-1174CUS12VDC Datasheet
423Kb / 7P
   Sub-miniature Relay that Switches up to 5 A
G6BK-1174CUS24VDC ETC1-G6BK-1174CUS24VDC Datasheet
423Kb / 7P
   Sub-miniature Relay that Switches up to 5 A
G6BK-1174CUS5VDC ETC1-G6BK-1174CUS5VDC Datasheet
423Kb / 7P
   Sub-miniature Relay that Switches up to 5 A
G6BK-1174CUS6VDC ETC1-G6BK-1174CUS6VDC Datasheet
423Kb / 7P
   Sub-miniature Relay that Switches up to 5 A
More results

Similar Description - G6BK-1174CUSP6B6VDC

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5G OMRON-G5G Datasheet
848Kb / 3P
   PCB Relay
G5LE OMRON-G5LE Datasheet
828Kb / 8P
   PCB Relay
G5T OMRON-G5T Datasheet
199Kb / 6P
   PCB Relay
G6RL OMRON-G6RL Datasheet
445Kb / 8P
   PCB Relay
P6B-26P OMRON-P6B-26P Datasheet
287Kb / 7P
   PCB Relay
G2RL-1A4-EDC12 OMRON-G2RL-1A4-EDC12 Datasheet
513Kb / 6P
   PCB Relay
G8P-1C4PDC6 OMRON-G8P-1C4PDC6 Datasheet
933Kb / 6P
   PCB Relay
G2RL OMRON-G2RL Datasheet
946Kb / 8P
   PCB Relay
G5CA OMRON-G5CA Datasheet
361Kb / 8P
   PCB Relay
G5SB OMRON-G5SB Datasheet
270Kb / 6P
   PCB Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com