Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK2500B Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part # AK2500B
Description  DS3/STS-1 Analog Line Receiver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK2500B Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AK2500B Datasheet HTML 7Page - Asahi Kasei Microsystems AK2500B Datasheet HTML 8Page - Asahi Kasei Microsystems AK2500B Datasheet HTML 9Page - Asahi Kasei Microsystems AK2500B Datasheet HTML 10Page - Asahi Kasei Microsystems AK2500B Datasheet HTML 11Page - Asahi Kasei Microsystems AK2500B Datasheet HTML 12Page - Asahi Kasei Microsystems AK2500B Datasheet HTML 13Page - Asahi Kasei Microsystems AK2500B Datasheet HTML 14Page - Asahi Kasei Microsystems AK2500B Datasheet HTML 15Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
ASAHI KASEI
[AK2500B]
MS0005-E-00
- 11 -
1999/12
ANALOG SPECIFICATIONS
(TA = Tmin to Tmax; V+ = 3.3V
±0.3V; GND = 0V)
Parameter
Condition
Min
Typ
Max
Units
Jitter Transfer
with repetitive 100 pattern (Note 4)
3dB Bandwidth
Peaking
-
-
205
0.05
-
0.1
kHz
dB
Jitter Tolerance
(Including cable loss)
(Note 4, 5)
5kHz
10kHz
60kHz
300kHz
1MHz
18
8
1.5
0.4
0.3
UIpp
UIpp
UIpp
UIpp
UIpp
Signal Noise Immunity (Note 6)
-
11
-
dB
Output Jitter with Jitter-Free Input
(Note4)
All one's pattern
Repetitive 1000
pattern
-
-
1.4
1.8
-
-
nsp-p
nsp-p
Output Clock Duty Cycle (Note4)
45
-
55
%
Receiver Input Range
50
-
1000
mVpk
DLOS detection
170
175
180
bits
RIN to RPDATA Delay Time
8
bits
Note; 4. Measured with repetitive input at nominal DSX-3 level with (V+)=3.3V, TA=25
°C
5. Typical performance is shown in Fig. 3.
6. Measured with sinusoidal noise, peak amplitude of noise is 11dB down from peak amplitude of
signal. The noise frequency is 22MHz±22kHz(DS3), 26MHz±26kHz(STS-1).
Fig. 3
Jitter Tolerance(STS-1)
0.05UIpp
G.752
3.2k, 14UIpp
GR-499 Category I
GR-499 Category II
300k, 0.3UIpp
0.01
0.1
1
10
100
0.01
0.1
1
10
100
1000
10000
Jitter Frequency [kHz]
AK2500B
Typical performance


Similar Part No. - AK2500B

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK250-3-R ASSMANN-AK250-3-R Datasheet
265Kb / 1P
   SERIAL TO PARALLEL
logo
List of Unclassifed Man...
AK2504A ETC-AK2504A Datasheet
185Kb / 30P
   DS3/STS-1/ES Transceiver
logo
Asahi Kasei Microsystem...
AK2504A AKM-AK2504A Datasheet
185Kb / 30P
   DS3/STS-1/E3 Transceiver
More results

Similar Description - AK2500B

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT7295AE EXAR-XRT7295AE Datasheet
1Mb / 18P
   DS3/Sonet STS-1 Integrated Line Receiver
XR-T7295 EXAR-XR-T7295 Datasheet
226Kb / 20P
   DS3/Sonet STS-1 Integrated Line Receiver
XRT7295AT EXAR-XRT7295AT Datasheet
1Mb / 18P
   DS3/Sonet STS-1 Integrated Line Receiver
XRT73LC00 EXAR-XRT73LC00 Datasheet
336Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XR-T7296 EXAR-XR-T7296 Datasheet
173Kb / 16P
   DS3/STS-1, E3 Integrated Line Transmitter
XRT7300 EXAR-XRT7300 Datasheet
608Kb / 55P
   E3/DS3/STS-1 LINE INTERFACE UNIT
logo
M/A-COM Technology Solu...
28333-BRF-001-A MA-COM-28333-BRF-001-A_15 Datasheet
120Kb / 4P
   DS3/E3/STS-1 Line lnterface Unit
28333-BRF-001-A MA-COM-28333-BRF-001-A Datasheet
120Kb / 4P
   DS3/E3/STS-1 Line lnterface Unit
logo
Exar Corporation
XRT73LC00A EXAR-XRT73LC00A Datasheet
410Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT7298 EXAR-XRT7298 Datasheet
582Kb / 16P
   DS3/STS-1, E3 INTEGRATED LINE TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com