Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6260AEK-TR Datasheet(PDF) 3 Page - Exar Corporation

Part # SP6260AEK-TR
Description  200mA RF Low Noise LDO Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6260AEK-TR Datasheet(HTML) 3 Page - Exar Corporation

  SP6260AEK-TR Datasheet HTML 1Page - Exar Corporation SP6260AEK-TR Datasheet HTML 2Page - Exar Corporation SP6260AEK-TR Datasheet HTML 3Page - Exar Corporation SP6260AEK-TR Datasheet HTML 4Page - Exar Corporation SP6260AEK-TR Datasheet HTML 5Page - Exar Corporation SP6260AEK-TR Datasheet HTML 6Page - Exar Corporation SP6260AEK-TR Datasheet HTML 7Page - Exar Corporation SP6260AEK-TR Datasheet HTML 8Page - Exar Corporation SP6260AEK-TR Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
S
SP
P6
62
26
60
0
2
20
00
0m
mA
A R
RF
F L
Lo
ow
w N
No
oiis
se
e L
LD
DO
O R
Re
eg
gu
ulla
atto
orr
© 2011 Exar Corporation
3/13
Rev. 2.1.0
SP6260AEK (1.5V)
Unless otherwise indicated, VIN = 2.5V, CIN = 1µF, COUT = 1µF.
Parameter
Min.
Typ.
Max.
Units
Conditions
Output Voltage VOUT
1.47
1.5
1.53
V
VIN=2.5V
1mA≤IOUT≤30mA
Input Voltage VIN
6
V
Output Current IOUT
200
mA
VIN—VOUT=1V
Load Regulation VRLOAD
12
40
mV
VIN=2.5V
1mA≤IOUT≤80mA
Line Regulation VRLINE
4
16
mV
2.3V≤VIN=≤6V
IOUT=30mA
Dropout Voltage VDROP
400
600
mV
IOUT=10mA
400
600
IOUT=100mA
400
600
IOUT=150mA
400
600
IOUT=200mA
Quiescent Current IQ
25
50
µA
VIN=2.5V,IOUT=0mA
Standby Current ISTD
0.1
1
µA
VIN=2.5V
VCE in OFF mode
Power Supply Rejection Ratio
PSRR
70
dB
Ripple 0.5Vp-p, f=10kHz
VIN=2.5V
Output Voltage
Temperature Coefficient
±150
µV/°C
ΔVOUT/ΔT
±100
ppm/°C
(ΔVOUT/VOUT)/ΔT
Short Current Limit ILIMIT
50
mA
VOUT=0V
RMS Output Noise VNOISE
30
µVrms
TA=25°C
10Hz≤f≤100kHz
CE “High” Voltage
1.5
V
CE input voltage “High”
CE “Low” Voltage
0.25
V
CE input voltage “Low”
CE Pull-down Resistance RPD
2.5
5
10
SP6260BEK (1.8V)
Unless otherwise indicated, VIN = 2.8V, CIN = 1µF, COUT = 1µF.
Parameter
Min.
Typ.
Max.
Units
Conditions
Output Voltage VOUT
1.764
1.8
1.836
V
VIN=2.8V
1mA≤IOUT≤30mA
Input Voltage VIN
6
V
Output Current IOUT
200
mA
VIN—VOUT=1V
Load Regulation VRLOAD
12
40
mV
VIN=2.8V
1mA≤IOUT≤80mA
Line Regulation VRLINE
4
16
mV
2.3V≤VIN=≤6V
IOUT=30mA
Dropout Voltage VDROP
20
40
mV
IOUT=10mA
150
300
IOUT=100mA
200
400
IOUT=150mA
250
500
IOUT=200mA
Quiescent Current IQ
25
50
µA
VIN=2.8V,IOUT=0mA
Standby Current ISTD
0.1
1
µA
VIN=2.8V
VCE in OFF mode
Power Supply Rejection Ratio
PSRR
70
dB
Ripple 0.5Vp-p, f=10kHz
VIN=2.5V
Output Voltage
Temperature Coefficient
±180
µV/°C
ΔVOUT/ΔT
±100
ppm/°C
(ΔVOUT/VOUT)/ΔT


Similar Part No. - SP6260AEK-TR

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6260AEK-L/TR SIPEX-SP6260AEK-L/TR Datasheet
726Kb / 17P
   High Speed, Extremely Low Noise 150mA LDO Regulator
More results

Similar Description - SP6260AEK-TR

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR9200 UTC-LR9200 Datasheet
270Kb / 7P
   LOW NOISE 200mA LDO REGULATOR
LR1122D UTC-LR1122D Datasheet
241Kb / 9P
   LOW NOISE 200mA LDO REGULATOR
logo
RICOH electronics devic...
RP100X RICOH-RP100X Datasheet
1Mb / 28P
   LOW NOISE 200mA LDO REGULATOR
logo
Unisonic Technologies
LR1122D UTC-LR1122D_16 Datasheet
280Kb / 7P
   LOW NOISE 200mA LDO REGULATOR
logo
Richtek Technology Corp...
RT9182 RICHTEK-RT9182_08 Datasheet
112Kb / 9P
   Dual, Low-Noise, 200mA LDO Regulator
logo
Lowpower Semiconductor ...
LP3993 POWER-LP3993 Datasheet
306Kb / 7P
   200mA,Ultra-low Noise LDO Regulator
logo
Richtek Technology Corp...
RT9182 RICHTEK-RT9182 Datasheet
212Kb / 10P
   DUAL, LOW-NOISE, 200mA LDO REGULATOR
logo
Lowpower Semiconductor ...
LP3995 POWER-LP3995 Datasheet
542Kb / 9P
   200mA,Ultra-low Noise LDO Regulator
logo
Richtek Technology Corp...
RT9182 RICHTEK-RT9182_07 Datasheet
132Kb / 9P
   Dual, Low-Noise, 200mA LDO Regulator
logo
List of Unclassifed Man...
RT9177 ETC-RT9177 Datasheet
262Kb / 12P
   Ultra-Low-Noise 200mA LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com