Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC2951D-33CS Datasheet(PDF) 1 Page - Analog Intergrations Corporation

Part # AIC2951D-33CS
Description  Low Dropout Linear Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC2951D-33CS Datasheet(HTML) 1 Page - Analog Intergrations Corporation

  AIC2951D-33CS Datasheet HTML 1Page - Analog Intergrations Corporation AIC2951D-33CS Datasheet HTML 2Page - Analog Intergrations Corporation AIC2951D-33CS Datasheet HTML 3Page - Analog Intergrations Corporation AIC2951D-33CS Datasheet HTML 4Page - Analog Intergrations Corporation AIC2951D-33CS Datasheet HTML 5Page - Analog Intergrations Corporation AIC2951D-33CS Datasheet HTML 6Page - Analog Intergrations Corporation AIC2951D-33CS Datasheet HTML 7Page - Analog Intergrations Corporation AIC2951D-33CS Datasheet HTML 8Page - Analog Intergrations Corporation AIC2951D-33CS Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AIC2951/2951D
Low Dropout Linear Regulator
Analog Integrations Corporation
4F, 9, Industry E. 9th Rd, Science Based Industrial Park, Hsinchu Taiwan, ROC
www.analog.com.tw
DS-2951-01 Mar 13, 00
TEL: 886-3-5772500
FAX: 886-3-5772510
1
n FEATURES
l
Low Dropout Voltage of 130mV at 100mA Output
Current (AIC2951/2951D-50).
l
Guaranteed 150mA /300mA Output Current.
l
Internal 1.3
Ω P-MOSFET Draws no Base Current.
l
Low Ground Current at 55
µA.
l
1% Accuracy Output of 3V/3.3V/5V.
l
Error Flag Warns of Output Dropout.
l
1
µA Supply Current in Shutdown Mode.
l
Output Programmable from 1.235V~11V.
l
Fast Transient Response.
l
Needs only 1
µF for Stability.
l
Current and Thermal Limiting.
n APPLICATIONS
l
Voltage Regulator for Pentium
®
CPUs.
l
Wireless Communication System.
l
Battery Powered Systems.
n DESCRIPTION
The AIC2951/ 2951D series is the enhanced
CMOS version of the LP2951. The superior char-
acteristics of the AIC2951/ 2951D series include
zero base current loss, very low dropout voltage,
and 1% accuracy output voltage. Typical ground
current remains approximately 55
µA, from no
load to maximum loading conditions. Dropout
voltage at 100mA output current is significantly
lower than its bipolar counterpart: 130mV for the
AIC2951-50/2951D-50, 180mV for the AIC2951-
33/ 2951D-33, and 200mV for the AIC2951-30/
2951D-30. Output current limiting and thermal
limiting are built in to provide maximal protection
to the AIC2951/2951D series from fault condi-
tions.
An error flag output, indicating when output volt-
age drops out of regulation, often due to the
falling batteries on the input, can be used for a
power-on reset. A logic-controlled shutdown
input enables the regulator to be switched on and
off. The part may be configured for a fixed output
voltage or programmed from 1.235V to 11V with
an external pair of resistors. The part comes in 8-
pin DIP or SO packages.
n TYPICAL APPLICATION CIRCUIT
ERROR
C2
R2
R1
R3
390
R4
33
Q1
D45H2A
AIC2951
8
7
6
5
4
3
2
1
FB
GND
SENSE
SHDN
TAP
VIN
VOUT
VIN
470µF
VOUT
1000
µF
VOUT=1.235(1+R1/R2)
+
C1
+
Pentium Processor Power Supply


Similar Part No. - AIC2951D-33CS

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC2003 AIC-AIC2003 Datasheet
67Kb / 4P
   7-CHANNEL DARLINGTON DRIVERS
AIC2003CN AIC-AIC2003CN Datasheet
67Kb / 4P
   7-CHANNEL DARLINGTON DRIVERS
AIC2300 AIC-AIC2300 Datasheet
202Kb / 10P
   400mA Synchronous PWM Step-Down
AIC2300-10GV5 AIC-AIC2300-10GV5 Datasheet
202Kb / 10P
   400mA Synchronous PWM Step-Down
AIC2300-12GV5 AIC-AIC2300-12GV5 Datasheet
202Kb / 10P
   400mA Synchronous PWM Step-Down
More results

Similar Description - AIC2951D-33CS

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
AMS1117 HMSEMI-AMS1117 Datasheet
675Kb / 10P
   low-dropout linear regulator.
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_V01 Datasheet
527Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
Jul. 2009 Rev. 1. 8
logo
Texas Instruments
TPS71525-DIE TI1-TPS71525-DIE Datasheet
62Kb / 4P
[Old version datasheet]   LOW-DROPOUT LINEAR REGULATOR
logo
Ceramate Technical
CP1117 CERAMATE-CP1117 Datasheet
444Kb / 12P
   Low Dropout Linear Regulator
logo
Diodes Incorporated
AZ1117C DIODES-AZ1117C Datasheet
839Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
AZ2117 DIODES-AZ2117 Datasheet
355Kb / 9P
   LOW DROPOUT LINEAR REGULATOR
July 2017
logo
ON Semiconductor
NCV8674 ONSEMI-NCV8674_11 Datasheet
157Kb / 11P
   Low Dropout Linear Regulator
October, 2011 ??Rev. 3
logo
DONGGUAN YOU FENG WEI E...
AMS1117-X.X YFWDIODE-AMS1117-X.X Datasheet
820Kb / 4P
   Low Dropout Linear Regulator
logo
Guangdong Kexin Industr...
KS1117 KEXIN-KS1117 Datasheet
1,018Kb / 3P
   Low Dropout Linear Regulator
logo
Analog Devices
ADP3308 AD-ADP3308_15 Datasheet
128Kb / 8P
   Low Dropout Linear Regulator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com