Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF02HPZ Datasheet(PDF) 7 Page - Analog Devices

Part # REF02HPZ
Description  Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF02HPZ Datasheet(HTML) 7 Page - Analog Devices

Back Button REF02HPZ Datasheet HTML 3Page - Analog Devices REF02HPZ Datasheet HTML 4Page - Analog Devices REF02HPZ Datasheet HTML 5Page - Analog Devices REF02HPZ Datasheet HTML 6Page - Analog Devices REF02HPZ Datasheet HTML 7Page - Analog Devices REF02HPZ Datasheet HTML 8Page - Analog Devices REF02HPZ Datasheet HTML 9Page - Analog Devices REF02HPZ Datasheet HTML 10Page - Analog Devices REF02HPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
REF01/REF02/REF03
Rev. K | Page 7 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
REF01/
REF02/
REF03
TOP VIEW
(Not to Scale)
NC
1
VIN 2
TEMP 3
GND 4
NC
NC
VOUT
TRIM
8
7
6
5
Figure 4. 8-Lead PDIP (P-Suffix), 8-Lead CERDIP (Z-Suffix), 8-Lead SOIC (S-Suffix) Pin Configuration
Table 4. Pin Function Descriptions—PDIP, CERDIP, and SOIC Packages
Pin No.
Mnemonic
Description
1, 7, 8
NC
No Internal Connection. Leave floating or tied to ground in actual application.
2
VIN
Supply Voltage Input.
3
TEMP
Temperature (Band Gap) Output. Refer to the Temperature Monitoring section.
4
GND
Ground Connection.
5
TRIM
Output Voltage Trim. Refer to the Output Adjustment section.
6
VOUT
Reference Voltage Output.
1
2
3
4
5
6
7
8
NC
GROUND
(CASE)
NC
VIN
VOUT
NC
NC
TRIM
REF01/
REF02/
REF03
Figure 5. 8-Lead TO-99 (J-Suffix) Pin Configuration
Table 5. Pin Function Descriptions—8-Lead TO-99 Package
Pin No.
Mnemonic
Description
1, 3, 7, 8
NC
No Internal Connection. Leave floating or tied to ground in actual application.
2
VIN
Supply Voltage Input.
4
GND
Ground Connection.
5
TRIM
Output Voltage Trim. Refer to the Output Adjustment section.
6
VOUT
Reference Voltage Output.
4
NC
5
VIN
6
NC
7
TEMP
8
NC
18
NC
17
NC
16
NC
15
VOUT
14
NC
19
20
1
2
3
13
12
11
10
9
REF01/
REF02
TOP VIEW
(Not to Scale)
Figure 6. 20-Terminal LCC (RC-Suffix) Pin Configuration
Table 6. Pin Function Descriptions—20-Terminal LCC Package
Terminal No.
Mnemonic
Description
1 to4, 6, 8, 9, 11,
13, 14, 16 to 20
NC
No Internal Connection. Leave floating or tied to ground in actual application.
5
VIN
Supply Voltage Input.
7
TEMP
Temperature (Band Gap) Output. Refer to the Temperature Monitoring section.
10
GND
Ground Connection.
12
TRIM
Output Voltage Trim. Refer to the Output Adjustment section.
15
VOUT
Reference Voltage Output.


Similar Part No. - REF02HPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
REF02HPZ AD-REF02HPZ Datasheet
507Kb / 20P
   Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
REF02HPZ2 AD-REF02HPZ2 Datasheet
584Kb / 16P
   5 V Precision Voltage Reference/Temperature Transducer
Rev. I
More results

Similar Description - REF02HPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
REF01CS-REEL7 AD-REF01CS-REEL7 Datasheet
507Kb / 20P
   Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
REF03GPZ AD-REF03GPZ Datasheet
507Kb / 20P
   Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
REF03GS-REEL7 AD-REF03GS-REEL7 Datasheet
507Kb / 20P
   Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
ADR01 AD-ADR01_15 Datasheet
511Kb / 20P
   Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR01 AD-ADR01_12 Datasheet
511Kb / 20P
   Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR03 AD-ADR03_15 Datasheet
511Kb / 20P
   Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR03ARZ AD-ADR03ARZ Datasheet
511Kb / 20P
   Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR06 AD-ADR06_15 Datasheet
511Kb / 20P
   Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR02 AD-ADR02_15 Datasheet
511Kb / 20P
   Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR03BKS-R2 AD-ADR03BKS-R2 Datasheet
511Kb / 20P
   Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com