Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD713JR-16 Datasheet(PDF) 9 Page - Analog Devices

Part # AD713JR-16
Description  Precision, High Speed, BiFET Quad Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD713JR-16 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD713JR-16 Datasheet HTML 5Page - Analog Devices AD713JR-16 Datasheet HTML 6Page - Analog Devices AD713JR-16 Datasheet HTML 7Page - Analog Devices AD713JR-16 Datasheet HTML 8Page - Analog Devices AD713JR-16 Datasheet HTML 9Page - Analog Devices AD713JR-16 Datasheet HTML 10Page - Analog Devices AD713JR-16 Datasheet HTML 11Page - Analog Devices AD713JR-16 Datasheet HTML 12Page - Analog Devices AD713JR-16 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD713
Rev. F | Page 9 of 20
–70
–80
–90
1 TO 4
1 TO 2
1 TO 3
–100
–110
–120
–130
–140
10
100
1k
10k
100k
FREQUENCY (Hz)
1
2
3
4
14
13
12
11
5
10
6
9
7
8
1
2
4
3
Figure 21. Crosstalk vs. Frequency (see Figure 26 for Test Circuit)
••• •
••• •
• • • •
• •• •
••• •
••• •
••• •
••• •
••• •
••• •
••• •
••• •
• • • •
• •• •
••• •
••• •
••• •
••• •
••• •
••• •
100
90
10
0%
5V
1µs
Figure 22. Unity Gain Follower Pulse Response—Large Signal (see Figure 27
for Test Circuit)
••• •
• • • •
• • • •
••• •
• • • •
••• •
••• •
••• •
••• •
••• •
••• •
• • • •
• • • •
••• •
• • • •
••• •
••• •
••• •
••• •
••• •
100
90
10
0%
50mV
100ns
Figure 23. Unity Gain Follower Pulse Response—Small Signal (see Figure 27)
••• •
• • • •
• • • •
••• •
• • • •
••• •
••• •
••• •
••• •
••• •
••• •
• • • •
• • • •
••• •
• • • •
••• •
••• •
••• •
••• •
••• •
100
90
10
0%
5V
1µs
Figure 24. Unity Gain Inverter Pulse Response—Small Signal (see Figure 28)
•• • •
• • • •
• •• •
• •• •
• •• •
• •• •
• •• •
• •• •
• •• •
• •• •
•• • •
• • • •
• •• •
• •• •
• •• •
• •• •
• •• •
• •• •
• •• •
• •• •
100
90
10
0%
50mV
200ns
Figure 25. Unity Gain Inverter Pulse Response—Small Signal (see Figure 28)


Similar Part No. - AD713JR-16

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD713JR-16 AD-AD713JR-16 Datasheet
456Kb / 14P
   Quad Precision, Low Cost, High Speed, BiFET Op Amp
REV. C
AD713JR-16 AD-AD713JR-16 Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713JR-16 AD-AD713JR-16 Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713JR-16 AD-AD713JR-16 Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713JR-16 AD-AD713JR-16 Datasheet
383Kb / 21P
   Precision, High Speed, BiFET Quad Op Amp
More results

Similar Description - AD713JR-16

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD713 AD-AD713_17 Datasheet
383Kb / 21P
   Precision, High Speed, BiFET Quad Op Amp
AD713KNZ AD-AD713KNZ Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713JR AD-AD713JR Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713 AD-AD713_15 Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713 AD-AD713_11 Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713 AD-AD713 Datasheet
456Kb / 14P
   Quad Precision, Low Cost, High Speed, BiFET Op Amp
REV. C
AD711JRZ AD-AD711JRZ Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711_15 Datasheet
717Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711 Datasheet
523Kb / 12P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. A
AD711SH AD-AD711SH Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com