Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

502598-2393 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # 502598-2393
Description  0.3 FPC CONN, BACK FLIP HOUSING ASSY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

502598-2393 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  502598-2393 Datasheet HTML 1Page - Molex Electronics Ltd. 502598-2393 Datasheet HTML 2Page - Molex Electronics Ltd. 502598-2393 Datasheet HTML 3Page - Molex Electronics Ltd. 502598-2393 Datasheet HTML 4Page - Molex Electronics Ltd. 502598-2393 Datasheet HTML 5Page - Molex Electronics Ltd. 502598-2393 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image


Similar Part No. - 502598-2393

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
502598-2393 MOLEX1-502598-2393 Datasheet
646Kb / 6P
   0.3FPC CONN.BACK FLIP HOUSING ASSY
502598-2393 MOLEX5-502598-2393 Datasheet
647Kb / 6P
   0.3 FPC CONN, BACK FLIP HOUSING ASSY
502598-2393 MOLEX5-502598-2393 Datasheet
408Kb / 4P
   0.3 FPC CONN, BACK FLIP HOUSING ASSY
502598-2393 MOLEX11-502598-2393 Datasheet
408Kb / 4P
   0.3 FPC CONN, BACK FLIP HOUSING ASSY
More results

Similar Description - 502598-2393

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-502598-003 MOLEX5-SD-502598-003 Datasheet
408Kb / 4P
   0.3 FPC CONN, BACK FLIP HOUSING ASSY
SD-502598-001 MOLEX5-SD-502598-001 Datasheet
647Kb / 6P
   0.3 FPC CONN, BACK FLIP HOUSING ASSY
SD-502598-003 MOLEX11-SD-502598-003_13 Datasheet
408Kb / 4P
   0.3 FPC CONN, BACK FLIP HOUSING ASSY
5047540000 MOLEX-5047540000 Datasheet
676Kb / 17P
   0.3 mm PITCH FPC CONN. BACK FLIP (RIGHT ANGLE TYPE) LOW-HALOGEN
Rev. A
0548092175 MOLEX11-0548092175 Datasheet
551Kb / 7P
   0.3 FPC CONN E/0 HSG ASSY GOLD PLT H=1.3 -LEAD FREE-
PS-504754-002 MOLEX-PS-504754-002 Datasheet
908Kb / 17P
   0.3mm PITCH FPC CONN. BACK FLIP (RIGHT ANGLE TYPE) LOW-HALOGEN
Rev. J
SD-52207-069 MOLEX11-SD-52207-069 Datasheet
513Kb / 5P
   1.0 MM FPC CONN. ZIF R/A HOUSING ASSY (UPPER CONTACT)
2013/03/15
logo
Hirose Electric
FH39 HIROSE-FH39 Datasheet
149Kb / 1P
   0.3 mm Pitch, 1.1 mm Height, Top/Bottom Contact, Back Flip FPC Connector
FH35C HIROSE-FH35C Datasheet
368Kb / 12P
   0.3 mm pitch, 0.9 mm height, back flip type dual-sided FPC connector
logo
Molex Electronics Ltd.
SD-52207-067 MOLEX-SD-52207-067 Datasheet
536Kb / 5P
   EMBOSSED TAPE PACKAGED 1.0 MM FPC CONN ZIF R/A HOUSING ASSY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com