Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4110 Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AK4110
Description  High Feature 96kHz 24bit DIR
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4110 Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AK4110 Datasheet HTML 1Page - Asahi Kasei Microsystems AK4110 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4110 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4110 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4110 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4110 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4110 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4110 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4110 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
ASAHI KASEI
[AK4112A]
MS0020-E-00
2000/3
- 5 -
PIN/FUNCTION
No.
Pin Name
I/O
Function
1
DVDD
-
Digital Power Supply Pin, 3.3V
2
DVSS
-
Digital Ground Pin
3
TVDD
-
Input Buffer Power Supply Pin, 3.3V or 5V
V
O
Validity Flag Output Pin in Parallel Mode
4
TX
O
Transmit channel (through data) Output Pin in Serial Mode
5XTI
I
X'tal Input Pin
6
XTO
O
X'tal Output Pin
7PDN
I
Power-Down Mode Pin
When “L”, the AK4112A is powered-down and reset.
8R
-
External Resistor Pin
18k
W +/-1% resistor to AVSS externally.
9
AVDD
-
Analog Power Supply Pin
10
AVSS
-
Analog Ground Pin
11
RX1
I
Receiver Channel 1
This channel is selected in Parallel Mode or default of Serial Mode.
DIF0
I
Audio Data Interface Format 0 Pin in Parallel Mode
12
RX2
I
Receiver Channel 2 in Serial Mode
DIF1
I
Audio Data Interface Format 1 Pin in Parallel Mode
13
RX3
I
Receiver Channel 3 in Serial Mode
DIF2
I
Audio Data Interface Format 2 Pin in Parallel Mode
14
RX4
I
Receiver Channel 4 in Serial Mode
15
AUTO
O
Non-PCM Detect Pin
“L”: No detect, “H” : Detect
16
P/S
I
Parallel/Serial Select Pin
“L”: Serial Mode, “H”: Parallel Mode
17
FS96
O
96kHz Sampling Detect Pin
(RX Mode)
“H” : fs=88.2kHz or more, “L” fs=54kHz or less.
(X’tal Mode)
“H” : XFS96=1, “L” : XFS96=0.
18
ERF
O
Unlock & Parity Error Output Pin
“L”: No Error, “H”: Error
19
LRCK
I/O
Output Channel Clock Pin
20
SDTO
O
Audio Serial Data Output Pin
21
BICK
I/O
Audio Serial Data Clock Pin
22
DAUX
I
Auxiliary Audio Data Input Pin
23
MCK02
O
Master Clock #2 Output Pin
24
MCK01
O
Master Clock #1 Output Pin
OCKS0
I
Output Clock Select 0 Pin in Parallel Mode
25
CSN
I
Chip Select Pin in Serial Mode
OCKS1
I
Output Clock Select 1 Pin in Parallel Mode
26
CCLK
I
Control Data Clock Pin in Serial Mode
CM1
I
Master Clock Operation Mode Pin0 in Parallel Mode
27
CDTI
I
Control Data Input Pin in Serial Mode
CM0
I
Master Clock Operation Mode Pin1 in Parallel Mode
28
CDTO
O
Control Data Output Pin in Serial Mode
Note 1: All input pins except internal pull-down pins should not be left floating.


Similar Part No. - AK4110

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK411024D ACCUTEK-AK411024D Datasheet
113Kb / 2P
   262,144 X 8 Bit MOS Dynamic Random Access Memory
AK411024D ACCUTEK-AK411024D Datasheet
89Kb / 2P
   16,384 x 32 Bit CMOS / BiCMOS Static Random Access Memory
AK411024D ACCUTEK-AK411024D Datasheet
82Kb / 2P
   32,768 x 32 Bit CMOS/BiCMOS Static Random Access Memory
AK411024D ACCUTEK-AK411024D Datasheet
89Kb / 2P
   32,768 x 32 Bit CMOS / BiCMOS Static Random Access Memory
AK411024D ACCUTEK-AK411024D Datasheet
86Kb / 2P
   65,536 x 32 Bit CMOS/BiCMOS Static Random Access Memory
More results

Similar Description - AK4110

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4112B AKM-AK4112B Datasheet
334Kb / 30P
   HIGH FEATURE 96kHz 24BIT DIR
AK4112B(VM) AKM-AK4112B(VM) Datasheet
353Kb / 31P
   High Feature 96kHz 24bit DIR
AK4112B AKM-AK4112B_12 Datasheet
332Kb / 31P
   High Feature 96kHz 24bit DIR
AK4584 AKM-AK4584_01 Datasheet
328Kb / 53P
   24Bit 96kHz Audio CODEC with DIT/DIR
AK4584 AKM-AK4584 Datasheet
316Kb / 53P
   24BIT 96KHZ AUDIO CODEC WITH DIT/DIR
AK4324VF AKM-AK4324VF Datasheet
166Kb / 18P
   96kHz Sampling 24Bit
AK4524 AKM-AK4524 Datasheet
320Kb / 31P
   24BIT 96KHZ AUDIO CODEC
AK5381 AKM-AK5381 Datasheet
138Kb / 20P
   24Bit 96kHz ?誇 ADC
AK4528 AKM-AK4528_12 Datasheet
281Kb / 30P
   High Performance 24Bit 96kHz Audio CODEC
AK4528 AKM-AK4528_04 Datasheet
304Kb / 29P
   High Performance 24Bit 96kHz Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com