Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QS6J11 Datasheet(PDF) 8 Page - Rohm

Part # QS6J11
Description  Dual Pch -12V -2.0A Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

QS6J11 Datasheet(HTML) 8 Page - Rohm

Back Button QS6J11 Datasheet HTML 4Page - Rohm QS6J11 Datasheet HTML 5Page - Rohm QS6J11 Datasheet HTML 6Page - Rohm QS6J11 Datasheet HTML 7Page - Rohm QS6J11 Datasheet HTML 8Page - Rohm QS6J11 Datasheet HTML 9Page - Rohm QS6J11 Datasheet HTML 10Page - Rohm QS6J11 Datasheet HTML 11Page - Rohm QS6J11 Datasheet HTML 12Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
QS6J11
lElectrical characteristic curves
10
100
1000
0.1
1
10
VGS= -2.5V
Ta = 125ºC
Ta = 75ºC
Ta = 25ºC
Ta = -25ºC
10
100
1000
0.1
1
10
VGS= -4.5V
Ta = 125ºC
Ta = 75ºC
Ta = 25ºC
Ta = -25ºC
10
100
1000
0.1
1
10
VGS= -1.8V
Ta = 125ºC
Ta = 75ºC
Ta = 25ºC
Ta = -25ºC
Fig.16 Static Drain - Source On - State
Resistance vs. Drain Current(III)
Drain Current : -ID [A]
Fig.15 Static Drain - Source On - State
Resistance vs. Drain Current(II)
Drain Current : -ID [A]
Fig.17 Static Drain - Source On - State
Resistance vs. Drain Current(IV)
Drain Current : -ID [A]
8/11
2012.06 - Rev.B


Similar Part No. - QS6J11

ManufacturerPart #DatasheetDescription
logo
Rohm
QS6J11 ROHM-QS6J11 Datasheet
227Kb / 5P
   1.5V Drive PchPch MOSFET
logo
VBsemi Electronics Co.,...
QS6J11TR VBSEMI-QS6J11TR Datasheet
519Kb / 9P
   Dual P-Channel 20 V (D-S) MOSFET
More results

Similar Description - QS6J11

ManufacturerPart #DatasheetDescription
logo
Rohm
RSR020P05TL ROHM-RSR020P05TL Datasheet
608Kb / 12P
   Pch -45V -2.0A Power MOSFET
RSR020P05FRA ROHM-RSR020P05FRA Datasheet
1Mb / 14P
   Pch -45V -2.0A Power MOSFET
RQ5H020SP ROHM-RQ5H020SP Datasheet
818Kb / 13P
   Pch -45V -2.0A Power MOSFET
US6J12 ROHM-US6J12 Datasheet
1Mb / 14P
    -12V PchPch Small Signal MOSFET
20190527 - Rev.002
RV4C020ZPHZG ROHM-RV4C020ZPHZG Datasheet
5Mb / 14P
   Pch -20V -2.0A Small Signal MOSFET
20201019 - Rev.001
RQ6L020SP ROHM-RQ6L020SP Datasheet
2Mb / 15P
   Pch -60V -2.0A Small Signal MOSFET
RV5A040AP ROHM-RV5A040AP Datasheet
5Mb / 15P
   Pch -12V -4.0A Small Signal MOSFET
RQ1A070ZPFRA ROHM-RQ1A070ZPFRA Datasheet
2Mb / 14P
   Pch -12V -7A Small Signal MOSFET
RQ1A070ZPHZG ROHM-RQ1A070ZPHZG Datasheet
2Mb / 15P
   Pch -12V -7A Small Signal MOSFET
RQ6A045AP ROHM-RQ6A045AP Datasheet
1Mb / 14P
    Pch -12V -4.5A Small Signal MOSFET
20170915 - Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com