Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRP6658 Datasheet(PDF) 8 Page - Exar Corporation

Part # XRP6658
Description  1A 1.5MHz PFM/PWM Synchronous Step-Down Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP6658 Datasheet(HTML) 8 Page - Exar Corporation

Back Button XRP6658 Datasheet HTML 3Page - Exar Corporation XRP6658 Datasheet HTML 4Page - Exar Corporation XRP6658 Datasheet HTML 5Page - Exar Corporation XRP6658 Datasheet HTML 6Page - Exar Corporation XRP6658 Datasheet HTML 7Page - Exar Corporation XRP6658 Datasheet HTML 8Page - Exar Corporation XRP6658 Datasheet HTML 9Page - Exar Corporation XRP6658 Datasheet HTML 10Page - Exar Corporation XRP6658 Datasheet HTML 11Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
X
XR
RP
P6
66
65
58
8
1
1A
A 1
1..5
5M
MH
Hz
z P
PF
FM
M/
/P
PW
WM
M S
Sy
yn
ncch
hrro
on
no
ou
us
s S
Stte
ep
p--D
Do
ow
wn
n C
Co
on
nv
ve
errtte
err
© 2011 Exar Corporation
8/11
Rev. 1.5.0
THEORY OF OPERATION
The typical application circuit of adjustable
version is shown in figure 22.
Fig. 22: Typical Application
INDUCTOR SELECTION
Inductor ripple current and saturation current
rating are two factors to be considered when
selecting the inductor value. A low DCR
inductor is preferred.
The inductor value L can be calculated from
the following equation:
x
1
x
1
CIN AND COUT SELECTION
A low ESR input capacitor can minimize the
input voltage ripple. Voltage rating of the
capacitor should be at least 50% higher than
the input voltage. The RMS current of the
input capacitor is required to be larger than
the IRMS calculated by:
-
The ESR value is an important parameter to
consider when selecting an output capacitor
COUT. The output ripple VOUT is determined by:
≅ ∆IL ESR
1
8
f
The output capacitor’s value can be optimized
for very low output voltage ripple and small
circuit size. Voltage rating of the capacitor
should be at least 50% higher than the output
voltage. Higher values, lower cost ceramic
capacitors are now available in smaller sizes.
These ceramic capacitors have high ripple
currents, high voltage ratings and low ESR
that make them ideal for switching regulator
applications.
It is recommended to use X5R or X7R ceramic
capacitors as they have the best temperature
and voltage characteristics.
OUTPUT VOLTAGE SELECTION
The output voltage is adjustable via the
external resistor network R1 and R2 as per the
following formula:
1
R2
R1
where, VREF is the reference voltage at 0.6V.
The feedback resistors must be chosen such
that power dissipation of the network is
minimal. R1 must be selected within the range
of 80kΩ≤ R1 ≤120kΩ. R2 is selected based on
the above equation.
THERMAL CONSIDERATIONS
Although thermal shutdown is built-in in
XRP6658 to protect the device from thermal
damage, the total power dissipation that
XRP6658 can sustain is based on the package
thermal capability. The formula to ensure safe
operation is shown in Note 1. To avoid
XRP6658
from
exceeding
the
maximum
junction temperature, some thermal analysis
is required.
GUIDELINES FOR PCB LAYOUT
To ensure proper operation of the XRP6658,
please
note
the
following
PCB
layout
guidelines:
1. The GND, SW and VIN traces should be
kept short, direct and wide.
2. VFB pin must be connected directly to the
feedback resistors. Resistive divider R1/R2
must be connected in parallel to the output
capacitor COUT.
3. The input capacitor CIN must be as close as
possible to pin VIN.
4. Keep SW node away from the sensitive VFB
node since SW signal experiences high
frequency voltage swings.


Similar Part No. - XRP6658

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP6657 EXAR-XRP6657 Datasheet
1Mb / 11P
   1.5A 1.3MHz Synchronous Step Down Converter
XRP6657 EXAR-XRP6657 Datasheet
925Kb / 11P
   1.5A 1.3MHz Synchronous Step Down Converter
XRP6657EVB EXAR-XRP6657EVB Datasheet
1Mb / 11P
   1.5A 1.3MHz Synchronous Step Down Converter
XRP6657EVB EXAR-XRP6657EVB Datasheet
925Kb / 11P
   1.5A 1.3MHz Synchronous Step Down Converter
XRP6657IHBTR-F EXAR-XRP6657IHBTR-F Datasheet
1Mb / 11P
   1.5A 1.3MHz Synchronous Step Down Converter
More results

Similar Description - XRP6658

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5250A AME-AME5250A Datasheet
409Kb / 22P
   1A, 1.5MHz Synchronous Step-Down Converter
logo
Fitipower Integrated Te...
FP6360 FITIPOWER-FP6360 Datasheet
639Kb / 11P
   1.5MHz, 1A, High-Efficiency PWM Synchronous Step-Down Converter
logo
Analog Microelectronics
AME5253 AME-AME5253 Datasheet
615Kb / 18P
   1A, 1.5MHz Synchronous Step-Down Converter
AME5253A AME-AME5253A Datasheet
615Kb / 18P
   1A, 1.5MHz Synchronous Step-Down Converter
AME5250 AME-AME5250 Datasheet
370Kb / 21P
   1A, 1.5MHz Synchronous Step-Down Converter
logo
Anpec Electronics Corop...
APW7176A ANPEC-APW7176A Datasheet
278Kb / 16P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
logo
Analog Microelectronics
AME5251A AME-AME5251A Datasheet
354Kb / 19P
   Dual 1A, 1.5MHz Synchronous Step-Down Converter
logo
Eutech Microelectronics...
EUP3419 EUTECH-EUP3419 Datasheet
143Kb / 1P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
logo
Anpec Electronics Corop...
APW7176 ANPEC-APW7176 Datasheet
276Kb / 16P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
APW7179 ANPEC-APW7179 Datasheet
277Kb / 16P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com