Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1730-29CQ Datasheet(PDF) 9 Page - Analog Intergrations Corporation

Part # AIC1730-29CQ
Description  Low Noise Low Dropout, 150mA Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1730-29CQ Datasheet(HTML) 9 Page - Analog Intergrations Corporation

Back Button AIC1730-29CQ Datasheet HTML 4Page - Analog Intergrations Corporation AIC1730-29CQ Datasheet HTML 5Page - Analog Intergrations Corporation AIC1730-29CQ Datasheet HTML 6Page - Analog Intergrations Corporation AIC1730-29CQ Datasheet HTML 7Page - Analog Intergrations Corporation AIC1730-29CQ Datasheet HTML 8Page - Analog Intergrations Corporation AIC1730-29CQ Datasheet HTML 9Page - Analog Intergrations Corporation AIC1730-29CQ Datasheet HTML 10Page - Analog Intergrations Corporation AIC1730-29CQ Datasheet HTML 11Page - Analog Intergrations Corporation AIC1730-29CQ Datasheet HTML 12Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AIC1730
9
LINE REGULATION
Line regulation is the ability of the regulator to
maintain a constant output voltage as the input
voltage changes. The line regulation is specified as
the input voltage is changed from VIN = VOUT + 1 V to
VIN = VOUT + 6 V and IOUT = 1mA.
LOAD REGULATION
Load regulation is the ability of the regulator to
maintain a constant output voltage as the load
current changes. To minimize temperature effects, it
is a pulsed measurement with the input voltage set to
VIN = VOUT + 1 V. The load regulation is specified
under the output current step of 0.1mA to 150mA.
QUIESCENT CURRENT (I
Q)
The quiescent current is the current flowing through
the ground pin under no load.
GROUND CURRENT (I
GND)
Ground current is the current flowing through the
ground pin under loading.
STANDBY CURRENT (I
STBY)
Standby current is the current flowing into the
regulator when the output is shutdown by setting
V
SHDN = 0V, VIN = 8 V.
CURRENT LIMIT (I
IL)
The
AIC1730
include
a
current
limiter,
which
monitors and controls the maximum output current to
be 300mA typically if the output is shorted to ground.
This can protect the device from being damaged.
THERMAL PROTECTION
The thermal sensor protects the device when the
junction temperature exceeds TJ= +155ºC. It signals
the shutdown logic, turning off the pass transistor
and allowing the IC to cool. After the IC’s junction
temperature cools by 15ºC, the thermal sensor will
turn on the pass transistor again. Thermal protection
is designed to protect the device in the event of fault
conditions. For continuous operation do not exceed
the absolute maximum junction-temperature rating of
TJ= 150ºC, or damage may occur to the device.
n APPLICATION INFORMATION
INPUT-OUTPUT CAPACITORS
Linear
regulators
require
input
and
output
capacitors
to
maintain
stability.
The
recommended minimum value of input capacitor
is 0.22
µF. The output capacitor should be
selected within the Equivalent Series Resistance
(ESR) range shown in the graphs below for
stability. Because the ceramic capacitor’s ESR is
lower
and
its
electrical
characteristics
(capacitance
and
ESR)
vary
widely
over
temperature, a tantalum output capacitor is
recommended, especially for heavier load. In
general,
the
capacitor
should
be
at
least
1
µF(tantalum) and be rated for the actual
ambient operating temperature range.
Note: It is very important to check the selected
manufactures’
electrical
characteristics
(capacitance and ESR) over temperature.


Similar Part No. - AIC1730-29CQ

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1730-29 AIC-AIC1730-29 Datasheet
269Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
More results

Similar Description - AIC1730-29CQ

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7965 EUTECH-EUP7965 Datasheet
375Kb / 15P
   150mA Low-Noise Low-Dropout Linear Regulator
logo
Sangdest Microelectroni...
SULR1730 SMC-SULR1730 Datasheet
335Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6730 SSC-SS6730 Datasheet
187Kb / 12P
   150mA Low-Noise, Low-Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1730 AIC-AIC1730_15 Datasheet
269Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
logo
Semtech Corporation
SC5205 SEMTECH-SC5205 Datasheet
137Kb / 5P
   150mA Ultra Low Dropout, Low Noise Micropower Linear Regulator
logo
Monolithic Power System...
MP8801 MPS-MP8801_06 Datasheet
294Kb / 7P
   Low Dropout 150mA Linear Regulator
logo
Seaward Electronics Inc...
SE8802 SEAWARD-SE8802 Datasheet
335Kb / 6P
   150mA Low Dropout Linear Regulator
logo
Monolithic Power System...
EV8801DJ-00A MPS-EV8801DJ-00A Datasheet
185Kb / 4P
   Low Dropout 150mA Linear Regulator
MP8903 MPS-MP8903 Datasheet
272Kb / 10P
   Low Dropout 150mA Linear Regulator
logo
Union Semiconductor, In...
UM1330 UNIONSEMI-UM1330 Datasheet
634Kb / 14P
   150mA, Low Noise, Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com