Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRP7659EVB Datasheet(PDF) 8 Page - Exar Corporation

Part # XRP7659EVB
Description  1.5A 18V1.4MHz Non Synchronous Step-Down Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP7659EVB Datasheet(HTML) 8 Page - Exar Corporation

Back Button XRP7659EVB Datasheet HTML 2Page - Exar Corporation XRP7659EVB Datasheet HTML 3Page - Exar Corporation XRP7659EVB Datasheet HTML 4Page - Exar Corporation XRP7659EVB Datasheet HTML 5Page - Exar Corporation XRP7659EVB Datasheet HTML 6Page - Exar Corporation XRP7659EVB Datasheet HTML 7Page - Exar Corporation XRP7659EVB Datasheet HTML 8Page - Exar Corporation XRP7659EVB Datasheet HTML 9Page - Exar Corporation XRP7659EVB Datasheet HTML 10Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
//htmlimg2.alldatasheet.net/htmldatasheet2/549341/EXAR/XRP7659EVB/834/8/XRP7659EVB.png


Similar Part No. - XRP7659EVB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP7604 EXAR-XRP7604 Datasheet
455Kb / 13P
   1A 29V Non-Sync. Buck High Power LED Driver
XRP7613IDBTR-F EXAR-XRP7613IDBTR-F Datasheet
1Mb / 14P
   1.2A 36V Step Down High Brightness LED Driver
XRP7618 EXAR-XRP7618 Datasheet
557Kb / 10P
   8-Channel Constant Current Linear LED Driver With Smart TalkTM
XRP7618 EXAR-XRP7618 Datasheet
765Kb / 7P
   8-Channel Constant Current Linear LED Driver With Smart TalkTM
XRP7618EVB EXAR-XRP7618EVB Datasheet
557Kb / 10P
   8-Channel Constant Current Linear LED Driver With Smart TalkTM
More results

Similar Description - XRP7659EVB

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1875 LINER-LTC1875_15 Datasheet
268Kb / 20P
   1.5A Monolithic Synchronous Step-Down Regulator
logo
Feeling Technology Corp...
FP6162 FEELING-FP6162 Datasheet
813Kb / 19P
   1.5MHz, 1.5A Synchronous Step-Down Regulator
logo
Semicoa Semiconductor
SC189ASK.TRT SEMICOA-SC189ASK.TRT Datasheet
1Mb / 24P
   2.5MHz, 1.5A Synchronous Step Down Regulator
logo
Semtech Corporation
SC189 SEMTECH-SC189 Datasheet
1Mb / 23P
   2.5MHz, 1.5A Synchronous Step Down Regulator
logo
Linear Technology
LTC3601 LINER-LTC3601 Datasheet
330Kb / 24P
   1.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3601 LINER-LTC3601_15 Datasheet
328Kb / 26P
   1.5A, 15V Monolithic Synchronous Step-Down Regulator
logo
E-CMOS Corporation
EC3221 E-CMOS-EC3221 Datasheet
1Mb / 16P
   1.5MHz, Dual 1.5A, Synchronous Step-Down Regulator
logo
TECHCODE SEMICONDUCTOR,...
TD6821 TECHCODE-TD6821 Datasheet
964Kb / 18P
   1.5MHz Dual 1.5A Synchronous Step Down Regulator
logo
Eutech Microelectronics...
EUP3291 EUTECH-EUP3291 Datasheet
736Kb / 1P
   1.5A, 2.25MHz Synchronous Step-Down DC/DC Regulator
logo
Exar Corporation
XR76201 EXAR-XR76201 Datasheet
1Mb / 16P
   40V PowerBloxTM 1.5A Synchronous Step-Down COT Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com