Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRP7662EVB Datasheet(PDF) 10 Page - Exar Corporation

Part # XRP7662EVB
Description  12A 300KHz Synchronous Step Down Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP7662EVB Datasheet(HTML) 10 Page - Exar Corporation

Back Button XRP7662EVB Datasheet HTML 6Page - Exar Corporation XRP7662EVB Datasheet HTML 7Page - Exar Corporation XRP7662EVB Datasheet HTML 8Page - Exar Corporation XRP7662EVB Datasheet HTML 9Page - Exar Corporation XRP7662EVB Datasheet HTML 10Page - Exar Corporation XRP7662EVB Datasheet HTML 11Page - Exar Corporation XRP7662EVB Datasheet HTML 12Page - Exar Corporation XRP7662EVB Datasheet HTML 13Page - Exar Corporation XRP7662EVB Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
//htmlimg2.alldatasheet.net/htmldatasheet2/549346/EXAR/XRP7662EVB/1044/10/XRP7662EVB.png


Similar Part No. - XRP7662EVB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP7664IDTR-F EXAR-XRP7664IDTR-F Datasheet
375Kb / 2P
   The Popular Choice for 2A Power Rail Down Conversions
XRP7665 EXAR-XRP7665 Datasheet
759Kb / 12P
   3A 18V Synchronous Step-Down Converter
XRP7665EVB EXAR-XRP7665EVB Datasheet
759Kb / 12P
   3A 18V Synchronous Step-Down Converter
XRP7665IDBTR-F EXAR-XRP7665IDBTR-F Datasheet
759Kb / 12P
   3A 18V Synchronous Step-Down Converter
XRP7665IDBTRF EXAR-XRP7665IDBTRF Datasheet
162Kb / 1P
   Flammability rating of UL 94?륷0
More results

Similar Description - XRP7662EVB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP7662 EXAR-SP7662_12 Datasheet
1Mb / 19P
   12A 300KHz Synchronous Step Down Regulator
XRP6670 EXAR-XRP6670 Datasheet
3Mb / 13P
   3A 300kHz-2.5MHz Synchronous Step Down Regulator
logo
Monolithic Power System...
EV2905EK-00A MPS-EV2905EK-00A Datasheet
258Kb / 5P
   12A,3~28V,300kHz,Hysteretic Synchronous Step-Down Controller Evaluation Board
logo
Exar Corporation
XR76108 EXAR-XR76108 Datasheet
1Mb / 17P
   8A and 12A Synchronous Step Down COT Regulator
logo
HTC Korea TAEJIN Techno...
LM1501B HTC-LM1501B Datasheet
167Kb / 4P
   5.0A, 300kHz, Step-down Switching Regulator
logo
Aimtron Technology
AT1792 AIMTRON-AT1792 Datasheet
1Mb / 14P
   2A/18V/300KHz Step-Down Voltage Regulator
logo
Semtech Corporation
SC221 SEMTECH-SC221 Datasheet
921Kb / 14P
   Synchronous Step-Down Regulator
logo
Bookly Micro electronic
BM1707 BOOKLY-BM1707 Datasheet
506Kb / 13P
   Synchronous Step-Down Regulator
BM1584 BOOKLY-BM1584 Datasheet
5Mb / 8P
   Synchronous Step-Down Regulator
BM1588 BOOKLY-BM1588 Datasheet
1Mb / 6P
   Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com