Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRS130 Datasheet(PDF) 10 Page - Exar Corporation

Part # MBRS130
Description  3A 18V Synchronous Step-Down Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MBRS130 Datasheet(HTML) 10 Page - Exar Corporation

Back Button MBRS130 Datasheet HTML 4Page - Exar Corporation MBRS130 Datasheet HTML 5Page - Exar Corporation MBRS130 Datasheet HTML 6Page - Exar Corporation MBRS130 Datasheet HTML 7Page - Exar Corporation MBRS130 Datasheet HTML 8Page - Exar Corporation MBRS130 Datasheet HTML 9Page - Exar Corporation MBRS130 Datasheet HTML 10Page - Exar Corporation MBRS130 Datasheet HTML 11Page - Exar Corporation MBRS130 Datasheet HTML 12Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
//htmlimg2.alldatasheet.net/htmldatasheet2/549351/EXAR/MBRS130/1014/10/MBRS130.png


Similar Part No. - MBRS130

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBRS130 MOTOROLA-MBRS130 Datasheet
63Kb / 4P
   Schottky Power Rectifier(Surface Mount Power Package)
logo
Fairchild Semiconductor
MBRS130 FAIRCHILD-MBRS130 Datasheet
37Kb / 3P
   1.0 Ampere Schottky Power Rectifiers
logo
ON Semiconductor
MBRS130 ONSEMI-MBRS130 Datasheet
152Kb / 13P
   1.5 A, 170 kHz, Buck Regulator with Synchronization Capability
March, 2007 ??Rev. 0
MBRS130 ONSEMI-MBRS130 Datasheet
157Kb / 13P
   1.5 A, 340 kHz, Buck Regulator with Synchronization Capability
March, 2007 ??Rev. 0
logo
Fairchild Semiconductor
MBRS130 FAIRCHILD-MBRS130 Datasheet
36Kb / 3P
   Schottky Rectifier
More results

Similar Description - MBRS130

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL9313 BELLING-BL9313 Datasheet
524Kb / 11P
   3A, 18V Synchronous Step-Down Converter
BL9371 BELLING-BL9371 Datasheet
561Kb / 11P
   3A, 18V Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT7257A RICHTEK-RT7257A Datasheet
274Kb / 14P
   3A, 18V, 340kHz Synchronous Step-Down Converter
RT7257D RICHTEK-RT7257D Datasheet
224Kb / 14P
   3A, 18V, 1.2MHz Synchronous Step-Down Converter
RT7257B RICHTEK-RT7257B Datasheet
284Kb / 14P
   3A, 18V, 1.2MHz Synchronous Step-Down Converter
RT7257C RICHTEK-RT7257C Datasheet
214Kb / 14P
   3A, 18V, 340kHz Synchronous Step-Down Converter
RT7297A RICHTEK-RT7297A Datasheet
280Kb / 14P
   3A, 18V, 340kHz Synchronous Step-Down Converter
RT7297B RICHTEK-RT7297B Datasheet
278Kb / 14P
   3A, 18V, 1.2MHz Synchronous Step-Down Converter
RT7297C RICHTEK-RT7297C Datasheet
289Kb / 15P
   3A, 18V, 800kHz Synchronous Step-Down Converter
RT7257G RICHTEK-RT7257G Datasheet
277Kb / 15P
   3A, 18V, 800kHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com