Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8008ARZ1 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8008ARZ1
Description  Ultralow Distortion,High Speed Amplifiers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8008ARZ1 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8008ARZ1 Datasheet HTML 2Page - Analog Devices AD8008ARZ1 Datasheet HTML 3Page - Analog Devices AD8008ARZ1 Datasheet HTML 4Page - Analog Devices AD8008ARZ1 Datasheet HTML 5Page - Analog Devices AD8008ARZ1 Datasheet HTML 6Page - Analog Devices AD8008ARZ1 Datasheet HTML 7Page - Analog Devices AD8008ARZ1 Datasheet HTML 8Page - Analog Devices AD8008ARZ1 Datasheet HTML 9Page - Analog Devices AD8008ARZ1 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
AD8007/AD8008
Rev. E | Page 5 of
20
AD8007/AD8008
Unit
Parameter
Conditions
Min
Typ
Max
OUTPUT CHARACTERISTICS
Output Saturation Voltage
VCC − VOH, VOL − VEE, RL = 1 kΩ
1.05
1.15
V
Short-Circuit Current, Source
70
mA
Short-Circuit Current, Sink
50
mA
Capacitive Load Drive
30% overshoot
8
pF
POWER SUPPLY
Operating Range
5
12
V
Quiescent Current per Amplifier
8.1
9
mA
Power Supply Rejection Ratio
+PSRR
59
62
dB
−PSRR
59
63
dB


Similar Part No. - AD8008ARZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8008AR AD-AD8008AR Datasheet
487Kb / 20P
   ULTRALOW DISTORTION HIGH SPEED AMPLIFIERS
REV. C
AD8008AR AD-AD8008AR Datasheet
423Kb / 20P
   Ultralow Distortion High Speed Amplifiers
REV. D
AD8008AR-REEL AD-AD8008AR-REEL Datasheet
487Kb / 20P
   ULTRALOW DISTORTION HIGH SPEED AMPLIFIERS
REV. C
AD8008AR-REEL AD-AD8008AR-REEL Datasheet
423Kb / 20P
   Ultralow Distortion High Speed Amplifiers
REV. D
AD8008AR-REEL7 AD-AD8008AR-REEL7 Datasheet
487Kb / 20P
   ULTRALOW DISTORTION HIGH SPEED AMPLIFIERS
REV. C
More results

Similar Description - AD8008ARZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8007 AD-AD8007_03 Datasheet
423Kb / 20P
   Ultralow Distortion High Speed Amplifiers
REV. D
AD8008 AD-AD8008_15 Datasheet
587Kb / 21P
   Ultralow Distortion, High Speed Amplifiers
Rev. E
AD8007 AD-AD8007_15 Datasheet
587Kb / 21P
   Ultralow Distortion, High Speed Amplifiers
Rev. E
AD8007 AD-AD8007 Datasheet
487Kb / 20P
   ULTRALOW DISTORTION HIGH SPEED AMPLIFIERS
REV. C
AD8099 AD-AD8099_15 Datasheet
811Kb / 29P
   Ultralow Distortion, High Speed
REV. D
logo
Texas Instruments
THS4011 TI1-THS4011_16 Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4012CDGNR TI-THS4012CDGNR Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4011 TI-THS4011 Datasheet
439Kb / 30P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4011IDGNR TI-THS4011IDGNR Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4011 NSC-THS4011 Datasheet
1Mb / 36P
   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com