Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8008ARZ1 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8008ARZ1
Description  Ultralow Distortion,High Speed Amplifiers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8008ARZ1 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8008ARZ1 Datasheet HTML 3Page - Analog Devices AD8008ARZ1 Datasheet HTML 4Page - Analog Devices AD8008ARZ1 Datasheet HTML 5Page - Analog Devices AD8008ARZ1 Datasheet HTML 6Page - Analog Devices AD8008ARZ1 Datasheet HTML 7Page - Analog Devices AD8008ARZ1 Datasheet HTML 8Page - Analog Devices AD8008ARZ1 Datasheet HTML 9Page - Analog Devices AD8008ARZ1 Datasheet HTML 10Page - Analog Devices AD8008ARZ1 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
AD8007/AD8008
Rev. E | Page 6 of
20
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Supply Voltage
12.6 V
Power Dissipation
See Figure 5
Common-Mode Input Voltage
±VS
Differential Input Voltage
±1.0 V
Output Short-Circuit Duration
See Figure 5
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range
−40°C to +85°C
Lead Temperature (Soldering, 10 sec)
300°C
RMS output voltages should be considered. If RL is referenced to
VS, as in single-supply operation, then the total drive power is
VS × IOUT.
If the rms signal levels are indeterminate, then consider the
worst case, when VOUT = VS/4 for RL to midsupply
L
S
S
S
D
R
V
I
V
P
2
4
)
(
+
×
=
In single-supply operation, with RL referenced to VS, worst case is
VOUT = VS/2.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Airflow increases heat dissipation, effectively reducing θJA. In
addition, more metal directly in contact with the package leads
from metal traces, through-holes, ground, and power planes
reduces the θJA. Care must be taken to minimize parasitic
capacitances at the input leads of high speed op amps, see the
Layout Considerations section.
Figure 5 shows the maximum safe power dissipation in the
package vs. the ambient temperature for the SOIC-8 (125°C/W),
MSOP-8 (150°C/W), and SC70-5 (210°C/W) packages on a
JEDEC standard 4-layer board. θJA values are approximations.
MAXIMUM POWER DISSIPATION
The maximum safe power dissipation in the AD8007/AD8008
packages is limited by the associated rise in junction temperature
(TJ) on the die. The plastic encapsulating the die locally reaches
the junction temperature. At approximately 150°C, which is the
glass transition temperature, the plastic changes its properties.
Even temporarily exceeding this temperature limit can change
the stresses that the package exerts on the die, permanently
shifting the parametric performance of the AD8007/AD8008.
Exceeding a junction temperature of 175°C for an extended
time can result in changes in the silicon devices, potentially
causing failure.
AMBIENT TEMPERATURE (°C)
2.0
1.5
0
0
0
1
0
6
–40
–20
0
20
40
60
80
1.0
0.5
SOIC-8
SC70-5
MSOP-8
The still-air thermal properties of the package and PCB (θJA),
ambient temperature (TA), and the total power dissipated in the
package (PD) determine the junction temperature of the die.
The junction temperature can be calculated as
TJ = TA + (PD × θJA)
Figure 5. Maximum Power Dissipation vs. Temperature for a 4-Layer Board
The power dissipated in the package (PD) is the sum of the
quiescent power dissipation and the power dissipated in the
package due to the load drive for all outputs. The quiescent
power is the voltage between the supply pins (VS) times the
quiescent current (IS). Assuming the load (RL ) is referenced to
midsupply, the total drive power is VS/2 × IOUT, some of which is
dissipated in the package and some in the load (VOUT × IOUT).
The difference between the total drive power and the load
power is the drive power dissipated in the package.
OUTPUT SHORT CIRCUIT
Shorting the output to ground or drawing excessive current for
the AD8007/AD8008 will likely cause catastrophic failure.
ESD CAUTION
PD = Quiescent Power + (Total Drive Power − Load Power)
L
OUT
L
OUT
S
S
S
D
R
V
R
V
V
I
V
P
2
2
)
(
⎟⎟
⎜⎜
×
+
×
=


Similar Part No. - AD8008ARZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8008AR AD-AD8008AR Datasheet
487Kb / 20P
   ULTRALOW DISTORTION HIGH SPEED AMPLIFIERS
REV. C
AD8008AR AD-AD8008AR Datasheet
423Kb / 20P
   Ultralow Distortion High Speed Amplifiers
REV. D
AD8008AR-REEL AD-AD8008AR-REEL Datasheet
487Kb / 20P
   ULTRALOW DISTORTION HIGH SPEED AMPLIFIERS
REV. C
AD8008AR-REEL AD-AD8008AR-REEL Datasheet
423Kb / 20P
   Ultralow Distortion High Speed Amplifiers
REV. D
AD8008AR-REEL7 AD-AD8008AR-REEL7 Datasheet
487Kb / 20P
   ULTRALOW DISTORTION HIGH SPEED AMPLIFIERS
REV. C
More results

Similar Description - AD8008ARZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8007 AD-AD8007_03 Datasheet
423Kb / 20P
   Ultralow Distortion High Speed Amplifiers
REV. D
AD8008 AD-AD8008_15 Datasheet
587Kb / 21P
   Ultralow Distortion, High Speed Amplifiers
Rev. E
AD8007 AD-AD8007_15 Datasheet
587Kb / 21P
   Ultralow Distortion, High Speed Amplifiers
Rev. E
AD8007 AD-AD8007 Datasheet
487Kb / 20P
   ULTRALOW DISTORTION HIGH SPEED AMPLIFIERS
REV. C
AD8099 AD-AD8099_15 Datasheet
811Kb / 29P
   Ultralow Distortion, High Speed
REV. D
logo
Texas Instruments
THS4011 TI1-THS4011_16 Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4012CDGNR TI-THS4012CDGNR Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4011 TI-THS4011 Datasheet
439Kb / 30P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4011IDGNR TI-THS4011IDGNR Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4011 NSC-THS4011 Datasheet
1Mb / 36P
   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com