Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8017AR-EVAL Datasheet(PDF) 8 Page - Analog Devices

Part # AD8017AR-EVAL
Description  Dual High Output Current, High Speed Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8017AR-EVAL Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8017AR-EVAL Datasheet HTML 4Page - Analog Devices AD8017AR-EVAL Datasheet HTML 5Page - Analog Devices AD8017AR-EVAL Datasheet HTML 6Page - Analog Devices AD8017AR-EVAL Datasheet HTML 7Page - Analog Devices AD8017AR-EVAL Datasheet HTML 8Page - Analog Devices AD8017AR-EVAL Datasheet HTML 9Page - Analog Devices AD8017AR-EVAL Datasheet HTML 10Page - Analog Devices AD8017AR-EVAL Datasheet HTML 11Page - Analog Devices AD8017AR-EVAL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
AD8017
–7–
REV. C
LOAD RESISTANCE –
0
1000
100
10
–40
–20
–60
–80
–100
–140
–120
3RD
2ND
TPC 11. Distortion vs. RL, VS =
±6 V, G = +2,
VOUT = 2 V p-p, f = 1 MHz
RL = 100
OUTPUT VOLTAGE – Volts
–80
0
6
0
RL = 25
VS = 6V
f = 1MHz
G = +2
–20
–40
–60
5
4
3
2
1
–10
–30
–50
–70
TPC 12. Distortion vs. Output Voltage, VS =
±6 V,
G = +2, f = 1 MHz
OUTPUT VOLTAGE – Volts
–70
6
0
RL = 25
VS = 6V
f = 10MHz
G = +2
–40
–50
–60
5
4
3
2
1
RL = 100
–30
–20
–10
0
TPC 13. Distortion vs. Output Voltage, VS =
±6 V,
G = +2, f = 10 MHz
LOAD RESISTANCE –
0
–140
0
1000
–60
100
10
–20
–40
–80
–100
2ND
3RD
–120
TPC 14. Distortion vs. RL, VS =
±2.5 V, G = +2,
VOUT = 2 V p-p, f = 1 MHz
0
0.5
OUTPUT VOLTAGE – Volts
–80
RL = 25
VS = 2.5V
f = 1MHz
G = +2
–40
–50
–60
RL = 100
–30
–10
0
–20
1.0
1.5
2.0
2.5
–70
TPC 15. Distortion vs. Output Voltage, VS =
±2.5 V,
G = +2, f = 1 MHz
OUTPUT VOLTAGE – Volts
0
–60
0
2.5
0.5
1
1.5
–10
–20
–30
–40
–50
RL = 25
RL = 100
VS = 2.5V
f = 10MHz
G = +2
–70
–80
2
TPC 16. Distortion vs. Output Voltage, VS =
±2.5 V,
G = +2, f = 10 MHz


Similar Part No. - AD8017AR-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8017AR-EVAL AD-AD8017AR-EVAL Datasheet
223Kb / 16P
   Dual High Output Current, High Speed Amplifier
REV. A
AD8017AR-EVAL AD-AD8017AR-EVAL Datasheet
227Kb / 16P
   Dual High Output Current, High Speed Amplifier
REV. C
AD8017AR-EVAL AD-AD8017AR-EVAL Datasheet
415Kb / 17P
   Dual High Output Current High Speed Amplifier
REV. C
More results

Similar Description - AD8017AR-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8017 AD-AD8017_02 Datasheet
227Kb / 16P
   Dual High Output Current, High Speed Amplifier
REV. C
AD8017 AD-AD8017 Datasheet
223Kb / 16P
   Dual High Output Current, High Speed Amplifier
REV. A
AD8017 AD-AD8017_15 Datasheet
441Kb / 17P
   Dual High Output Current, High Speed Amplifier
REV. C
AD8017ARZ-REEL7 AD-AD8017ARZ-REEL7 Datasheet
415Kb / 17P
   Dual High Output Current High Speed Amplifier
REV. C
logo
National Semiconductor ...
LM7372 NSC-LM7372 Datasheet
417Kb / 15P
   High Speed, High Output Current, Dual Operational Amplifier
logo
Zarlink Semiconductor I...
ZL40162 ZARLINK-ZL40162 Datasheet
598Kb / 32P
   High Output Current High Speed Dual Operational Amplifier
logo
Texas Instruments
LM7372 TI1-LM7372 Datasheet
1Mb / 26P
[Old version datasheet]   High Speed, High Output Current, Dual Operational Amplifier
logo
Zarlink Semiconductor I...
ZL40166 ZARLINK-ZL40166 Datasheet
723Kb / 33P
   High Output Current High Speed Dual Operational Amplifier
ZL40167 ZARLINK-ZL40167 Datasheet
818Kb / 32P
   High Output Current High Speed Dual Operational Amplifier
logo
National Semiconductor ...
LM7372 NSC-LM7372_14 Datasheet
1Mb / 26P
   LM7372 High Speed, High Output Current, Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com