Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8321ARZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD8321ARZ
Description  Gain Programmable CATV Line DRiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8321ARZ Datasheet(HTML) 5 Page - Analog Devices

  AD8321ARZ Datasheet HTML 1Page - Analog Devices AD8321ARZ Datasheet HTML 2Page - Analog Devices AD8321ARZ Datasheet HTML 3Page - Analog Devices AD8321ARZ Datasheet HTML 4Page - Analog Devices AD8321ARZ Datasheet HTML 5Page - Analog Devices AD8321ARZ Datasheet HTML 6Page - Analog Devices AD8321ARZ Datasheet HTML 7Page - Analog Devices AD8321ARZ Datasheet HTML 8Page - Analog Devices AD8321ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
0
0.3
0.6
70
Typical Performance Characteristics–AD8321
f = 65MHz
f = 10MHz
f = 42MHz
70
30
20
60
10
46D
23D
00D
71D
50
40
30
20
10
f = 10MHz
PD =1
0
–10
–0.3
–0.6
–20
–0.9
–30
–40
–1.2
0
8
16
24
32
40
48
56
64
72
0.1
1
10
100
1000
0
8
16
24
32
40
48
56
64
72
GAIN CONTROL – Decimal
FREQUENCY – MHz
GAIN CONTROL – Decimal
Figure 4. Gain Error vs. Gain Control
Figure 5. AC Response
Figure 6. Output Referred Noise vs.
Gain Control
–30
–47
PD = 1
MAX GAIN
(71D)
MIN GAIN
(00D)
10
fO = 65MHz
VIN = 0.137V p-p
(PIN = –15dBm)
(POUT = 11dBm @
MAX GAIN)
HD3
HD2
–59
–80
1
10
100
0
8
16
24
32
40
48
56
64
72
5
15
25
35
45
55
65
PIN =
(POUT
MAX
–14dBm
= 12dB
GAIN)
m @
PIN =
(POU
MAX
–15dB
T = 11dBm @
GAIN)
m
PIN =
(POUT
MAX
–13dBm
= 13dB
GAIN)
m @
PIN =
(POU
MAX
–17dB
T = 9dBm @
GAIN)
m
60
–40
–50
50
–50
40
–53
–60
30
–56
–70
20
FREQUENCY – MHz
GAIN CONTROL – Decimal
FUNDAMENTAL FREQUENCY – MHz
Figure 7. Output Referred Noise vs.
Figure 8. Harmonic Distortion vs.
Figure 9. Second Order Harmonic
Frequency
Gain Control
Distortion vs. Frequency for Various
Input Levels
20
30
–47
–59
–80
POUT = 11dBm
MAX GAIN
22
PIN =
(POUT
MAX
–13dB
= 13dB
GAIN)
m
m @
PIN = –14dBm
(POUT =
MAX G
12dBm
AIN)
@
PIN =
(POU
MAX
T
–15dB
GAIN)
= 11dBm @
m
PIN =
(POU
MAX
–17dB
T = 9dBm @
GAIN)
m
POUT = 11dBm
MAX GAIN
29
0
–50
28
27
–20
26
–53
–40
25
24
–56
–60
23
5
15
25
35
45
55
65
41.0
41.4
41.8
42.2
42.6
43.0
5
15
25
35
45
55
65
FUNDAMENTAL FREQUENCY – MHz
FREQUENCY – MHz
FREQUENCY – MHz
Figure 10. Third Order Harmonic
Figure 11. Two-Tone Intermodula-
Figure 12. Third Order Intercept vs.
Distortion vs. Frequency for Various
tion Distortion
Frequency
Input Levels
REV. A
–5–


Similar Part No. - AD8321ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8321AR AD-AD8321AR Datasheet
660Kb / 19P
   Gain Programmable CATV Line Driver
REV. 0
AD8321AR-REEL AD-AD8321AR-REEL Datasheet
660Kb / 19P
   Gain Programmable CATV Line Driver
REV. 0
More results

Similar Description - AD8321ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8321 AD-AD8321 Datasheet
660Kb / 19P
   Gain Programmable CATV Line Driver
REV. 0
AD8321 AD-AD8321_05 Datasheet
721Kb / 20P
   Gain Programmablea CATV Line Driver
REV. A
AD8326 AD-AD8326 Datasheet
475Kb / 24P
   High Output Power Programmable CATV Line Driver
REV. 0
AD8326 AD-AD8326_15 Datasheet
1Mb / 24P
   High Output Power Programmable CATV Line Driver
REV. 0
logo
Texas Instruments
DRV612 TI-DRV612_15 Datasheet
934Kb / 24P
[Old version datasheet]   2-Vrms DirectPath??Line Driver With Programmable-Fixed Gain
DRV612 TI-DRV612 Datasheet
660Kb / 23P
[Old version datasheet]   2-Vrms DirectPath??Line Driver With Programmable-Fixed Gain
DRV612 TI1-DRV612_16 Datasheet
888Kb / 22P
[Old version datasheet]   2-Vrms DirectPath Line Driver With Programmable-Fixed Gain
DRV601 TI-DRV601_15 Datasheet
908Kb / 19P
[Old version datasheet]   DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
logo
TriQuint Semiconductor
TGA2803-SM TRIQUINT-TGA2803-SM_15 Datasheet
574Kb / 14P
   CATV TIA Gain Block
logo
Texas Instruments
DRV601 TI-DRV601 Datasheet
552Kb / 16P
[Old version datasheet]   DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com