Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1005C0G1H561J Datasheet(PDF) 11 Page - TDK Electronics

Part # C1005C0G1H561J
Description  Multilayer Ceramic Chip Capacitors
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C1005C0G1H561J Datasheet(HTML) 11 Page - TDK Electronics

Back Button C1005C0G1H561J Datasheet HTML 7Page - TDK Electronics C1005C0G1H561J Datasheet HTML 8Page - TDK Electronics C1005C0G1H561J Datasheet HTML 9Page - TDK Electronics C1005C0G1H561J Datasheet HTML 10Page - TDK Electronics C1005C0G1H561J Datasheet HTML 11Page - TDK Electronics C1005C0G1H561J Datasheet HTML 12Page - TDK Electronics C1005C0G1H561J Datasheet HTML 13Page - TDK Electronics C1005C0G1H561J Datasheet HTML 14Page - TDK Electronics C1005C0G1H561J Datasheet HTML 15Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
(10/30)
006-03 / 20100409 / e412_c.fm
• All specifications are subject to change without notice.
Please read the precautions before using this catalog.
CAPACITANCE RANGES: CLASS 1 (TEMPERATURE COMPENSATION)
TEMPERATURE CHARACTERISTICS: CH(0±60ppm/°C), C0G(0±30ppm/°C)
RATED VOLTAGE Edc: 50V
Capacitance
(pF)
Tolerance
Thickness T
(mm)
Part No.
Temperature characteristics: CH
Temperature characteristics: C0G
0.5
±0.25pF
0.8±0.10
C1608CH1H0R5C
C1608C0G1H0R5C
0.75
±0.25pF
0.8±0.10
C1608CH1HR75C
C1608C0G1HR75C
1
±0.25pF
0.8±0.10
C1608CH1H010C
C1608C0G1H010C
1.5
±0.25pF
0.8±0.10
C1608CH1H1R5C
C1608C0G1H1R5C
2
±0.25pF
0.8±0.10
C1608CH1H020C
C1608C0G1H020C
3
±0.25pF
0.8±0.10
C1608CH1H030C
C1608C0G1H030C
4
±0.25pF
0.8±0.10
C1608CH1H040C
C1608C0G1H040C
5
±0.25pF
0.8±0.10
C1608CH1H050C
C1608C0G1H050C
6
±0.5pF
0.8±0.10
C1608CH1H060D
C1608C0G1H060D
7
±0.5pF
0.8±0.10
C1608CH1H070D
C1608C0G1H070D
8
±0.5pF
0.8±0.10
C1608CH1H080D
C1608C0G1H080D
9
±0.5pF
0.8±0.10
C1608CH1H090D
C1608C0G1H090D
10
±0.5pF
0.8±0.10
C1608CH1H100D
C1608C0G1H100D
12
±5%
0.8±0.10
C1608CH1H120J
C1608C0G1H120J
15
±5%
0.8±0.10
C1608CH1H150J
C1608C0G1H150J
18
±5%
0.8±0.10
C1608CH1H180J
C1608C0G1H180J
22
±5%
0.8±0.10
C1608CH1H220J
C1608C0G1H220J
27
±5%
0.8±0.10
C1608CH1H270J
C1608C0G1H270J
33
±5%
0.8±0.10
C1608CH1H330J
C1608C0G1H330J
39
±5%
0.8±0.10
C1608CH1H390J
C1608C0G1H390J
47
±5%
0.8±0.10
C1608CH1H470J
C1608C0G1H470J
56
±5%
0.8±0.10
C1608CH1H560J
C1608C0G1H560J
68
±5%
0.8±0.10
C1608CH1H680J
C1608C0G1H680J
82
±5%
0.8±0.10
C1608CH1H820J
C1608C0G1H820J
100
±5%
0.8±0.10
C1608CH1H101J
C1608C0G1H101J
120
±5%
0.8±0.10
C1608CH1H121J
C1608C0G1H121J
150
±5%
0.8±0.10
C1608CH1H151J
C1608C0G1H151J
180
±5%
0.8±0.10
C1608CH1H181J
C1608C0G1H181J
220
±5%
0.8±0.10
C1608CH1H221J
C1608C0G1H221J
270
±5%
0.8±0.10
C1608CH1H271J
C1608C0G1H271J
330
±5%
0.8±0.10
C1608CH1H331J
C1608C0G1H331J
390
±5%
0.8±0.10
C1608CH1H391J
C1608C0G1H391J
470
±5%
0.8±0.10
C1608CH1H471J
C1608C0G1H471J
560
±5%
0.8±0.10
C1608CH1H561J
C1608C0G1H561J
680
±5%
0.8±0.10
C1608CH1H681J
C1608C0G1H681J
820
±5%
0.8±0.10
C1608CH1H821J
C1608C0G1H821J
1,000
±5%
0.8±0.10
C1608CH1H102J
C1608C0G1H102J
1,500
±5%
0.8±0.10
C1608CH1H152J
C1608C0G1H152J
2,200
±5%
0.8±0.10
C1608CH1H222J
C1608C0G1H222J
3,300
±5%
0.8±0.10
C1608CH1H332J
C1608C0G1H332J
4,700
±5%
0.8±0.10
C1608CH1H472J
C1608C0G1H472J
6,800
±5%
0.8±0.10
C1608CH1H682J
C1608C0G1H682J
10,000
±5%
0.8±0.10
C1608CH1H103J
C1608C0G1H103J


Similar Part No. - C1005C0G1H561J

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C1005C0G1H561J TDK-C1005C0G1H561J Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors General use
C1005C0G1H561J(050BA) TDK-C1005C0G1H561J(050BA) Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1005C0G1H561J050BA TDK-C1005C0G1H561J050BA Datasheet
131Kb / 1P
   Multilayer Ceramic Chip Capacitors
C1005C0G1H561J050BA TDK-C1005C0G1H561J050BA_17 Datasheet
185Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C1005C0G1H561J

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com