Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF-SM013 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # MF-SM013
Description  MF-SM013/250 - Telecom PTC Resettable Fuses
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-SM013 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  MF-SM013 Datasheet HTML 1Page - Bourns Electronic Solutions MF-SM013 Datasheet HTML 2Page - Bourns Electronic Solutions MF-SM013 Datasheet HTML 3Page - Bourns Electronic Solutions MF-SM013 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
MF-SM013/250 - Telecom PTC Resettable Fuses
Typical Time to Trip at 23 ˚C
MF-SM013/250, REV. P, 12/12
How to Order
MF - SM 013/250 - __ __ - 2
Multifuse®
Product
Designator
Series
R =
Radial Leaded
Component
SM = Surface Mount
Component
Hold Current, Ihold
013 (0.13 Amps)
Max. Interrupt Voltage, V
Resistance Range
A = 6.5-9 ohms
B = 9-12 ohms
C = 7-10 ohms
Resistance Sorted in Bins
05 = 0.5 ohms
Packaging
- 2 = Tape and Reel*
*Packaged per EIA486-B
N
OTE: All parts are also available “binned”.
All parts within a package will be
within 0.5 ohms of each other
within the initial resistance range.
20
MF-SM013/250-A-2
MF-SM013/250-B-2
MF-SM013/250-C05-2
MF-SM013/250-2
10
1
0.1
0.01
0.1
1
5
Fault Current (Amps)
Typical Part Marking
Represents total content. Layout may vary.
MANUFACTURER'S
TRADEMARK
PART IDENTIFICATION
013
0A
DATE CODE -
WEEK 1 OF 2000 = 0A
(YEAR & WEEK)
WEEK 27 OF 2000 = A0
(WEEK & YEAR)


Similar Part No. - MF-SM013

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-SM013 BOURNS-MF-SM013 Datasheet
203Kb / 4P
   Telecom PTC Resettable Fuses
MF-SM013-250-2 BOURNS-MF-SM013-250-2 Datasheet
301Kb / 4P
   Telecom PTC Resettable Fuses
MF-SM013-250V BOURNS-MF-SM013-250V Datasheet
244Kb / 4P
   Telecom PTC Resettable Fuses
MF-SM013/250-2 BOURNS-MF-SM013/250-2 Datasheet
301Kb / 4P
   Telecom PTC Resettable Fuses
MF-SM013/250-A-2 BOURNS-MF-SM013/250-A-2 Datasheet
301Kb / 4P
   Telecom PTC Resettable Fuses
More results

Similar Description - MF-SM013

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-SD013 BOURNS-MF-SD013_11 Datasheet
331Kb / 3P
   Telecom PTC Resettable Fuses
MF-SM013-250-2 BOURNS-MF-SM013-250-2 Datasheet
301Kb / 4P
   Telecom PTC Resettable Fuses
MFRX250 BOURNS-MFRX250 Datasheet
329Kb / 5P
   Telecom PTC Resettable Fuses
MF-SM013 BOURNS-MF-SM013 Datasheet
203Kb / 4P
   Telecom PTC Resettable Fuses
MF-SD013-250 BOURNS-MF-SD013-250 Datasheet
278Kb / 3P
   Telecom PTC Resettable Fuses
MF-RX012-250 BOURNS-MF-RX012-250 Datasheet
728Kb / 6P
   Telecom PTC Resettable Fuses
MF-SM013-250V BOURNS-MF-SM013-250V Datasheet
244Kb / 4P
   Telecom PTC Resettable Fuses
MF-RX250 BOURNS-MF-RX250_11 Datasheet
283Kb / 5P
   Telecom PTC Resettable Fuses
MF-SD013 BOURNS-MF-SD013_12 Datasheet
340Kb / 3P
   Telecom PTC Resettable Fuses
MF-R600 BOURNS-MF-R600 Datasheet
209Kb / 4P
   Telecom PTC Resettable Fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com