Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRP7675EVB Datasheet(PDF) 5 Page - Exar Corporation

Part # XRP7675EVB
Description  3A 18V Synchronous PFM/PWM Step-Down Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP7675EVB Datasheet(HTML) 5 Page - Exar Corporation

  XRP7675EVB Datasheet HTML 1Page - Exar Corporation XRP7675EVB Datasheet HTML 2Page - Exar Corporation XRP7675EVB Datasheet HTML 3Page - Exar Corporation XRP7675EVB Datasheet HTML 4Page - Exar Corporation XRP7675EVB Datasheet HTML 5Page - Exar Corporation XRP7675EVB Datasheet HTML 6Page - Exar Corporation XRP7675EVB Datasheet HTML 7Page - Exar Corporation XRP7675EVB Datasheet HTML 8Page - Exar Corporation XRP7675EVB Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
//htmlimg2.alldatasheet.net/htmldatasheet2/549363/EXAR/XRP7675EVB/519/5/XRP7675EVB.png


Similar Part No. - XRP7675EVB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP7674 EXAR-XRP7674 Datasheet
737Kb / 12P
   2A 18V Synchronous PFM/PWM Step-Down Regulator
XRP7674EVB EXAR-XRP7674EVB Datasheet
737Kb / 12P
   2A 18V Synchronous PFM/PWM Step-Down Regulator
XRP7674IDTR-F EXAR-XRP7674IDTR-F Datasheet
737Kb / 12P
   2A 18V Synchronous PFM/PWM Step-Down Regulator
More results

Similar Description - XRP7675EVB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP7674 EXAR-XRP7674 Datasheet
737Kb / 12P
   2A 18V Synchronous PFM/PWM Step-Down Regulator
logo
Shenzhen Huazhimei Semi...
HM8113 HMSEMI-HM8113 Datasheet
1Mb / 7P
   18V 3A 500KHz Synchronous Step-Down Regulator
HM1484E HMSEMI-HM1484E Datasheet
1Mb / 7P
   18V 3A 500KHz Synchronous Step-Down Regulator
logo
SHANGHAI BELLING CO., L...
BL9313 BELLING-BL9313 Datasheet
524Kb / 11P
   3A, 18V Synchronous Step-Down Converter
logo
Exar Corporation
XRP7665 EXAR-XRP7665 Datasheet
759Kb / 12P
   3A 18V Synchronous Step-Down Converter
logo
Shenzhen Huazhimei Semi...
HM1470A HMSEMI-HM1470A Datasheet
2Mb / 13P
   18V, 3A, 500KHz Synchronous Step-Down
logo
SHANGHAI BELLING CO., L...
BL9371 BELLING-BL9371 Datasheet
561Kb / 11P
   3A, 18V Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT7257A RICHTEK-RT7257A Datasheet
274Kb / 14P
   3A, 18V, 340kHz Synchronous Step-Down Converter
RT7257D RICHTEK-RT7257D Datasheet
224Kb / 14P
   3A, 18V, 1.2MHz Synchronous Step-Down Converter
RT7257B RICHTEK-RT7257B Datasheet
284Kb / 14P
   3A, 18V, 1.2MHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com