Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4356 Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AK4356
Description  192kHz 24 Bit IX-CHANNEL DAC FOR DVD-AUDIO
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4356 Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AK4356 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4356 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4356 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4356 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4356 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4356 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4356 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4356 Datasheet HTML 10Page - Asahi Kasei Microsystems AK4356 Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
ASAHI KASEI
[AK4356]
M0072-E-01
1999/09
- 7 -
ANALOG CHARACTERISTICS
(Ta=25
°C; AVDD, DVDD=5V; AVSS, DVSS=0V; VREFH=AVDD; fs=44.1kHz; BICK=64fs;
Signal Frequency =1kHz; 24bit Data; RL
³2kW; Measurement Frequency=20Hz~20kHz at 44.1kHz,
20Hz~40kHz at fs=96kHz, 20Hz~80kHz at fs=192kHz; unless otherwise specified)
Parameter
min
typ
max
Units
Dynamic Characteristics (Note 4)
Resolution
24
Bits
S/(N+D)
fs=44.1kHz
fs=96kHz
88
86
94
92
dB
dB
DR
(-60dBFS)
fs=44.1kHz, A-weighted
fs=96kHz
106
-
112
105
dB
dB
S/N
(Note 5,6)
fs=44.1kHz, A-weighted
fs=96kHz
106
-
112
105
dB
dB
Interchannel Isolation
90
110
dB
DC Accuracy
Interchannel Gain Mismatch
0.2
0.5
dB
Gain Drift
(Note 7)
20
-
ppm/
°C
Output Voltage
(AOUT+) - (AOUT-)
(Note 8)
±2.55
±2.75
±2.95
Vpp
Load Resistance
(Note 9)
2
k
W
Load Capacitance
25
pF
Power Supply Rejection
(Note 10)
50
dB
Power Supplies
Power Supply Current
Normal Operation
(PDN = “H”)
AVDD
DVDD
(fs=44.1kHz)
(fs=96kHz)
(fs=192kHz)
Power-Down-Mode (PDN = “L”)
AVDD+DVDD
(Note 11)
60
15
20
15
10
90
30
40
30
100
mA
mA
mA
mA
mA
Note: 4. Measured by UPD(ROHDE & SCHWARZ). Refer to the evaluation board manual.
5. 107dB at CCIR-ARM weighted
6. S/N is independent of input bit length.
7. VREFH is constantly +5.0V.
8. Full scale voltage (0dB). Output voltage scales with the voltage of VREFH pin.
AOUT(typ.@0dB)=(AOUT+)-(AOUT-)=
±2.75Vpp*VREFH/5.0
9. AC load
10. PSR is applied to AVDD, DVDD with 1kHz, 100mVpp. VREFH pin is held a constant voltage.
11. All digital input pins including clock pins (MCLK, BICK and LRCK) are connected to DVSS.


Similar Part No. - AK4356

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4356 AKM-AK4356 Datasheet
297Kb / 27P
   EVALUATION BOARD REV.B FOR AK4356
More results

Similar Description - AK4356

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4355 AKM-AK4355 Datasheet
160Kb / 24P
   192kHz 24-Bit 6ch DAC for DVD-Audio
logo
List of Unclassifed Man...
CE2746 ETC-CE2746 Datasheet
342Kb / 13P
   6-Channel Audio DAC, 24-bit, 192kHz
AV2636 ETC-AV2636 Datasheet
821Kb / 16P
   24-bit 192kHz Stereo Audio DAC
logo
Cirrus Logic
CS43122 CIRRUS-CS43122 Datasheet
523Kb / 28P
   122dB, 24-Bit, 192kHz DAC for Digital Audio
WM8768 CIRRUS-WM8768 Datasheet
413Kb / 38P
   24-bit, 192kHz 8-Channel DAC
logo
Wolfson Microelectronic...
WM8768 WOLFSON-WM8768 Datasheet
393Kb / 38P
   24-bit, 192kHz 8-Channel DAC
WM8768 WOLFSON-WM8768_10 Datasheet
413Kb / 38P
   24-bit, 192kHz 8-Channel DAC
logo
Cirrus Logic
WM8766 CIRRUS-WM8766 Datasheet
375Kb / 36P
   24-bit, 192kHz 6-Channel DAC
logo
Wolfson Microelectronic...
WM8766 WOLFSON-WM8766 Datasheet
332Kb / 32P
   24 BIT 192KHZ 6 CHANNEL DAC
WM8766 WOLFSON-WM8766_05 Datasheet
380Kb / 36P
   24-bit, 192kHz 6-Channel DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com