Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRP29302 Datasheet(PDF) 1 Page - Exar Corporation

Part # XRP29302
Description  3A Low Dropout Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP29302 Datasheet(HTML) 1 Page - Exar Corporation

  XRP29302 Datasheet HTML 1Page - Exar Corporation XRP29302 Datasheet HTML 2Page - Exar Corporation XRP29302 Datasheet HTML 3Page - Exar Corporation XRP29302 Datasheet HTML 4Page - Exar Corporation XRP29302 Datasheet HTML 5Page - Exar Corporation XRP29302 Datasheet HTML 6Page - Exar Corporation XRP29302 Datasheet HTML 7Page - Exar Corporation XRP29302 Datasheet HTML 8Page - Exar Corporation XRP29302 Datasheet HTML 9Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
X
XR
RP
P2
29
93
30
02
2
3
3A
A LLo
ow
w D
Drro
op
po
ou
utt V
Vo
olltta
ag
gee R
Reeg
gu
ulla
atto
orr
November 2013
Rev. 1.3.0
Exar Corporation
www.exar.com
48720 Kato Road, Fremont CA 94538, USA
Tel. +1 510 668-7000 – Fax. +1 510 668-7001
GENERAL DESCRIPTION
The XRP29302 is a 3A, highly accurate voltage
regulator with a low dropout voltage of 600mV
(typical) at 3A.
This regulator is specifically designed for low
voltage applications that require a low dropout
voltage and a fast transient response. It is
fully fault protected against over-current,
reverse battery, and positive and negative
voltage transients. On-Chip trimming adjusts
the reference voltage to 1% initial accuracy.
The XRP29302 is offered in 5-pin TO-220 &
TO-263 packages.
APPLICATIONS
Adjustable Power Supplies
Constant Current Regulators
Audio and Video/Graphic Cards
Battery Chargers
FEATURES
3A Guaranteed Output Current
Low Dropout Voltage of 600mV @ 3A
Adjustable Output down to 1.25V
1% Output Accuracy
Tight Load and Line Regulation
Fast Transient Response
Reverse Battery Protection
Zero Current Shutdown
Drop-in Replacement to SPX29302
Lead Free 5-pin TO220 and TO263
Packages
TYPICAL APPLICATION DIAGRAM
Fig. 1: XRP29302 Application Diagram


Similar Part No. - XRP29302

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP29302AETB-L EXAR-XRP29302AETB-L Datasheet
2Mb / 9P
   3A Low Dropout Voltage Regulator
XRP29302AETBTR-L EXAR-XRP29302AETBTR-L Datasheet
2Mb / 9P
   3A Low Dropout Voltage Regulator
XRP29302ET-L EXAR-XRP29302ET-L Datasheet
2Mb / 9P
   3A Low Dropout Voltage Regulator
XRP29302ETB-L EXAR-XRP29302ETB-L Datasheet
2Mb / 9P
   3A Low Dropout Voltage Regulator
XRP29302ETBTR-L EXAR-XRP29302ETBTR-L Datasheet
2Mb / 9P
   3A Low Dropout Voltage Regulator
More results

Similar Description - XRP29302

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SPX29300 EXAR-SPX29300 Datasheet
648Kb / 10P
   3A Low Dropout Voltage Regulator
SPX1587 EXAR-SPX1587 Datasheet
622Kb / 11P
   3A Low Dropout Voltage Regulator
SPX29300 EXAR-SPX29300_16 Datasheet
660Kb / 10P
   3A Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1085 ADMOS-AMS1085_05 Datasheet
194Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
logo
Exar Corporation
XRP29302ETBTR-L EXAR-XRP29302ETBTR-L Datasheet
2Mb / 9P
   3A Low Dropout Voltage Regulator
logo
Sipex Corporation
SPX1587 SIPEX-SPX1587 Datasheet
171Kb / 7P
   3A Low Dropout Voltage Regulator
logo
List of Unclassifed Man...
CM1582 ETC2-CM1582 Datasheet
256Kb / 11P
   3A LOW DROPOUT VOLTAGE REGULATOR
CX1085 ETC2-CX1085 Datasheet
108Kb / 2P
   3A Low dropout voltage regulator
logo
Advanced Monolithic Sys...
AMS1085 ADMOS-AMS1085 Datasheet
85Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
AMS1587 ADMOS-AMS1587 Datasheet
85Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com