Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4363 Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AK4363
Description  96kHz 24Bit DAC with PLL
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4363 Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AK4363 Datasheet HTML 1Page - Asahi Kasei Microsystems AK4363 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4363 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4363 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4363 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4363 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4363 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4363 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4363 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
ASAHI KASEI
[AK4363]
MS0015-E-01
2000/07
- 5 -
ABSOLUTE MAXIMUM RATINGS
(AVSS, DVSS=0V; Note 1)
Parameter
Symbol
min
max
Units
Power Supplies
Analog
Digital
|AVSS-DVSS|
(Note 2)
AVDD
DVDD
∆GND
-0.3
-0.3
-
6.0
6.0
0.3
V
V
V
Input Current (any pins except for supplies)
IIN
-
±10
mA
Analog Input Voltage
VINA
-0.3
AVDD+0.3
V
Digital Input Voltage
VIND
-0.3
DVDD+0.3
V
Ambient Temperature
Ta
-40
85
°C
Storage Temperature
Tstg
-65
150
°C
Note:1. All voltages with respect to ground.
2. AVSS and DVSS must be connected to the same analog ground plane.
WARNING: Operation at or beyond these limits may results in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
RECOMMENDED OPERATING CONDITIONS
(AVSS, DVSS=0V; Note 1)
Parameter
Symbol
min
typ
max
Units
3V operation (TTL = “L”)
Analog
Digital
AVDD
DVDD
2.7
2.7
3.0
3.0
5.5
3.6 or AVDD
V
V
Power Supplies
(Note 3)
5V operation (TTL = “H”)
Analog
Digital
AVDD
DVDD
4.5
4.5
5.0
5.0
5.5
AVDD
V
V
Note:1. All voltages with respect to ground.
3. The power up sequence between AVDD and DVDD is not critical.
*AKM assumes no responsibility for the usage beyond the conditions in this datasheet.


Similar Part No. - AK4363

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK4361024D ACCUTEK-AK4361024D Datasheet
113Kb / 2P
   262,144 X 8 Bit MOS Dynamic Random Access Memory
AK4361024D ACCUTEK-AK4361024D Datasheet
89Kb / 2P
   16,384 x 32 Bit CMOS / BiCMOS Static Random Access Memory
AK4361024D ACCUTEK-AK4361024D Datasheet
82Kb / 2P
   32,768 x 32 Bit CMOS/BiCMOS Static Random Access Memory
AK4361024D ACCUTEK-AK4361024D Datasheet
89Kb / 2P
   32,768 x 32 Bit CMOS / BiCMOS Static Random Access Memory
AK4361024D ACCUTEK-AK4361024D Datasheet
86Kb / 2P
   65,536 x 32 Bit CMOS/BiCMOS Static Random Access Memory
More results

Similar Description - AK4363

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4364 AKM-AK4364 Datasheet
265Kb / 34P
   96kHz 24BIT DAC WITH PLL AND DIT
AK4353 AKM-AK4353 Datasheet
254Kb / 33P
   96kHz 24BIT DAC WITH DIT
AK4324 AKM-AK4324 Datasheet
166Kb / 18P
   96kHz Sampling 24Bit DS DAC
AKD4380 AKM-AKD4380_04 Datasheet
230Kb / 21P
   96kHz sampling 24Bit?誇DAC
AK4380 AKM-AK4380 Datasheet
226Kb / 21P
   100dB 24BIT 96kHz 2CH DAC
AKD4363 AKM-AKD4363_05 Datasheet
381Kb / 34P
   96kHz 24bit D/A converter with PLL
AK4324VF AKM-AK4324VF Datasheet
166Kb / 18P
   96kHz Sampling 24Bit
AKD4344-A AKM-AKD4344-A Datasheet
706Kb / 34P
   24bit and 96kHz DAC with DIT for portable and home audio systems
AK4524 AKM-AK4524 Datasheet
320Kb / 31P
   24BIT 96KHZ AUDIO CODEC
AK5381 AKM-AK5381 Datasheet
138Kb / 20P
   24Bit 96kHz ?誇 ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com