Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRP29302ET-L Datasheet(PDF) 9 Page - Exar Corporation

Part # XRP29302ET-L
Description  3A Low Dropout Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP29302ET-L Datasheet(HTML) 9 Page - Exar Corporation

  XRP29302ET-L Datasheet HTML 1Page - Exar Corporation XRP29302ET-L Datasheet HTML 2Page - Exar Corporation XRP29302ET-L Datasheet HTML 3Page - Exar Corporation XRP29302ET-L Datasheet HTML 4Page - Exar Corporation XRP29302ET-L Datasheet HTML 5Page - Exar Corporation XRP29302ET-L Datasheet HTML 6Page - Exar Corporation XRP29302ET-L Datasheet HTML 7Page - Exar Corporation XRP29302ET-L Datasheet HTML 8Page - Exar Corporation XRP29302ET-L Datasheet HTML 9Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
X
XR
RP
P2
29
93
30
02
2
3
3A
A LLo
ow
w D
Drro
op
po
ou
utt V
Vo
olltta
ag
gee R
Reeg
gu
ulla
atto
orr
© 2013 Exar Corporation
9/9
Rev. 1.3.0
REVISION HISTORY
Revision
Date
Description
1.0.0
12/17/2009
Initial Release of Datasheet
1.1.0
12/23/2009
Addition of ESD data
1.2.0
10/19/2010
Corrected Adjustable Regulator Design paragraph equation
1.3.0
11/25/2013
Added XRP29302A with 2.5A dropout specification
Updated Package Outline Drawing. ECN 1348-10
FOR FURTHER ASSISTANCE
Email:
customersupport@exar.com
powertechsupport@exar.com
Exar Technical Documentation:
http://www.exar.com/TechDoc/default.aspx?
EXAR CORPORATION
HEADQUARTERS AND SALES OFFICES
48720 Kato Road
Fremont, CA 94538 – USA
Tel.: +1 (510) 668-7000
Fax: +1 (510) 668-7030
www.exar.com
NOTICE
EXAR Corporation reserves the right to make changes to the products contained in this publication in order to improve
design, performance or reliability. EXAR Corporation assumes no responsibility for the use of any circuits described herein,
conveys no license under any patent or other right, and makes no representation that the circuits are free of patent
infringement. Charts and schedules contained here in are only for illustration purposes and may vary depending upon a
user’s specific application. While the information in this publication has been carefully checked; no responsibility, however,
is assumed for inaccuracies.
EXAR Corporation does not recommend the use of any of its products in life support applications where the failure or
malfunction of the product can reasonably be expected to cause failure of the life support system or to significantly affect its
safety or effectiveness. Products are not authorized for use in such applications unless EXAR Corporation receives, in
writing, assurances to its satisfaction that: (a) the risk of injury or damage has been minimized; (b) the user assumes all
such risks; (c) potential liability of EXAR Corporation is adequately protected under the circumstances.
Reproduction, in part or whole, without the prior written consent of EXAR Corporation is prohibited.


Similar Part No. - XRP29302ET-L

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP29302ET-L EXAR-XRP29302ET-L Datasheet
2Mb / 9P
   3A Low Dropout Voltage Regulator
More results

Similar Description - XRP29302ET-L

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SPX29300 EXAR-SPX29300 Datasheet
648Kb / 10P
   3A Low Dropout Voltage Regulator
SPX1587 EXAR-SPX1587 Datasheet
622Kb / 11P
   3A Low Dropout Voltage Regulator
SPX29300 EXAR-SPX29300_16 Datasheet
660Kb / 10P
   3A Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1085 ADMOS-AMS1085_05 Datasheet
194Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
logo
Exar Corporation
XRP29302ETBTR-L EXAR-XRP29302ETBTR-L Datasheet
2Mb / 9P
   3A Low Dropout Voltage Regulator
logo
Sipex Corporation
SPX1587 SIPEX-SPX1587 Datasheet
171Kb / 7P
   3A Low Dropout Voltage Regulator
logo
List of Unclassifed Man...
CM1582 ETC2-CM1582 Datasheet
256Kb / 11P
   3A LOW DROPOUT VOLTAGE REGULATOR
CX1085 ETC2-CX1085 Datasheet
108Kb / 2P
   3A Low dropout voltage regulator
logo
Advanced Monolithic Sys...
AMS1085 ADMOS-AMS1085 Datasheet
85Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
AMS1587 ADMOS-AMS1587 Datasheet
85Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com