Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF-SM200 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # MF-SM200
Description  MF-SM Series - PTC Resettable Fuses
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-SM200 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  MF-SM200 Datasheet HTML 1Page - Bourns Electronic Solutions MF-SM200 Datasheet HTML 2Page - Bourns Electronic Solutions MF-SM200 Datasheet HTML 3Page - Bourns Electronic Solutions MF-SM200 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
MF-SM Series - PTC Resettable Fuses
Typical Time to Trip at 23 °C
100
1
10
0.1
0.01
0.001
0.1
1
10
100
Fault Current (Amps)
Typical Part Marking
Represents total content. Layout may vary.
MANUFACTURER'S
TRADEMARK
PART IDENTIFICATION
030
0A
DATE CODE -
WEEK 1 OF 2000 = 0A
(YEAR & WEEK)
WEEK 27 OF 2000 = A0
(WEEK & YEAR)
Solder Reflow Recommendations
160–220
300
250
200
150
100
50
0
10–20
120
Preheating
Soldering
Cooling
Time (seconds)
Solder reflow
Recommended reflow methods: IR, vapor phase oven, hot air oven.
Devices are not designed to be wave soldered to the bottom side of the
board.
Gluing the devices is not recommended.
Recommended maximum paste thickness is 0.25 mm (.010 inch).
Devices can be cleaned using standard industry methods and solvents.
Note:
If reflow temperatures exceed the recommended profile, devices may not
meet the performance requirements.
Rework
A device should not be reworked.
Storage Recommendations
The recommended long term storage conditions for Multifuse® Polymer PTC devices are 40 °C maximum and 70 % RH maximum. All devices
should remain in the original sealed packaging prior to use. Devices may not conform with data sheet specifications if these storage
recommendations are exceeded. Devices stored in this manner have an indefinite shelf life.
MF-SM SERIES, REV. P, 11/10


Similar Part No. - MF-SM200

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-SM200 BOURNS-MF-SM200 Datasheet
323Kb / 4P
   PTC Resettable Fuses
MF-SM200 BOURNS-MF-SM200 Datasheet
290Kb / 4P
   Fully compatible with current industry standards
MF-SM200 BOURNS-MF-SM200 Datasheet
298Kb / 5P
   MF-SM Series - PTC Resettable Fuses
MF-SM200 BOURNS-MF-SM200 Datasheet
287Kb / 4P
   MF-SM Series - PTC Resettable Fuses
MF-SM200 BOURNS-MF-SM200 Datasheet
379Kb / 4P
   PTC Resettable Fuses
More results

Similar Description - MF-SM200

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-SM125-2 BOURNS-MF-SM125-2 Datasheet
287Kb / 4P
   MF-SM Series - PTC Resettable Fuses
MF-SM100-2 BOURNS-MF-SM100-2 Datasheet
298Kb / 5P
   MF-SM Series - PTC Resettable Fuses
MFMSMF BOURNS-MFMSMF Datasheet
319Kb / 5P
   MF-MSMF Series - PTC Resettable Fuses
MF-MSMF200-2 BOURNS-MF-MSMF200-2 Datasheet
356Kb / 5P
   MF-MSMF Series - PTC Resettable Fuses
MF-PSMF010X BOURNS-MF-PSMF010X Datasheet
300Kb / 3P
   MF-PSMF Series - PTC Resettable Fuses
MF-R110-0-99 BOURNS-MF-R110-0-99 Datasheet
210Kb / 6P
   MF-R Series - PTC Resettable Fuses
MF-R110-2 BOURNS-MF-R110-2 Datasheet
210Kb / 6P
   MF-R Series - PTC Resettable Fuses
MF-GSMF BOURNS-MF-GSMF Datasheet
312Kb / 6P
   MF-GSMF Series – PTC Resettable Fuses
REV. B, 09/19
MF-NSHT BOURNS-MF-NSHT Datasheet
344Kb / 6P
   MF-NSHT Series - PTC Resettable Fuses
REV. F 07/20
MF-USMF035-2 BOURNS-MF-USMF035-2 Datasheet
380Kb / 4P
   MF-USMF Series - PTC Resettable Fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com