Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRP7740EVB Datasheet(PDF) 9 Page - Exar Corporation

Part # XRP7740EVB
Description  Quad Channel Digital PWM Step Down Controllers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP7740EVB Datasheet(HTML) 9 Page - Exar Corporation

Back Button XRP7740EVB Datasheet HTML 5Page - Exar Corporation XRP7740EVB Datasheet HTML 6Page - Exar Corporation XRP7740EVB Datasheet HTML 7Page - Exar Corporation XRP7740EVB Datasheet HTML 8Page - Exar Corporation XRP7740EVB Datasheet HTML 9Page - Exar Corporation XRP7740EVB Datasheet HTML 10Page - Exar Corporation XRP7740EVB Datasheet HTML 11Page - Exar Corporation XRP7740EVB Datasheet HTML 12Page - Exar Corporation XRP7740EVB Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
X
XR
RP
P7
77
70
08
8 a
an
nd
d X
XR
RP
P7
77
74
40
0
Q
Qu
ua
ad
d C
Ch
ha
an
nn
neell D
Diig
giitta
all P
PW
WM
M S
Stteep
p D
Do
ow
wn
n C
Co
on
nttrro
olllleerrss
© 2012 Exar Corporation
9/28
Rev. 1.2.2
Fig. 10: Sequential Start-up Configuration
CH1:3.3V CH2:5V CH3:1V CH4:1.8V
Fig. 11: Sequential Soft-Stop Configuration
CH1:5V CH2:3.3V CH3:1.8V CH4:1.2V
Vout Shutdown = 0.8V, 3A load
Fig. 12: Startup into 3V prebias – 5V Output
CH1: Vout(5V)
Fig. 13: Sequential Soft-Stop Configuration
Vout Shutdown = 0.8V, No Load
CH1:3.3V CH2:5V CH3:1V CH4:1.8V
Fig. 14: Load Transient Response
CH1:Iout (1A/div) CH2: Vout (3.3V)


Similar Part No. - XRP7740EVB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP7740 EXAR-XRP7740 Datasheet
822Kb / 31P
   Quad-Output Digital PWM Buck Controller Supporting high current loads
XRP7740 EXAR-XRP7740 Datasheet
2Mb / 6P
   Exar?셲 PowerXR D igital Power Solutions
XRP7740ILB-AAAA-F EXAR-XRP7740ILB-AAAA-F Datasheet
822Kb / 31P
   Quad-Output Digital PWM Buck Controller Supporting high current loads
XRP7740ILBTR-AAAA-F EXAR-XRP7740ILBTR-AAAA-F Datasheet
822Kb / 31P
   Quad-Output Digital PWM Buck Controller Supporting high current loads
More results

Similar Description - XRP7740EVB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP7708 EXAR-XRP7708_10 Datasheet
97Kb / 2P
   Quad Channel Digital PWM Step Down Controller
XRP7708 EXAR-XRP7708 Datasheet
860Kb / 27P
   Quad Channel Digital PWM Step Down Controller
XRP7714 EXAR-XRP7714 Datasheet
1Mb / 27P
   Quad Channel Digital PWM Step Down Controller
XRP7714_1009 EXAR-XRP7714_1009 Datasheet
955Kb / 29P
   Quad Channel Digital PWM Step Down Controller
XRP7714 EXAR-XRP7714_11 Datasheet
942Kb / 29P
   Quad Channel Digital PWM Step Down Controller
logo
Maxim Integrated Produc...
MAX1992 MAXIM-MAX1992_05 Datasheet
643Kb / 36P
   Quick-PWM Step-Down Controllers
Rev 1; 9/05
logo
Exar Corporation
XRP7713 EXAR-XRP7713_10 Datasheet
1Mb / 29P
   Three Channel Digital PWM Step Down Controller
logo
Torex Semiconductor
XC9201 TOREX-XC9201_1 Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
logo
Seiko Instruments Inc
S-8520 SII-S-8520 Datasheet
2Mb / 34P
   PWM CONTROL & PWM/PFM CONTROL STEP-DOWN SWITCHING REGULATOR-CONTROLLERS
logo
Maxim Integrated Produc...
MAX1887 MAXIM-MAX1887 Datasheet
1,018Kb / 33P
   Quick-PWM Slave Controllers for Multiphase, Step-Down
Rev 1; 9/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com