Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9861BCP-50 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9861BCP-50
Description  Mixed-Signal Front-End (MxFE) Baseband Transceiver for Broadband Applications
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9861BCP-50 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9861BCP-50 Datasheet HTML 7Page - Analog Devices AD9861BCP-50 Datasheet HTML 8Page - Analog Devices AD9861BCP-50 Datasheet HTML 9Page - Analog Devices AD9861BCP-50 Datasheet HTML 10Page - Analog Devices AD9861BCP-50 Datasheet HTML 11Page - Analog Devices AD9861BCP-50 Datasheet HTML 12Page - Analog Devices AD9861BCP-50 Datasheet HTML 13Page - Analog Devices AD9861BCP-50 Datasheet HTML 14Page - Analog Devices AD9861BCP-50 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
AD9861
Rev. 0 | Page 11 of 52
05
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
15
20
25
FREQUENCY (MHz)
Figure 10. AD9861-50 Rx Path Single-Tone FFT of Rx Channel B Path
Digitizing 76 MHz Tone
05
10
62
59
56
53
50
15
20
25
INPUT FREQUENCY (MHz)
NORMAL POWER @ 50MSPS
LOW POWER ADC @ 25MSPS
ULTRALOW POWER ADC
@ 16MSPS
Figure 11. AD9861-50 Rx Path at 50 MSPS, 10 MHz Input Tone
SNR Performance vs. Input Frequency
05
10
80
75
55
60
65
70
50
15
20
25
INPUT FREQUENCY (MHz)
NORMAL POWER @ 50MSPS
LOW POWER ADC @ 25MSPS
ULTRALOW POWER ADC
@ 16MSPS
Figure 12. AD9861-50 Rx Path at 50 MSPS, 10 MHz Input Tone
SFDR Performance vs. Input Frequency
05
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
15
20
25
FREQUENCY (MHz)
Figure 13. AD9861-50 Rx Path Dual-Tone FFT of Rx Channel A Path
Digitizing 70 MHz and 72 MHz Tones
05
10
62
59
56
53
50
10.0
8.0
8.2
8.4
8.6
8.8
9.0
9.2
9.4
9.6
9.8
15
20
25
INPUT FREQUENCY (MHz)
NORMAL POWER @ 50MSPS
LOW POWER ADC @ 25MSPS
ULTRALOW POWER ADC
@ 16MSPS
Figure 14. AD9861-50 Rx Path at 50 MSPS, 10 MHz Input Tone
SINAD Performance vs. Input Frequency
05
10
–80
–75
–70
–65
–60
–55
–50
15
20
25
INPUT FREQUENCY (MHz)
NORMAL POWER @ 50MSPS
LOW POWER ADC @ 25MSPS
ULTRALOW POWER ADC
@ 16MSPS
Figure 15. AD9861-50 Rx Path at 50 MSPS, 10 MHz Input Tone
THD Performance vs. Input Frequency


Similar Part No. - AD9861BCP-50

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9861BCP-50 AD-AD9861BCP-50 Datasheet
1Mb / 52P
   Mixed-Signal Front-End (MxFE?? Baseband Transceiver for Broadband Applications
Rev. 0
More results

Similar Description - AD9861BCP-50

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9863 AD-AD9863 Datasheet
997Kb / 40P
   Mixed-Signal Front-End (MxFE?? Baseband Transceiver for Broadband Applications
REV. A
AD9863-50EBZ AD-AD9863-50EBZ Datasheet
997Kb / 40P
   Mixed-Signal Front-End (MxFE) Baseband Transceiver for Broadband Applications
REV. A
AD9861 AD-AD9861 Datasheet
1Mb / 52P
   Mixed-Signal Front-End (MxFE?? Baseband Transceiver for Broadband Applications
Rev. 0
AD9863 AD-AD9863_15 Datasheet
997Kb / 40P
   Mixed-Signal Front-End Baseband Transceiver for Broadband Applications
REV. A
AD9861 AD-AD9861_15 Datasheet
1Mb / 52P
   Mixed-Signal Front-End Baseband Transceiver for Broadband Applications
REV. 0
AD9862BSTZ AD-AD9862BSTZ Datasheet
386Kb / 32P
   Mixed-Signal Front-End (MxFE?? Processor for Broadband Communications
REV. 0
AD9860 AD-AD9860 Datasheet
617Kb / 32P
   Mixed-Signal Front-End (MxFE?? Processor for Broadband Communications
REV. 0
AD9878 AD-AD9878 Datasheet
749Kb / 36P
   Mixed-Signal Front End for Broadband Applications
REV. A
AD9878 AD-AD9878_15 Datasheet
755Kb / 36P
   Mixed-Signal Front End for Broadband Applications
REV. A
AD9993 AD-AD9993 Datasheet
2Mb / 56P
   Integrated Mixed-Signal Front End (MxFE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com