Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG609BN Datasheet(PDF) 6 Page - Analog Devices

Part # ADG609BN
Description  3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG609BN Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG609BN Datasheet HTML 2Page - Analog Devices ADG609BN Datasheet HTML 3Page - Analog Devices ADG609BN Datasheet HTML 4Page - Analog Devices ADG609BN Datasheet HTML 5Page - Analog Devices ADG609BN Datasheet HTML 6Page - Analog Devices ADG609BN Datasheet HTML 7Page - Analog Devices ADG609BN Datasheet HTML 8Page - Analog Devices ADG609BN Datasheet HTML 9Page - Analog Devices ADG609BN Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
REV. A
–6–
50
45
0
25
15
10
5
40
30
20
35
VD (VS) – Volts
VDD = +3V
VSS = –3V
VDD = +5V
VSS = –5V
–5.0
5.0
–4.0
0.0
3.0
4.0
–3.0
–2.0
–1.0
1.0
2.0
TA = +25
oC
Figure 1. RON as a Function of VD (VS): Dual Supply Voltage
50
45
0
–5.0
5.0
–4.0
0.0
3.0
4.0
25
15
10
5
40
30
20
35
–3.0
–2.0
–1.0
1.0
2.0
VD (VS) – Volts
VDD = +5V
VSS = –5V
+125oC
+85oC
+25oC
Figure 2. RON as a Function of VD (VS) for Different
Temperatures
100
90
0
0.0
3.0
0.5
1.5
50
30
20
10
80
60
40
70
1.0
2.5
2.0
VDD = +3V
VSS = 0V
+125oC
+85oC
+25oC
VD (VS) – Volts
Figure 3. RON as a Function of VD (VS) for Different
Temperatures
ADG608/ADG609–Typical Performance Characteristics
100
90
0
0.0
5.0
0.5
2.5
4.0
4.5
50
30
20
10
80
60
40
70
1.0
1.5
2.0
3.0
3.5
VD (VS) – Volts
VDD = +3V
VSS = 0V
VDD = +5V
VSS = 0V
TA = +25
oC
Figure 4. RON as a Function of VD (VS): Single Supply Voltage
100
90
0
0.0
5.0
0.5
2.5
4.0
4.5
50
30
20
10
80
60
40
70
1.0
1.5
2.0
3.0
3.5
VD (VS) – Volts
VDD = +5V
VSS = 0V
+125oC
+85oC
+25oC
Figure 5. RON as a Function of VD (VS) for Different
Temperatures
VS, VD – Volts
0.03
0.00
–0.03
–5
5
–4
–3
–2
–1
0
1
2
3
4
0.02
0.01
–0.01
–0.02
ID(OFF)
ID(ON)
IS(OFF)
VDD = +5V
VSS = –5V
TA = +25
oC
Figure 6. Leakage Currents as a Function of VD (VS)


Similar Part No. - ADG609BN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG609BN AD-ADG609BN Datasheet
158Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609BN AD-ADG609BN Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609BN AD-ADG609BN Datasheet
109Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609BN AD-ADG609BN Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609BN AD-ADG609BN Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
More results

Similar Description - ADG609BN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG608BRZ-REEL AD-ADG608BRZ-REEL Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608TRUZ AD-ADG608TRUZ Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609BNZ AD-ADG609BNZ Datasheet
109Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608BNZ AD-ADG608BNZ Datasheet
109Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609BRZ AD-ADG609BRZ Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608 AD-ADG608 Datasheet
158Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609 AD-ADG609_15 Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609BNZ AD-ADG609BNZ Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608BRUZ AD-ADG608BRUZ Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608BRZ AD-ADG608BRZ Datasheet
109Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com