Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4380VT Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AK4380VT
Description  100dB 24BIT 96kHz 2CH DAC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4380VT Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AK4380VT Datasheet HTML 1Page - Asahi Kasei Microsystems AK4380VT Datasheet HTML 2Page - Asahi Kasei Microsystems AK4380VT Datasheet HTML 3Page - Asahi Kasei Microsystems AK4380VT Datasheet HTML 4Page - Asahi Kasei Microsystems AK4380VT Datasheet HTML 5Page - Asahi Kasei Microsystems AK4380VT Datasheet HTML 6Page - Asahi Kasei Microsystems AK4380VT Datasheet HTML 7Page - Asahi Kasei Microsystems AK4380VT Datasheet HTML 8Page - Asahi Kasei Microsystems AK4380VT Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
ASAHI KASEI
[AK4380]
MS0018-E-01
2000/8
- 5 -
FILTER CHARACTERISTICS
(Ta = 25
°C; VDD = 4.5 ∼ 5.5V; fs = 44.1kHz; DEM0 = “1”, DEM1 = “0”)
Parameter
Symbol
min
typ
max
Units
Digital filter
Passband
±0.05dB
(Note 7)
-6.0dB
PB
0
-
22.05
20.0
-
kHz
kHz
Stopband
(Note 7)
SB
24.25
kHz
Passband Ripple
PR
± 0.02
dB
Stopband Attenuation
SA
54
dB
Group Delay
(Note 8)
GD
-
19.1
-
1/fs
Digital Filter + LPF
Frequency Response
0
∼ 20.0kHz
40.0kHz
FR
-
-
± 0.2
± 0.3
-
-
dB
dB
Notes: 7. The passband and stopband frequencies scale with fs (system sampling rate).
For example, PB=0.4535×fs (@
±0.05dB), SB=0.546×fs.
8. The calculating delay time which occurred by digital filtering. This time is from setting the 16/24bit data of both
channels to input register to the output of analog signal.
DIGITAL CHARACTERISTICS
(Ta = 25
°C; VDD = 4.5 ∼ 5.5V)
Parameter
Symbol
min
typ
max
Units
High-Level Input Voltage
Low-Level Input Voltage
VIH
VIL
2.2
-
-
-
-
0.8
V
V
High-Level Output Voltage
(Iout = -80µA)
Low-Level Output Voltage
(Iout = 80µA)
VOH
VOL
VDD-0.4
-
--
0.4
V
V
Input Leakage Current
(Note 9)
Iin
-
-
± 10
µA
Note: 9. P/S pin has internal pull-up device, normally 100k
Ω.


Similar Part No. - AK4380VT

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4381 AKM-AK4381 Datasheet
232Kb / 21P
   108DB 192KHZ 24-BIT 2CH DAC
AK4381VT AKM-AK4381VT Datasheet
232Kb / 21P
   108DB 192KHZ 24-BIT 2CH DAC
AK4382 AKM-AK4382 Datasheet
251Kb / 21P
   112dB 192kHz 24-BIT SCH DAC
AK4382 AKM-AK4382 Datasheet
409Kb / 26P
   EVALUATION BOARD REV.A FOR AK4382
AK4382A AKM-AK4382A Datasheet
246Kb / 21P
   112dB 192kHz 24-Bit 2ch DAC
More results

Similar Description - AK4380VT

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4386ET AKM-AK4386ET Datasheet
237Kb / 18P
   100dB 96kHz 24-Bit 2ch ?誇 DAC
AK4386 AKM-AK4386 Datasheet
129Kb / 16P
   100DB 96KHZ 24 BIT 2CH
AK4353 AKM-AK4353 Datasheet
254Kb / 33P
   96kHz 24BIT DAC WITH DIT
AK4324 AKM-AK4324 Datasheet
166Kb / 18P
   96kHz Sampling 24Bit DS DAC
AKD4380 AKM-AKD4380_04 Datasheet
230Kb / 21P
   96kHz sampling 24Bit?誇DAC
AK4363 AKM-AK4363 Datasheet
248Kb / 29P
   96kHz 24Bit DAC with PLL
AK4344 AKM-AK4344 Datasheet
553Kb / 24P
   100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC
AK4344 AKM-AK4344_10 Datasheet
413Kb / 25P
   100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC
AK7740ET AKM-AK7740ET Datasheet
281Kb / 48P
   24bit 2ch ADC 24bit 4ch DAC with Audio DSP
AK7742 AKM-AK7742 Datasheet
346Kb / 16P
   24bit 2ch ADC 24bit 4ch DAC with Audio DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com