Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24314EVM Datasheet(PDF) 5 Page - Texas Instruments

Part # BQ24314EVM
Description  OVERVOLTAGE AND OVERCURRENT PROTECTION IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24314EVM Datasheet(HTML) 5 Page - Texas Instruments

  BQ24314EVM Datasheet HTML 1Page - Texas Instruments BQ24314EVM Datasheet HTML 2Page - Texas Instruments BQ24314EVM Datasheet HTML 3Page - Texas Instruments BQ24314EVM Datasheet HTML 4Page - Texas Instruments BQ24314EVM Datasheet HTML 5Page - Texas Instruments BQ24314EVM Datasheet HTML 6Page - Texas Instruments BQ24314EVM Datasheet HTML 7Page - Texas Instruments BQ24314EVM Datasheet HTML 8Page - Texas Instruments BQ24314EVM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
www.ti.com
TERMINAL FUNCTIONS
NC
VSS
FAULT
IN
OUT
CE
1
2
3
6
8
7
4
5
VBAT
ILIM
bq24314DSG
bq24316DSG
FAULT
NC
VSS
CE
3
4
5
8
10
9
6
7
VBAT
ILIM
2
IN
1
NC
12
OUT
11
bq24314DSJ
bq24316DSJ
IN
NC
OUT
bq24314
bq24316
SLUS763C – JULY 2007 – REVISED OCTOBER 2007
TERMINAL
I/O
DESCRIPTION
NAME
DSJ
DSG
1, 2
1
I
Input power, connect to external DC supply. Connect external 1
μF ceramic capacitor (minimum) to
IN
VSS. For the 12 pin (DSJ-suffix) device, ensure that pins 1 and 2 are connected together on the
PCB at the device.
OUT
10, 11
8
O
Output terminal to the charging system. Connect external 1
μF ceramic capacitor (minimum) to VSS.
VBAT
8
6
I
Battery voltage sense input. Connect to pack positive terminal through a resistor.
9
7
I/O
Input overcurrent threshold programming. Connect a resistor to VSS to set the overcurrent
ILIM
threshold.
CE
7
5
I
Chip enable input. Active low. When CE = High, the input FET is off. Internally pulled down.
Open-drain output, device status. FAULT = Low indicates that the input FET Q1 has been turned off
FAULT
4
4
O
due to input overvoltage, input overcurrent, battery overvoltage, or thermal shutdown.
VSS
3
2
Ground terminal
These pins may have internal circuits used for test purposes. Do not make any external connections
NC
5, 6, 12
3
at these pins for normal operation.
There is an internal electrical connection between the exposed thermal pad and the VSS pin of the
Thermal
device. The thermal pad must be connected to the same potential as the VSS pin on the printed
PAD
circuit board. Do not use the thermal pad as the primary ground input for the device. The VSS pin
must be connected to ground at all times.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): bq24314 bq24316


Similar Part No. - BQ24314EVM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24314 TI-BQ24314 Datasheet
380Kb / 13P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314 TI-BQ24314 Datasheet
1Mb / 25P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314A TI-BQ24314A Datasheet
856Kb / 21P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314A TI1-BQ24314A Datasheet
630Kb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314A TI1-BQ24314A Datasheet
630Kb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
More results

Similar Description - BQ24314EVM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24314 TI-BQ24314_1 Datasheet
1Mb / 25P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314 TI-BQ24314 Datasheet
380Kb / 13P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24300 TI-BQ24300_08 Datasheet
872Kb / 23P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24308 TI-BQ24308 Datasheet
1Mb / 24P
[Old version datasheet]   Overvoltage and Overcurrent Protection IC and Li Charger Front-End Protection IC
BQ24312 TI-BQ24312 Datasheet
868Kb / 21P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314ADSGT TI1-BQ24314ADSGT Datasheet
630Kb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24300 TI-BQ24300 Datasheet
836Kb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24315 TI-BQ24315 Datasheet
1Mb / 20P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24313 TI-BQ24313 Datasheet
1Mb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314A TI-BQ24314A Datasheet
856Kb / 21P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com