Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHCT14BQ Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74AHCT14BQ
Description  Hex inverting Schmitt trigger
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT14BQ Datasheet(HTML) 3 Page - NXP Semiconductors

  74AHCT14BQ Datasheet HTML 1Page - NXP Semiconductors 74AHCT14BQ Datasheet HTML 2Page - NXP Semiconductors 74AHCT14BQ Datasheet HTML 3Page - NXP Semiconductors 74AHCT14BQ Datasheet HTML 4Page - NXP Semiconductors 74AHCT14BQ Datasheet HTML 5Page - NXP Semiconductors 74AHCT14BQ Datasheet HTML 6Page - NXP Semiconductors 74AHCT14BQ Datasheet HTML 7Page - NXP Semiconductors 74AHCT14BQ Datasheet HTML 8Page - NXP Semiconductors 74AHCT14BQ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
74AHC_AHCT14_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 4 May 2009
3 of 16
NXP Semiconductors
74AHC14; 74AHCT14
Hex inverting Schmitt trigger
5.
Pinning information
5.1 Pinning
5.2 Pin description
(1) The die substrate is attached to this pad using
conductive die attach material. It can not be used as a
supply pin or input.
Fig 4.
Pin configuration SO14 and TSSOP14
Fig 5.
Pin configuration DHVQFN14
14
1A
VCC
1Y
6A
2A
6Y
2Y
5A
3A
5Y
3Y
4A
GND
4Y
001aac498
1
2
3
4
5
6
7
8
10
9
12
11
14
13
001aac499
14
GND(1)
Transparent top view
3Y
4A
3A
5Y
2Y
5A
2A
6Y
1Y
6A
6
9
5
10
4
11
3
12
2
13
terminal 1
index area
Table 2.
Pin description
Symbol
Pin
Description
1A
1
data input 1
1Y
2
data output 1
2A
3
data input 2
2Y
4
data output 2
3A
5
data input 3
3Y
6
data output 3
GND
7
ground (0 V)
4Y
8
data output 4
4A
9
data input 4
5Y
10
data output 5
5A
11
data input 5
6Y
12
data output 6
6A
13
data input 6
VCC
14
supply voltage


Similar Part No. - 74AHCT14BQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHCT14BQ NXP-74AHCT14BQ Datasheet
123Kb / 16P
   Hex inverting Schmitt trigger
Rev. 05-4 May 2009
logo
Nexperia B.V. All right...
74AHCT14BQ NEXPERIA-74AHCT14BQ Datasheet
282Kb / 16P
   Hex inverting Schmitt trigger
Rev. 6 - 16 June 2020
74AHCT14BQ-Q100 NEXPERIA-74AHCT14BQ-Q100 Datasheet
849Kb / 17P
   Hex inverting Schmitt trigger
More results

Similar Description - 74AHCT14BQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC14 PHILIPS-74ALVC14 Datasheet
92Kb / 16P
   Hex inverting Schmitt trigger
Rev. 03-15 February 2005
logo
Fairchild Semiconductor
MM74HC14 FAIRCHILD-MM74HC14 Datasheet
91Kb / 8P
   Hex Inverting Schmitt Trigger
MM74HCT14 FAIRCHILD-MM74HCT14 Datasheet
87Kb / 6P
   Hex Inverting Schmitt Trigger
logo
NXP Semiconductors
74AHC14 PHILIPS-74AHC14 Datasheet
103Kb / 16P
   Hex inverting Schmitt trigger
1999 Sep 27
74AHC14D-T NXP-74AHC14D-T Datasheet
123Kb / 16P
   Hex inverting Schmitt trigger
Rev. 05-4 May 2009
74AHC_AHCT14 PHILIPS-74AHC_AHCT14_15 Datasheet
123Kb / 16P
   Hex inverting Schmitt trigger
Rev. 05-4 May 2009
logo
Nexperia B.V. All right...
74HC14-Q100 NEXPERIA-74HC14-Q100 Datasheet
271Kb / 17P
   Hex inverting Schmitt trigger
Rev. 7 - 13 August 2021
74LV14 NEXPERIA-74LV14 Datasheet
259Kb / 15P
   Hex inverting Schmitt trigger
Rev. 9 - 14 September 2021
74LV14A NEXPERIA-74LV14A Datasheet
239Kb / 13P
   Hex inverting Schmitt trigger
Rev. 4 - 29 April 2021
logo
NXP Semiconductors
74HCT14 PHILIPS-74HCT14 Datasheet
120Kb / 23P
   Hex inverting Schmitt trigger
2003 Oct 30
logo
Fairchild Semiconductor
MM74HCT14 FAIRCHILD-MM74HCT14_05 Datasheet
94Kb / 7P
   Hex Inverting Schmitt Trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com