Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-21065LCCA-240 Datasheet(PDF) 2 Page - Analog Devices

Part # ADSP-21065LCCA-240
Description  DSP Microcomputer
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21065LCCA-240 Datasheet(HTML) 2 Page - Analog Devices

  ADSP-21065LCCA-240 Datasheet HTML 1Page - Analog Devices ADSP-21065LCCA-240 Datasheet HTML 2Page - Analog Devices ADSP-21065LCCA-240 Datasheet HTML 3Page - Analog Devices ADSP-21065LCCA-240 Datasheet HTML 4Page - Analog Devices ADSP-21065LCCA-240 Datasheet HTML 5Page - Analog Devices ADSP-21065LCCA-240 Datasheet HTML 6Page - Analog Devices ADSP-21065LCCA-240 Datasheet HTML 7Page - Analog Devices ADSP-21065LCCA-240 Datasheet HTML 8Page - Analog Devices ADSP-21065LCCA-240 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
REV. C
ADSP-21065L
–2–
544 Kbits Configurable On-Chip SRAM
Dual-Ported for Independent Access by Core Processor
and DMA
Configurable in Combinations of 16-, 32-, 48-Bit Data and
Program Words in Block 0 and Block 1
DMA Controller
Ten DMA Channels—Two Dedicated to the External Port
and Eight Dedicated to the Serial Ports
Background DMA Transfers at up to 66 MHz, in Parallel
with Full Speed Processor Execution
Performs Transfers Between:
Internal RAM and Host
Internal RAM and Serial Ports
Internal RAM and Master or Slave SHARC
Internal RAM and External Memory or I/O Devices
External Memory and External Devices
Host Processor Interface
Efficient Interface to 8-, 16-, and 32-Bit Microprocessors
Host Can Directly Read/Write ADSP-21065L IOP Registers
Multiprocessing
Distributed On-Chip Bus Arbitration for Glueless, Parallel
Bus Connect Between Two ADSP-21065Ls Plus Host
132 Mbytes/s Transfer Rate Over Parallel Bus
Serial Ports
Independent Transmit and Receive Functions
Programmable 3-Bit to 32-Bit Serial Word Width
I2S Support Allowing Eight Transmit and Eight Receive
Channels
Glueless Interface to Industry Standard Codecs
TDM Multichannel Mode with
-Law/A-Law Hardware
Companding
Multichannel Signaling Protocol


Similar Part No. - ADSP-21065LCCA-240

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21065LCCA-240 AD-ADSP-21065LCCA-240 Datasheet
488Kb / 44P
   DSP Microcomputer
REV. C
ADSP-21065LCCA-240 AD-ADSP-21065LCCA-240 Datasheet
488Kb / 44P
   DSP Microcomputer
REV. C
ADSP-21065LCCA-240 AD-ADSP-21065LCCA-240 Datasheet
427Kb / 44P
   DSP Microcomputer
REV. C
More results

Similar Description - ADSP-21065LCCA-240

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2185L AD-ADSP-2185L Datasheet
223Kb / 31P
   DSP Microcomputer
ADSP-2186M AD-ADSP-2186M Datasheet
288Kb / 40P
   DSP Microcomputer
REV. 0
ADSP-2183 AD-ADSP-2183 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2184 AD-ADSP-2184 Datasheet
213Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184L AD-ADSP-2184L Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184 AD-ADSP-2184_15 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2185 AD-ADSP-2185_15 Datasheet
291Kb / 32P
   DSP Microcomputer
REV. 0
ADSP-2189M AD-ADSP-2189M_15 Datasheet
244Kb / 32P
   DSP Microcomputer
REV. A
ADSP-21065L AD-ADSP-21065L Datasheet
488Kb / 44P
   DSP Microcomputer
REV. C
ADSP-2186BSTZ-160 AD-ADSP-2186BSTZ-160 Datasheet
261Kb / 36P
   DSP Microcomputer
REV. B
ADSP-2184BSTZ-160 AD-ADSP-2184BSTZ-160 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com