Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4394VF Datasheet(PDF) 2 Page - Asahi Kasei Microsystems

Part # AK4394VF
Description  ADVANCED MULTI-BIT 192KHZ 24-BIT DAC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4394VF Datasheet(HTML) 2 Page - Asahi Kasei Microsystems

  AK4394VF Datasheet HTML 1Page - Asahi Kasei Microsystems AK4394VF Datasheet HTML 2Page - Asahi Kasei Microsystems AK4394VF Datasheet HTML 3Page - Asahi Kasei Microsystems AK4394VF Datasheet HTML 4Page - Asahi Kasei Microsystems AK4394VF Datasheet HTML 5Page - Asahi Kasei Microsystems AK4394VF Datasheet HTML 6Page - Asahi Kasei Microsystems AK4394VF Datasheet HTML 7Page - Asahi Kasei Microsystems AK4394VF Datasheet HTML 8Page - Asahi Kasei Microsystems AK4394VF Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
ASAHI KASEI
[AK4394]
M0081-E-00
1999/11
- 2 -
n Ordering Guide
AK4394VF
-40 ~ +85
°C
28pin VSOP (0.65mm pitch)
AKD4394
Evaluation Board
n
n
n
n Pin Layout
6
5
4
3
2
1
DVSS
DVDD
PDN
MCLK
BICK
SDATA
LRCK
7
SMUTE/CSN
8
CKS2/DZFR
CKS1
CKS0/DZFL
P/S
VCOM
AOUTL
+
AOUTL-
AOUTR+
Top
View
10
9
DFS0
DEM0/CCLK
DEM1/CDTI
11
DIF0
12
AOUTR-
AVSS
AVDD
VREFH
23
24
25
26
27
28
22
21
19
20
18
17
13
14
16
15
DIF1
DIF2
VREFL
BVSS
n
n
n
n Pin Compatibility with AK4393
AK4393
AK4394
fs (max)
108kHz
216kHz
slow roll-off filter
not available
available
zero detection
not available
available
DVDD
3~5.25V
4.75~5.25V
pin #26 (serial mode)
CKS0
DZFL
pin #28 (serial mode)
CKS2
DZFR
Control register : 01H D4
0
DFS1
Control register : 01H D5
0
SLOW
Control register : 01H D6
0
DZFM
Control register : 01H D7
0
DZFE


Similar Part No. - AK4394VF

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4390 AKM-AK4390 Datasheet
444Kb / 32P
   Ultra Low Latency 32-Bit ?誇 DAC
AK4390EF AKM-AK4390EF Datasheet
444Kb / 32P
   Ultra Low Latency 32-Bit ?誇 DAC
AK4392 AKM-AK4392 Datasheet
565Kb / 41P
   High Performance 120dB Premium 32-Bit DAC
AK4392EQ AKM-AK4392EQ Datasheet
565Kb / 41P
   High Performance 120dB Premium 32-Bit DAC
AK4393 AKM-AK4393 Datasheet
235Kb / 22P
   ADVANCED MULTI-BIT 96KHZ 24-BIT DAC
More results

Similar Description - AK4394VF

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4395 AKM-AK4395 Datasheet
277Kb / 26P
   ADVANCED MULTI-BIT 192KHZ 24-BIT DAC
AK4396 AKM-AK4396 Datasheet
423Kb / 38P
   Advanced Multi-Bit 192kHz 24-Bit ?誇 DAC
AK4396VF AKM-AK4396VF Datasheet
541Kb / 38P
   Advanced Multi-Bit 192kHz 24-Bit
AK4393 AKM-AK4393 Datasheet
235Kb / 22P
   ADVANCED MULTI-BIT 96KHZ 24-BIT DAC
logo
Wolfson Microelectronic...
WM8741 WOLFSON-WM8741_09 Datasheet
862Kb / 64P
   24-bit 192kHz DAC with Advanced Digital Filtering
logo
Cirrus Logic
WM8741 CIRRUS-WM8741 Datasheet
898Kb / 66P
   24-bit 192kHz DAC with Advanced Digital Filtering
logo
Wolfson Microelectronic...
WM8741 WOLFSON-WM8741 Datasheet
903Kb / 63P
   24-bit 192kHz DAC with Advanced Digital Filtering
WM8727 WOLFSON-WM8727_06 Datasheet
156Kb / 16P
   24-bit 192kHz Stereo DAC
WM8762 WOLFSON-WM8762_06 Datasheet
164Kb / 15P
   24-bit 192kHz Stereo DAC
WM8729 WOLFSON-WM8729 Datasheet
169Kb / 15P
   24-bit, 192kHz Stereo DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com