Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4516AVF Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AK4516AVF
Description  3V 16BIT ADC&DAC WITH BUILT-IN PGA
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4516AVF Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AK4516AVF Datasheet HTML 1Page - Asahi Kasei Microsystems AK4516AVF Datasheet HTML 2Page - Asahi Kasei Microsystems AK4516AVF Datasheet HTML 3Page - Asahi Kasei Microsystems AK4516AVF Datasheet HTML 4Page - Asahi Kasei Microsystems AK4516AVF Datasheet HTML 5Page - Asahi Kasei Microsystems AK4516AVF Datasheet HTML 6Page - Asahi Kasei Microsystems AK4516AVF Datasheet HTML 7Page - Asahi Kasei Microsystems AK4516AVF Datasheet HTML 8Page - Asahi Kasei Microsystems AK4516AVF Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
ASAHI KASEI
[AK4516A]
M0026-E-00
1998/08
- 4 -
PIN/FUNCTION
No.
Pin Name
I/O
Function
1
AGND
-
Analog Ground pin
2
VA
-
Analog Power Supply Pin, +3V
3
RIN1
I
Rch #1 input pin
4
LIN1
I
Lch #1 input pin
5
RIN2
I
Rch #2 input pin
6
LIN2
I
Lch #2 input pin
7
PD
I
Reset & Power down Pin
8
MCLK
I
Master Clock Input Pin
9
LRCK
I
Input/Output Channel Clock Pin
10
BCLK
I
Audio Serial Data Clock Pin
11
SDTO
O
Audio Serial Data Output Pin
12
SDTI
I
Audio Serial Data Input Pin
13
DGND
-
Digital Ground Pin
14
VD
-
Digital Power Supply Pin, +3V
15
CS
I
Chip Select Pin
16
CCLK
I
Control Clock Input Pin
17
CDTO
O
Control Data Output Pin
18
CDTI
I
Control Data Input Pin
19
DZF
O
Zero Detect Pin
20
LOUT
O
Lch analog output pin
21
ROUT
O
Rch analog output pin
22
VCML
O
Lch Common Voltage Output Pin, 0.5 x VA
Don't be connected with external circuit.
23
VCMR
O
Rch Common Voltage Output Pin, 0.5 x VA
Don't be connected with external circuit.
24
VCOM
O
Common Voltage Output Pin, 0.5 x VA
Don't be connected with external circuit.


Similar Part No. - AK4516AVF

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4516A AKM-AK4516A Datasheet
951Kb / 18P
   EVALUATION BOARD REV.A FOR AK4516A
More results

Similar Description - AK4516AVF

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4563A AKM-AK4563A Datasheet
359Kb / 39P
   Low Power 16bit 4ch ADC & 2ch DAC with ALC
logo
Wolfson Microelectronic...
WM8200 WOLFSON-WM8200 Datasheet
161Kb / 15P
   40MSPS ADC with PGA
logo
Asahi Kasei Microsystem...
AK7712A-VT AKM-AK7712A-VT Datasheet
968Kb / 87P
   Built-in 20-bit ADC/DAC Sophisticated Audio DSP
logo
Rohm
BD9406KS2 ROHM-BD9406KS2 Datasheet
886Kb / 38P
   28bit Audio DSP with Built-in 2ch ADC, 6ch DAC and ASRC
logo
Analog Devices
AD7192 AD-AD7192_17 Datasheet
559Kb / 41P
   Sigma-Delta ADC with PGA
logo
Asahi Kasei Microsystem...
AK4365 AKM-AK4365 Datasheet
393Kb / 38P
   DAC with built-in PLL & HP-AMP
AK4372 AKM-AK4372 Datasheet
1Mb / 62P
   DAC with built-in PLL & HP-AMP
logo
Rohm
BD7851FP ROHM-BD7851FP Datasheet
569Kb / 3P
   LED driver IC with built-in 16bit shift register
logo
Asahi Kasei Microsystem...
AK4368EG AKM-AK4368EG Datasheet
800Kb / 60P
   DAC with built-in PLL & HP-AMP
AK4371 AKM-AK4371 Datasheet
870Kb / 62P
   DAC with built-in PLL & HP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com