Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4520A-VF Datasheet(PDF) 3 Page - Asahi Kasei Microsystems

Part # AK4520A-VF
Description  100dB 20Bit Stereo ADC & DAC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4520A-VF Datasheet(HTML) 3 Page - Asahi Kasei Microsystems

  AK4520A-VF Datasheet HTML 1Page - Asahi Kasei Microsystems AK4520A-VF Datasheet HTML 2Page - Asahi Kasei Microsystems AK4520A-VF Datasheet HTML 3Page - Asahi Kasei Microsystems AK4520A-VF Datasheet HTML 4Page - Asahi Kasei Microsystems AK4520A-VF Datasheet HTML 5Page - Asahi Kasei Microsystems AK4520A-VF Datasheet HTML 6Page - Asahi Kasei Microsystems AK4520A-VF Datasheet HTML 7Page - Asahi Kasei Microsystems AK4520A-VF Datasheet HTML 8Page - Asahi Kasei Microsystems AK4520A-VF Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
ASAHI KASEI
[AK4520A]
0163-E-00
1997/3
- 3 -
PIN/FUNCTION
No.
Pin Name
I/O
Function
1
VREFH
I
Positive Voltage Reference Input Pin, VA
Used as a positive voltage reference by ADC & DAC. VREFH is connected
externally to filtered VA.
2
VREFL
I
Negative Voltage Reference Input Pin, AGND
Used as a negative voltage reference by ADC & DAC. VREFL is connected
externally to AGND.
3
AINR+
I
Rch Analog Positive Input pin
4
AINR-
I
Rch Analog Negative Input Pin
5
AINL+
I
Lch Analog Positive Input pin
6
AINL-
I
Lch Analog Negative Input Pin
7
VA
-
Analog Power Supply Pin
8
AGND
-
Analog Ground pin
9
DIF0
I
Audio Data Interface Format Pin
10
DIF1
I
Audio Data Interface Format Pin
11
LRCK
I
Input/Output Channel Clock Pin
12
SCLK
I
Audio Serial Data Clock Pin
13
SDTI
I
Audio Serial Data Input Pin
14
SDTO
O
Audio Serial Data Output Pin
15
MCLK
I
Master Clock Input Pin
16
DEM0
I
De-emphasis Frequency Select Pin
17
DEM1
I
De-emphasis Frequency Select Pin
18
19
20
TST3
TST2
TST1
I/O
I/O
I
Test Pins (Pull down pins)
Must be left open or connected to DGND.
21
VD
-
Digital Power Supply Pin
22
DGND
-
Digital Ground Pin
23
PWDA
I
DAC Power-Down Mode Pin
24
PWAD
I
ADC Power-Down Mode Pin
25
CMODE
I
Master Clock Select Pin
"H": 384fs, "L": 256fs
26
AOUTL
O
Lch analog output pin
27
AOUTR
O
Rch analog output pin
28
VCOM
O
Common Voltage Output Pin, VA/2
Note: All input pins except pull-down pins should not be left floating.


Similar Part No. - AK4520A-VF

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4520A AKM-AK4520A Datasheet
2Mb / 36P
   EVALUATION BOARD REV.B FOR AK4520A
More results

Similar Description - AK4520A-VF

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4522 AKM-AK4522 Datasheet
134Kb / 18P
   20BIT STEREO ADC & DAC
AK4523 AKM-AK4523 Datasheet
161Kb / 20P
   20BIT STEREO ADC & DAC
AK4522 AKM-AK4522_12 Datasheet
192Kb / 19P
   20Bit Stereo ?誇 ADC & DAC
AK4525 AKM-AK4525 Datasheet
152Kb / 18P
   20BIT STEREO ADC & DAC WITH X TAL OSC
AK4344 AKM-AK4344 Datasheet
553Kb / 24P
   100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC
AK4344 AKM-AK4344_10 Datasheet
413Kb / 25P
   100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC
AK4345 AKM-AK4345 Datasheet
659Kb / 26P
   100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC with DIT
AK4345 AKM-AK4345_10 Datasheet
488Kb / 27P
   100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC with DIT
AK5352 AKM-AK5352 Datasheet
174Kb / 19P
   96kHz Sampling 20bit ADC
logo
NXP Semiconductors
UDA1309H PHILIPS-UDA1309H Datasheet
150Kb / 24P
   Low-power stereo bitstream ADC/DAC
1998 Jan 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com