Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1275-3ARQZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADM1275-3ARQZ
Description  Hot-Swap Controller and Digital Power
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1275-3ARQZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADM1275-3ARQZ Datasheet HTML 7Page - Analog Devices ADM1275-3ARQZ Datasheet HTML 8Page - Analog Devices ADM1275-3ARQZ Datasheet HTML 9Page - Analog Devices ADM1275-3ARQZ Datasheet HTML 10Page - Analog Devices ADM1275-3ARQZ Datasheet HTML 11Page - Analog Devices ADM1275-3ARQZ Datasheet HTML 12Page - Analog Devices ADM1275-3ARQZ Datasheet HTML 13Page - Analog Devices ADM1275-3ARQZ Datasheet HTML 14Page - Analog Devices ADM1275-3ARQZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
Data Sheet
ADM1275
Rev. D | Page 11 of 48
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
UV
VCAP
ISET
ADR
TIMER
SS
VCC
SENSE–
GATE
GND
SCL
GPO1/ALERT1/CONV
SDA
PWRGD
FLB
SENSE+
ADM1275-2
TOP VIEW
(Not to Scale)
Figure 5. ADM1275-2 Pin Configuration
Table 6. ADM1275-2 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VCC
Positive Supply Input Pin. An undervoltage lockout (UVLO) circuit resets the device when a low
supply voltage is detected. GATE is held low when the supply is below UVLO. During normal
operation, this pin should remain greater than or equal to SENSE+ to ensure that specifications
are adhered to. No sequencing is required.
2
UV
Undervoltage Input Pin. An external resistor divider is used from the supply to this pin to allow
an internal comparator to detect whether the supply is under the UV limit.
3
VCAP
Internal Regulated Supply. A capacitor with a value of 1 μF or greater should be placed on this pin
to maintain good accuracy. This pin can be used as a reference to program the ISET pin voltage.
4
ISET
This pin allows the current limit threshold to be programmed. The default limit is set when this
pin is connected directly to VCAP. To achieve a user-defined sense voltage, the current limit can
be adjusted using a resistor divider from VCAP. An external reference can also be used.
5
SS
Soft Start Pin. A capacitor is used on this pin to set the soft start ramp profile. The voltage on the
SS pin controls the current sense voltage limit, which controls the inrush current profile.
6
TIMER
Timer Pin. An external capacitor, CTIMER, sets an initial timing cycle delay and a fault delay. The
GATE pin is pulled low when the voltage on the TIMER pin exceeds the upper threshold.
7
ADR
PMBus Address Pin. This pin can be tied to GND, tied to VCAP, left floating, or tied low through a
resistor to set four different PMBus addresses (see the Device Addressing section).
8
GPO1/ALERT1/CONV
General-Purpose Digital Output (GPO1).
Alert (ALERT1). This pin can be configured to generate an alert signal when one or more fault or
warning conditions are detected.
Conversion (CONV). This pin can be used as an input signal to control when a power monitor
ADC sampling cycle begins.
At power-up, this pin defaults to a high impedance state. There is no internal pull-up on this pin.
9
SDA
Serial Data Input/Output Pin. Open-drain input/output. Requires an external resistive pull-up.
10
SCL
Serial Clock Pin. Open-drain input. Requires an external resistive pull-up.
11
PWRGD
Power-Good Signal. Used to indicate that the supply is within tolerance. This signal is based on
the voltage present on the FLB pin.
12
FLB
Foldback Pin. A foldback resistor divider is placed from the source of the FET to this pin. Foldback
is used to reduce the current limit when the source voltage drops. The foldback feature ensures
that the power through the FET is not increased beyond the SOA limits.
13
GND
Chip Ground Pin.
14
GATE
Gate Output Pin. This pin is the high-side gate drive of an external N-channel FET. This pin is
driven by the FET drive controller, which uses a charge pump to provide a pull-up current to
charge the FET gate pin. The FET drive controller regulates to a maximum load current by
regulating the GATE pin. GATE is held low when the supply is below UVLO.
15
SENSE−
Negative Current Sense Input Pin. A sense resistor between the SENSE+ pin and the SENSE− pin
sets the analog current limit. The hot-swap operation of the ADM1275 controls the external FET
gate to maintain the sense voltage (VSENSE+ − VSENSE−). This pin also connects to the FET drain pin.
16
SENSE+
Positive Current Sense Input Pin. This pin connects to the main supply input. A sense resistor
between the SENSE+ pin and the SENSE− pin sets the analog current limit. The hot-swap operation
of the ADM1275 controls the external FET gate to maintain the sense voltage (VSENSE+ − VSENSE−).
This pin is also used to measure the supply input voltage using the ADC.


Similar Part No. - ADM1275-3ARQZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1270 AD-ADM1270 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ACPZ-R2 AD-ADM1270ACPZ-R2 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ACPZ-R7 AD-ADM1270ACPZ-R7 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ARQZ AD-ADM1270ARQZ Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ARQZ-R7 AD-ADM1270ARQZ-R7 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
More results

Similar Description - ADM1275-3ARQZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1075 AD-ADM1075 Datasheet
745Kb / 52P
   ??8 V Hot Swap Controller and Digital
REV. A
logo
Maxim Integrated Produc...
MAX5042 MAXIM-MAX5042_V01 Datasheet
1Mb / 22P
   Power MOSFETs and Hot-Swap Controller
2014
logo
Analog Devices
ADM1178 AD-ADM1178 Datasheet
203Kb / 16P
   Hot Swap Controller and Digital Power Monitor with AlertB Output
Rev. PrD May 2006
ADM1175 AD-ADM1175 Datasheet
693Kb / 24P
   Hot Swap Controller and Digital Power Monitor with Convert Pin
REV. 0
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
LTC1421 LINER-LTC1421 Datasheet
464Kb / 24P
   Hot Swap Controller
LTC4218 LINER-LTC4218 Datasheet
192Kb / 16P
   Hot Swap Controller
logo
Summit Microelectronics...
SMH4803 SUMMIT-SMH4803 Datasheet
178Kb / 22P
   Distributed Power Hot-Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com